Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS65810 Datasheet(PDF) 2 Page - Texas Instruments

Part # TPS65810
Description  SINGLE-CELL Li-ION BATTERY- AND POWER-MANAGEMENT IC
Download  100 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS65810 Datasheet(HTML) 2 Page - Texas Instruments

  TPS65810_14 Datasheet HTML 1Page - Texas Instruments TPS65810_14 Datasheet HTML 2Page - Texas Instruments TPS65810_14 Datasheet HTML 3Page - Texas Instruments TPS65810_14 Datasheet HTML 4Page - Texas Instruments TPS65810_14 Datasheet HTML 5Page - Texas Instruments TPS65810_14 Datasheet HTML 6Page - Texas Instruments TPS65810_14 Datasheet HTML 7Page - Texas Instruments TPS65810_14 Datasheet HTML 8Page - Texas Instruments TPS65810_14 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 100 page
background image
www.ti.com
DESCRIPTION
TPS65810
TPS65811
SLVS658B – MARCH 2006 – REVISED FEBRUARY 2007
This integrated circuit can be damaged by ESD. Texas Instruments recommends that all integrated circuits be handled with
appropriate precautions. Failure to observe proper handling and installation procedures can cause damage.
ESD damage can range from subtle performance degradation to complete device failure. Precision integrated circuits may be more
susceptible to damage because very small parametric changes could cause the device not to meet its published specifications.
The TPS65810 provides an easy to use, fully integrated solution for handheld devices, integrating charge
management, multiple regulated power supplies, system management and display functions, in a small
thermally-enhanced 8x8 package. The high level of integration enables typical board area space savings of 70%
when compared to equivalent discrete solutions, while implementing a high-performance and flexible solution,
portable across multiple platforms. If required, an external host may control the TPS65810 via I2C interface, with
access to all integrated systems. The I2C enables setting output voltages, current thresholds, and operation
modes. Internal registers have a complete set of status information, enabling easy diagnostics, and
host-controlled handling of fault conditions. The TPS65810 can operate in stand-alone mode, with no external
host control, if the internal power-up defaults are compatible with the system requirements
AVAILABLE OPTIONS(1)
TJ
DEVICES(2) (3) (4)
MARKING
–40
°C to 125°C
TPS65810RTQ
TPS65810
–40
°C to 125°C
TPS65811RTQ
TPS65811
(1)
For the most current package and ordering information, see the Package Option Addendum at the end
of this document, or see the TI Web site at www.ti.com.
(2)
The RTQ package is available in tape and reel. Add R suffix (TPS65810RTQR) to order quantities of
2000 parts per reel. Add T suffix (TPS65810RTQT) to order quantities of 250 parts per reel.
(3)
This product is RoHS compatible, including a lead concentration that does not exceed 0.1% of total
product weight, and is suitable for use in specified lead-free soldering processes. In addition, this
product uses package materials that do not contain halogens, including bromine (Br) or antimony (Sb)
above 0.1% of total product weight.
(4)
Other power-up sequences and default power-up states for the supplies can be implemented upon
request. Consult factory for available options
2
Submit Documentation Feedback
Copyright © 2006–2007, Texas Instruments Incorporated
Product Folder Link(s): TPS65810 TPS65811


Similar Part No. - TPS65810_14

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS65810RTQ TI-TPS65810RTQ Datasheet
1Mb / 94P
[Old version datasheet]   SINGLE-CELL Li-ION BATTERY- AND POWER-MANAGEMENT IC
TPS65810RTQ TI-TPS65810RTQ Datasheet
1Mb / 99P
[Old version datasheet]   SINGLE-CELL Li-ION BATTERY- AND POWER-MANAGEMENT IC
TPS65810RTQR TI-TPS65810RTQR Datasheet
1Mb / 99P
[Old version datasheet]   SINGLE-CELL Li-ION BATTERY- AND POWER-MANAGEMENT IC
TPS65810RTQRG4 TI-TPS65810RTQRG4 Datasheet
1Mb / 99P
[Old version datasheet]   SINGLE-CELL Li-ION BATTERY- AND POWER-MANAGEMENT IC
TPS65810RTQT TI-TPS65810RTQT Datasheet
1Mb / 99P
[Old version datasheet]   SINGLE-CELL Li-ION BATTERY- AND POWER-MANAGEMENT IC
More results

Similar Description - TPS65810_14

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS65810 TI-TPS65810 Datasheet
1Mb / 94P
[Old version datasheet]   SINGLE-CELL Li-ION BATTERY- AND POWER-MANAGEMENT IC
TPS65820 TI-TPS65820 Datasheet
1Mb / 94P
[Old version datasheet]   SINGLE-CELL Li-ION BATTERY- AND POWER-MANAGEMENT IC
TPS65810 TI-TPS65810_07 Datasheet
1Mb / 99P
[Old version datasheet]   SINGLE-CELL Li-ION BATTERY- AND POWER-MANAGEMENT IC
TPS65800 TI-TPS65800_07 Datasheet
2Mb / 98P
[Old version datasheet]   SINGLE-CELL Li-ION BATTERY- AND POWER-MANAGEMENT IC
logo
Shenzhen X-Powers Techn...
AXP192 XPOWER-AXP192 Datasheet
453Kb / 4P
   Single Cell Li-Battery and Power System Management IC
logo
AiT Semiconductor Inc.
A4006 AITSEMI-A4006 Datasheet
426Kb / 6P
   BATTERY MANAGEMENT SINGLE CELL LI-ION BATTERY INDICATOR CHIP
REV1.1
logo
List of Unclassifed Man...
AXP192 ETC2-AXP192 Datasheet
1Mb / 53P
   Enhanced single Cell Li-Battery and Power System Management IC
AXP173 ETC2-AXP173 Datasheet
1Mb / 45P
   Enhanced Single Cell Li-Battery and Power System Management IC
AXP199 ETC2-AXP199 Datasheet
1Mb / 50P
   Enhanced single Cell Li-Battery and Power System Management IC
AXP209 ETC2-AXP209 Datasheet
2Mb / 45P
   Enhanced single Cell Li-Battery and Power System Management IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com