Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS65810 Datasheet(PDF) 7 Page - Texas Instruments

Part # TPS65810
Description  SINGLE-CELL Li-ION BATTERY- AND POWER-MANAGEMENT IC
Download  100 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS65810 Datasheet(HTML) 7 Page - Texas Instruments

Back Button TPS65810_14 Datasheet HTML 3Page - Texas Instruments TPS65810_14 Datasheet HTML 4Page - Texas Instruments TPS65810_14 Datasheet HTML 5Page - Texas Instruments TPS65810_14 Datasheet HTML 6Page - Texas Instruments TPS65810_14 Datasheet HTML 7Page - Texas Instruments TPS65810_14 Datasheet HTML 8Page - Texas Instruments TPS65810_14 Datasheet HTML 9Page - Texas Instruments TPS65810_14 Datasheet HTML 10Page - Texas Instruments TPS65810_14 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 100 page
background image
www.ti.com
ELECTRICAL CHARACTERISTICS – SYSTEM SEQUENCING AND OPERATING MODES
TPS65810
TPS65811
SLVS658B – MARCH 2006 – REVISED FEBRUARY 2007
Over recommended operating conditions (typical values at TJ = 25°C), application circuit as in Figure 3 (unless otherwise
noted).
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
QUIESCENT CURRENT
BAT pin current, sleep
IBAT(SLEEP)
Input power not detected, V(BAT) = 4.2 V, Sleep mode set
400
µA
mode set
BAT pin current, charge
Charger function enabled by I2C, termination detected, input
IBAT(DONE)
3
µA
terminated
power detected and selected
BAT pin current, charge
Charger function disabled by I2C, termination not detected,
IBAT(CHGOFF)
3
µA
function OFF
input power detected and selected
Charger function disabled by I2C, termination not detected,
AC or USB pin current,
IINP(CHGOFF)
input power detected and selected. All integrated supplies
200
µA
charge function OFF
and drivers OFF, no load at OUT pin.
UNDERVOLTAGE LOCKOUT
Internal UVLO detection
NO POWER mode set at V(OUT) < VUVLO,
VUVLO
–3%
2.5
3%
V
threshold
V(OUT) decreasing
UVLO detection
VUVLO_HYS
V(OUT) increasing
120
mV
hysteresis
UVLO detection deglitch
tDGL(UVLO)
Falling voltage only
5
ms
time
SYSTEM LOW VOLTAGE THRESHOLD
Minimum system voltage
System voltage V(SYS_IN) decreasing, SLEEP mode set if
VLOW_SYS
0.97
1
1.03
V
detection threshold
V(SYS_IN) < VLOW_SYS
Minimum system voltage
VHYS(LOWSYS)
V(SYS_IN) increasing
50
mV
detection hysteresis
tDGL(LOWSYS)
Minimum system voltage
V(SYS_IN) decreasing
5
ms
detection deglitch time
THERMAL FAULT
TSHUT
Thermal shutdown
Increasing junction temperature
165
°C
Thermal shutdown
THYS(SHUT)
Decreasing junction temperature
30
°C
hysteresis
INTEGRATED SUPPLY POWER FAULT DETECTION
Power good fault
Falling output voltage, applies to all integrated supply outputs.
VPGOOD
84%
90%
96%
detection threshold
Referenced to the programmed output voltage value
Power good fault
Rising output voltage, applies to all integrated supply outputs.
VHYS(PGOOD)
3%
5%
7%
detection hysteresis
Referenced to VPGOOD threshold
HOT RESET FUNCTION
VHRSTON
Low level input voltage
RESET mode set at V(HOT_RESET) < VHRSTON
0.4
V
VHRSTOFF
High level input voltage
HOT reset not active at V(HOT_RESET) > VHRSTOFF
1.3
V
tDGL(HOTRST)
Hot reset input deglitch
5
ms
SYSTEM RESET – OPEN DRAIN OUTPUT RESPWRON
VRSTLO
Low level output voltage
IIL = 10 mA, V(RESPWRON ) < VRSTLO
0
0.3
V
ITRSTPWON
Pull-up current source
Internally connected to TRSTPWRON pin
0.9
1.0
1.2
µA
KRESET
Reset timer constant
TRESET = KRESET × CTRSTPWON
1
ms/nF
Copyright © 2006–2007, Texas Instruments Incorporated
Submit Documentation Feedback
7
Product Folder Link(s): TPS65810 TPS65811


Similar Part No. - TPS65810_14

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS65810RTQ TI-TPS65810RTQ Datasheet
1Mb / 94P
[Old version datasheet]   SINGLE-CELL Li-ION BATTERY- AND POWER-MANAGEMENT IC
TPS65810RTQ TI-TPS65810RTQ Datasheet
1Mb / 99P
[Old version datasheet]   SINGLE-CELL Li-ION BATTERY- AND POWER-MANAGEMENT IC
TPS65810RTQR TI-TPS65810RTQR Datasheet
1Mb / 99P
[Old version datasheet]   SINGLE-CELL Li-ION BATTERY- AND POWER-MANAGEMENT IC
TPS65810RTQRG4 TI-TPS65810RTQRG4 Datasheet
1Mb / 99P
[Old version datasheet]   SINGLE-CELL Li-ION BATTERY- AND POWER-MANAGEMENT IC
TPS65810RTQT TI-TPS65810RTQT Datasheet
1Mb / 99P
[Old version datasheet]   SINGLE-CELL Li-ION BATTERY- AND POWER-MANAGEMENT IC
More results

Similar Description - TPS65810_14

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS65810 TI-TPS65810 Datasheet
1Mb / 94P
[Old version datasheet]   SINGLE-CELL Li-ION BATTERY- AND POWER-MANAGEMENT IC
TPS65820 TI-TPS65820 Datasheet
1Mb / 94P
[Old version datasheet]   SINGLE-CELL Li-ION BATTERY- AND POWER-MANAGEMENT IC
TPS65810 TI-TPS65810_07 Datasheet
1Mb / 99P
[Old version datasheet]   SINGLE-CELL Li-ION BATTERY- AND POWER-MANAGEMENT IC
TPS65800 TI-TPS65800_07 Datasheet
2Mb / 98P
[Old version datasheet]   SINGLE-CELL Li-ION BATTERY- AND POWER-MANAGEMENT IC
logo
Shenzhen X-Powers Techn...
AXP192 XPOWER-AXP192 Datasheet
453Kb / 4P
   Single Cell Li-Battery and Power System Management IC
logo
AiT Semiconductor Inc.
A4006 AITSEMI-A4006 Datasheet
426Kb / 6P
   BATTERY MANAGEMENT SINGLE CELL LI-ION BATTERY INDICATOR CHIP
REV1.1
logo
List of Unclassifed Man...
AXP192 ETC2-AXP192 Datasheet
1Mb / 53P
   Enhanced single Cell Li-Battery and Power System Management IC
AXP173 ETC2-AXP173 Datasheet
1Mb / 45P
   Enhanced Single Cell Li-Battery and Power System Management IC
AXP199 ETC2-AXP199 Datasheet
1Mb / 50P
   Enhanced single Cell Li-Battery and Power System Management IC
AXP209 ETC2-AXP209 Datasheet
2Mb / 45P
   Enhanced single Cell Li-Battery and Power System Management IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com