Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS61160 Datasheet(PDF) 9 Page - Texas Instruments

Click here to check the latest version.
Part # TPS61160
Description  White LED Driver With Digital and PWM Brightness Control in 2mm x 2mm QFN Package
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS61160 Datasheet(HTML) 9 Page - Texas Instruments

Back Button TPS61160 Datasheet HTML 5Page - Texas Instruments TPS61160 Datasheet HTML 6Page - Texas Instruments TPS61160 Datasheet HTML 7Page - Texas Instruments TPS61160 Datasheet HTML 8Page - Texas Instruments TPS61160 Datasheet HTML 9Page - Texas Instruments TPS61160 Datasheet HTML 10Page - Texas Instruments TPS61160 Datasheet HTML 11Page - Texas Instruments TPS61160 Datasheet HTML 12Page - Texas Instruments TPS61160 Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 28 page
background image
CTRL
low
high
FB
200
mVxdutycycle
Insertbattery
CTRL
low
high
FB
Insertbattery
Programming
code
FBramp
Shutdowndelay
t
EnterESmode
Timingwindow
Programmingcode
50mV
50mV
EnterESmode
PWMsignal
Startup
delay
PWM
mode
Startupdelay
FBramp
Programmedvalue
(ifnotprogrammed, 200mVdefault )
Shutdown
delay
IC
Shutdown
Startupdelay
FBramp
ES
mode
ESdetectdelay
ESdetecttime
V
FB + Duty
200 mV
TPS61160
TPS61161
www.ti.com
SLVS791C – NOVEMBER 2007 – REVISED APRIL 2012
LED BRIGHTNESS DIMMING MODE SELECTION
The CTRL pin is used for the control input for both dimming modes, PWM dimming and 1 wire dimming. The
dimming mode for the TPS61160/1 is selected each time the device is enabled. The default dimming mode is
PWM dimming. To enter the 1 wire mode, the following digital pattern on the CTRL pin must be recognized by
the IC every time the IC starts from the shutdown mode.
1. Pull CTRL pin high to enable the TPS61160/1, and to start the 1 wire detection window.
2. After the EasyScale detection delay (tes_delay, 100μs) expires, drive CTRL low for more than the EasyScale
detection time (tes_detect, 260μs).
3. The CTRL pin has to be low for more than EasyScale detection time before the EasyScale detection window
(tes_win, 1msec) expires. EasyScale detection window starts from the first CTRL pin low to high transition.
The IC immediately enters the 1 wire mode once the above 3 conditions are met. the EasyScale communication
can start before the detection window expires. Once the dimming mode is programmed, it can not be changed
without another start up. This means the IC needs to be shutdown by pulling the CTRL low for 2.5ms and
restarts. See the Dimming Mode Detection and Soft Start (Figure 13) for a graphical explanation.
Figure 13. Dimming Mode Detection and Soft Start PWM Brightness Dimming
PWM BRIGHTNESS DIMMING
When the CTRL pin is constantly high, the FB voltage is regulated to 200mV typically. However, the CTRL pin
allows a PWM signal to reduce this regulation voltage; therefore, it achieves LED brightness dimming. The
relationship between the duty cycle and FB voltage is given by Equation 2.
(2)
Where
Duty = duty cycle of the PWM signal
200 mV = internal reference voltage
As shown in Figure 14, the IC chops up the internal 200mV reference voltage at the duty cycle of the PWM
signal. The pulse signal is then filtered by an internal low pass filter. The output of the filter is connected to the
error amplifier as the reference voltage for the FB pin regulation. Therefore, although a PWM signal is used for
brightness dimming, only the WLED DC current is modulated, which is often referred as analog dimming. This
eliminates the audible noise which often occurs when the LED current is pulsed in replica of the frequency and
duty cycle of PWM control. Unlike other scheme which filters the PWM signal for analog dimming, TPS61160/1
regulation voltage is independent of the PWM logic voltage level which often has large variations.
Copyright © 2007–2012, Texas Instruments Incorporated
Submit Documentation Feedback
9
Product Folder Link(s): TPS61160 TPS61161


Similar Part No. - TPS61160

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS61160 TI-TPS61160 Datasheet
557Kb / 21P
[Old version datasheet]   White LED Driver With Digital and PWM Brightness Control in 2mm x 2mm QFN Package for up to 10 LEDs in Series
TPS61160 TI1-TPS61160 Datasheet
1Mb / 39P
[Old version datasheet]   White LED Drivers With Digital and PWM Brightness Control in 2-mm x 2-mm WSON Package
TPS61160A TI-TPS61160A Datasheet
834Kb / 20P
[Old version datasheet]   White LED Driver With PWM Brightness Control in 2mm x 2mm QFN Package for up to 10 LEDs in Series
TPS61160A TI1-TPS61160A Datasheet
1Mb / 31P
[Old version datasheet]   TPS6116xA White LED Driver with PWM Brightness Control in 2-mm x 2-mm WSON Package
TPS61160A TI1-TPS61160A Datasheet
1Mb / 31P
[Old version datasheet]   White LED Driver with PWM Brightness Control in 2-mm x 2-mm WSON Package
More results

Similar Description - TPS61160

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS61160DRVRG4 TI1-TPS61160DRVRG4 Datasheet
1Mb / 27P
[Old version datasheet]   White LED Driver With Digital and PWM Brightness Control in 2mm x 2mm QFN Package
TPS61165 TI-TPS61165 Datasheet
503Kb / 21P
[Old version datasheet]   High Brightness White LED Driver in 2mm x 2mm QFN Package
logo
Global Mixed-mode Techn...
G5139 GMT-G5139 Datasheet
54Kb / 1P
   Boost White LED Driver with PWM Brightness Control in 2mm x 2mm TDFN Package
G5129 GMT-G5129 Datasheet
53Kb / 1P
   Boost White LED Driver with PWM Brightness Control in 2mm x 2mm TDFN Package
logo
Texas Instruments
TPS61160 TI-TPS61160 Datasheet
557Kb / 21P
[Old version datasheet]   White LED Driver With Digital and PWM Brightness Control in 2mm x 2mm QFN Package for up to 10 LEDs in Series
TPS61160A TI-TPS61160A Datasheet
834Kb / 20P
[Old version datasheet]   White LED Driver With PWM Brightness Control in 2mm x 2mm QFN Package for up to 10 LEDs in Series
TPS61165 TI-TPS61165_10 Datasheet
862Kb / 26P
[Old version datasheet]   High Brightness White LED Driver in 2mm x 2mm QFN and SOT-23 Packages
logo
Will Semiconductor Ltd.
WD3138 WILLSEMI-WD3138 Datasheet
1Mb / 23P
   White LED Driver with Digital and PWM Brightness Control in Tiny Package
logo
Micrel Semiconductor
MIC3287 MICREL-MIC3287 Datasheet
339Kb / 9P
   1.2MHz PWM White LED Driver with OVP in Thin SOT-23 and 2mm x 2mm MFL
logo
Shanghai awinic technol...
AW9961 AWINIC-AW9961 Datasheet
2Mb / 30P
   White LED Driver with Flexible Digital and PWM Brightness Control in Small Package
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com