Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS22924B Datasheet(PDF) 1 Page - Texas Instruments

Part # TPS22924B
Description  ULTRA-SMALL, LOW-INPUT-VOLTAGE, LOW rON LOAD SWITCH
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS22924B Datasheet(HTML) 1 Page - Texas Instruments

  TPS22924B_14 Datasheet HTML 1Page - Texas Instruments TPS22924B_14 Datasheet HTML 2Page - Texas Instruments TPS22924B_14 Datasheet HTML 3Page - Texas Instruments TPS22924B_14 Datasheet HTML 4Page - Texas Instruments TPS22924B_14 Datasheet HTML 5Page - Texas Instruments TPS22924B_14 Datasheet HTML 6Page - Texas Instruments TPS22924B_14 Datasheet HTML 7Page - Texas Instruments TPS22924B_14 Datasheet HTML 8Page - Texas Instruments TPS22924B_14 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 22 page
background image
ON
OFF
C
= 1
F
IN
µ
GND
V
IN
C
L
GND
R
L
C
L
V
OUT
SMPS
GND
LOAD
TPS22924B
TPS22924B
www.ti.com
SLVSAR3B – APRIL 2011 – REVISED JUNE 2013
ULTRA-SMALL, LOW-INPUT-VOLTAGE, LOW rON LOAD SWITCH
Check for Samples: TPS22924B
1
FEATURES
DESCRIPTION
Integrated Single Load Switch
The TPS22924B is a small, ultra-low rON load switch
Input Voltage: 0.75 V to 3.6 V
with controlled turn on. The device contains a N-
Ultra-Low ON Resistance
channel MOSFET that can operate over an input
voltage range of 0.75 V to 3.6 V. An integrated
rON = 18.3 mΩ at VIN = 3.6 V
charge pump biases the NMOS switch to achieve a
rON = 18.5 mΩ at VIN = 2.5 V
minimum
switch
ON
resistance.
The
switch
is
rON = 19.6 mΩ at VIN = 1.8 V
controlled by an on/off input (ON), which is capable of
interfacing directly with low-voltage control signals.
rON = 19.4 mΩ at VIN = 1.2 V
rON = 20.3 mΩ at VIN = 1.0 V
A 1250-
Ω on-chip load resistor is added for output
quick discharge when the switch is turned off. The
rON = 22.7 mΩ at VIN = 0.75 V
rise time of the device is internally controlled to avoid
Ultra Small CSP-6 package
inrush current. The TPS22924B features a rise time
0.9 mm x 1.4 mm, 0.5-mm Pitch
of 100 µs at 3.6 V.
2-A Maximum Continuous Switch Current
The TPS22924B is available in an ultra-small space-
Low Shutdown Current
saving 6-pin CSP package and is characterized for
Low Threshold Control Input
operation over the free-air temperature range of
–40ºC to 85ºC.
Controlled Slew Rate to Avoid Inrush Currents
Quick Output Discharge Transistor
Figure 1. TYPICAL APPLICATION
ESD Performance Tested Per JESD 22
5000-V Human-Body Model
(A114-B, Class II)
1000-V Charged-Device Model (C101)
APPLICATIONS
NOTE: SMPS = Switched-mode power supply
Battery Powered Equipment
Portable Industrial Equipment
Portable Medical Equipment
Portable Media Players
Point Of Sales Terminal
GPS Devices
Digital Cameras
Notebooks / Tablet PCs / eReaders
Smartphones
Table 1. FEATURE LIST
SLEW RATE
QUICK
MAXIMUM
rON (TYP)
(TYP)
OUTPUT
OUTPUT
ENABLE
AT 3.6 V
AT 3.6 V
DISCHARGE(1)
CURRENT
TPS22924B
18.3 m
Ω
100
μs
Yes
2 A
Active high
(1)
This feature discharges the output of the switch to ground through a 1250-
Ω resistor, preventing the
output from floating. See the Output Pulldown section in Application Information.
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
PRODUCTION DATA information is current as of publication date.
Copyright © 2011–2013, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - TPS22924B_14

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS22924B TI1-TPS22924B_15 Datasheet
2Mb / 28P
[Old version datasheet]   On-Resistance Load Switch
More results

Similar Description - TPS22924B_14

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS22924CYZPRB TI1-TPS22924CYZPRB Datasheet
964Kb / 20P
[Old version datasheet]   ULTRA-SMALL, LOW-INPUT-VOLTAGE, LOW rON LOAD SWITCH
logo
Unisonic Technologies
US2236090D UTC-US2236090D Datasheet
185Kb / 5P
   ULTRA-SMALL, LOW-INPUT VOLTAGE LOW RON LOAD SWITCH
logo
Global Mixed-mode Techn...
G5178A GMT-G5178A Datasheet
74Kb / 1P
   Ultra Small, Low Input Voltage, Low RON, Load Switch
logo
Texas Instruments
TPS22924C TI-TPS22924C Datasheet
1Mb / 17P
[Old version datasheet]   ULTRA-SMALL, LOW-INPUT-VOLTAGE, LOW rON LOAD SWITCH
logo
Pericom Semiconductor C...
PI3PD22920 PERICOM-PI3PD22920 Datasheet
6Mb / 12P
   Ultra Small, Low-Input Voltage, Low RON Load Switch
PI3PD22919 PERICOM-PI3PD22919 Datasheet
1Mb / 12P
   Ultra Small, Low-Input Voltage, Low RON Load Switch
logo
Texas Instruments
TPS22903 TI-TPS22903_10 Datasheet
727Kb / 16P
[Old version datasheet]   ULTRA-SMALL LOW-INPUT-VOLTAGE LOW rON LOAD SWITCH
TPS22903 TI-TPS22903 Datasheet
494Kb / 14P
[Old version datasheet]   ULTRA-SMALL LOW-INPUT-VOLTAGE LOW rON LOAD SWITCH
logo
Unisonic Technologies
US2236060B UTC-US2236060B Datasheet
186Kb / 5P
   ULTRA-SMALL, LOW-INPUT VOLTAGE LOW RON LOAD SWITCH
US2236108DB UTC-US2236108DB Datasheet
197Kb / 5P
   ULTRA SMALL, LOW INPUT VOLTAGE, LOW RON LOAD SWITCH
logo
Texas Instruments
TPS22907 TI-TPS22907 Datasheet
1Mb / 14P
[Old version datasheet]   ULTRA SMALL, LOW-INPUT VOLTAGE, LOW rON LOAD SWITCH
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com