Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLE4945LHALA1 Datasheet(PDF) 16 Page - Infineon Technologies AG

Part # TLE4945LHALA1
Description  Uni- and Bipolar Hall IC Switches for Magnetic Field Applications
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE4945LHALA1 Datasheet(HTML) 16 Page - Infineon Technologies AG

Back Button TLE4945LHALA1 Datasheet HTML 12Page - Infineon Technologies AG TLE4945LHALA1 Datasheet HTML 13Page - Infineon Technologies AG TLE4945LHALA1 Datasheet HTML 14Page - Infineon Technologies AG TLE4945LHALA1 Datasheet HTML 15Page - Infineon Technologies AG TLE4945LHALA1 Datasheet HTML 16Page - Infineon Technologies AG TLE4945LHALA1 Datasheet HTML 17Page - Infineon Technologies AG TLE4945LHALA1 Datasheet HTML 18Page - Infineon Technologies AG TLE4945LHALA1 Datasheet HTML 19Page - Infineon Technologies AG TLE4945LHALA1 Datasheet HTML 20Page - Infineon Technologies AG  
Zoom Inzoom in Zoom Outzoom out
 16 / 20 page
background image
TLE4905L, TLE4935L, TLE4945L, TLE4945-2L
Data Sheet
14
2007-05
TLE4945-2 Operate-and Release-Point
versus Junction Temperature
AED03294
-18
mT
-40
˚C
0
50
100
200
BOPmax
RPmax
B
BOPmin
RPmin
B
-12
-6
0
6
12
18
j
T
B
3.8 V
< 24 V
V
S
_
<_


Similar Part No. - TLE4945LHALA1

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
TLE4945L SIEMENS-TLE4945L Datasheet
264Kb / 15P
   Uni- and Bipolar Hall IC Switches for Magnetic Field Applications
logo
Infineon Technologies A...
TLE4945L INFINEON-TLE4945L Datasheet
99Kb / 15P
   Uni- and Bipolar Hall IC Switches for Magnetic Field Applications
2000-07-01
TLE4945L INFINEON-TLE4945L Datasheet
507Kb / 20P
   Uni- and Bipolar Hall IC Switches for Magnetic Field Applications
V1.5, Nov. 2007
More results

Similar Description - TLE4945LHALA1

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
TLE4905G SIEMENS-TLE4905G Datasheet
115Kb / 13P
   Uni- and Bipolar Hall IC Switches for Magnetic Field Applications
TLE4905L SIEMENS-TLE4905L Datasheet
264Kb / 15P
   Uni- and Bipolar Hall IC Switches for Magnetic Field Applications
logo
Infineon Technologies A...
TLE4905L INFINEON-TLE4905L Datasheet
99Kb / 15P
   Uni- and Bipolar Hall IC Switches for Magnetic Field Applications
2000-07-01
TLE4905G INFINEON-TLE4905G Datasheet
84Kb / 13P
   Uni- and Bipolar Hall IC Switches for Magnetic Field Applications
2000-07-01
TLE4905L INFINEON-TLE4905L_07 Datasheet
507Kb / 20P
   Uni- and Bipolar Hall IC Switches for Magnetic Field Applications
V1.5, Nov. 2007
TLE4905G INFINEON-TLE4905G_07 Datasheet
442Kb / 17P
   Uni- and Bipolar Hall IC Switches for Magnetic Field Applications
V1.3, Dec 2007
logo
Panasonic Semiconductor
DN6849UBS PANASONIC-DN6849UBS Datasheet
48Kb / 6P
   Hall IC for alternative magnetic field
DN8899UAS PANASONIC-DN8899UAS Datasheet
45Kb / 6P
   Hall IC for alternative magnetic field SOH-4D type
logo
Sharp Corporation
LT230A SHARP-LT230A Datasheet
22Kb / 2P
   GaAs Hall IC for Noncontact Switch (Unidirestional magnetic field-type)
LT253A SHARP-LT253A Datasheet
23Kb / 2P
   GaAs Hall IC for Noncontact Swich(Unidirectional magnetic field-type)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com