Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS622318 Datasheet(PDF) 2 Page - Texas Instruments

Part # TPS622318
Description  2 MHz / 3 MHz Ultra Small Step Down Converter in 1x1.5 SON Package
Download  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS622318 Datasheet(HTML) 2 Page - Texas Instruments

  TPS622318 Datasheet HTML 1Page - Texas Instruments TPS622318 Datasheet HTML 2Page - Texas Instruments TPS622318 Datasheet HTML 3Page - Texas Instruments TPS622318 Datasheet HTML 4Page - Texas Instruments TPS622318 Datasheet HTML 5Page - Texas Instruments TPS622318 Datasheet HTML 6Page - Texas Instruments TPS622318 Datasheet HTML 7Page - Texas Instruments TPS622318 Datasheet HTML 8Page - Texas Instruments TPS622318 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 36 page
background image
TPS62230, TPS62231, TPS62232, TPS62233, TPS62234, TPS62235, TPS62236
TPS62237, TPS62238, TPS62239, TPS622310, TPS622311, TPS622312
TPS622313, TPS622314, TPS622315, TPS622316, TPS622317, TPS622318
SLVS941E – APRIL 2009 – REVISED DECEMBER 2010
www.ti.com
These devices have limited built-in ESD protection. The leads should be shorted together or the device placed in conductive foam
during storage or handling to prevent electrostatic damage to the MOS gates.
ORDERING INFORMATION(1)
PACKAGE
PACKAGE
FREQUENCY
TA
PART NUMBER(2)
OUTPUT VOLTAGE
ORDERING
[MHz]
DESIGNATOR
MARKING
TPS62230
2.5 V
3
DRY
TPS62230DRY
GV
TPS62231
1.8 V
3
DRY
TPS62231DRY
GW
TPS62232
1.2 V
3
DRY
TPS62232DRY
GX
TPS62239
1.0 V
3
DRY
TPS62239DRY
OP
TPS622311
1.1V
2
DRY
TPS622311DRY
PA
TPS622315
1.15V
2
DRY
TPS622315DRY
RI
TPS62235
1.2V
2
DRY
TPS62235DRY
OQ
TPS622318
1.25V
3
DRY
TPS622318DRY
ST
TPS622313
1.3 V
3
DRY
TPS622313DRY
QF
–40°C to 85°C
TPS622314
1.5 V
3
DRY
TPS622314DRY
QG
TPS62236
1.85V
2
DRY
TPS62236DRY
OR
TPS622312
2.0 V
3
DRY
TPS622312DRY
QE
TPS62234
2.1 V
3
DRY
TPS62234DRY
OH
TPS62238
2.25 V
3
DRY
TPS62238DRY
ON
TPS622310
2.3 V
3
DRY
TPS622310DRY
OT
TPS622316
2.7 V
3
DRY
TPS622316DRY
RJ
TPS622317
2.9 V
3
DRY
TPS622317DRY
RK
TPS62233
3.0 V
3
DRY
TPS62233DRY
OG
TPS62237
3.3V
2
DRY
TPS62237DRY
OS
(1)
For detailed ordering information see the PACKAGE OPTION ADDENDUM at the end of this data sheet.
(2)
The DRY package is available in tape on reel. Add R suffix to order quantities of 3000 parts per reel, T suffix for 250 parts per reel.
ABSOLUTE MAXIMUM RATINGS
over operating free-air temperature range (unless otherwise noted)
(1)
VALUE
UNIT
Voltage at VIN and SW Pin(2)
–0.3 to 7
V
VI
Voltage at EN, MODE Pin(2)
–0.3 to VIN +0.3, ≤7
V
Voltage at FB Pin (2)
–0.3 to 3.6
V
Peak output current
internally limited
A
HBM Human body model
2
kV
ESD rating(3)
CDM Charge device model
1
Machine model
200
V
Power dissipation
Internally limited
TJ
Maximum operating junction temperature
–40 to 125
°C
Tstg
Storage temperature range
–65 to 150
°C
(1)
Stresses beyond those listed under absolute maximum ratings may cause permanent damage to the device. These are stress ratings
only and functional operation of the device at these or any other conditions beyond those indicated under recommended operating
conditions is not implied. Exposure to absolute–maximum–rated conditions for extended periods may affect device reliability.
(2)
All voltage values are with respect to network ground terminal.
(3)
The human body model is a 100-pF capacitor discharged through a 1.5-k
Ω resistor into each pin. The machine model is a 200-pF
capacitor discharged directly into each pin.
2
Submit Documentation Feedback
Copyright © 2009–2010, Texas Instruments Incorporated


Similar Part No. - TPS622318

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS622318 TI1-TPS622318 Datasheet
2Mb / 40P
[Old version datasheet]   2-MHz and 3-MHz Ultra Small Step-Down Converter in 1 x 1.5 USON Package
TPS622318DRYR TI1-TPS622318DRYR Datasheet
2Mb / 40P
[Old version datasheet]   2-MHz and 3-MHz Ultra Small Step-Down Converter in 1 x 1.5 USON Package
TPS622318DRYT TI1-TPS622318DRYT Datasheet
2Mb / 40P
[Old version datasheet]   2-MHz and 3-MHz Ultra Small Step-Down Converter in 1 x 1.5 USON Package
More results

Similar Description - TPS622318

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS62230 TI-TPS62230_10 Datasheet
1Mb / 32P
[Old version datasheet]   2 MHz / 3 MHz Ultra Small Step Down Converter in 1x1.5 SON Package
TPS62230 TI-TPS62230_1 Datasheet
1Mb / 31P
[Old version datasheet]   2 MHz / 3 MHz Ultra Small Step Down Converter in 1x1.5 SON Package
TPS62231-Q1 TI1-TPS62231-Q1 Datasheet
1Mb / 32P
[Old version datasheet]   3 MHz Ultra Small Step Down Converter in 1x1.5 SON Package
TPS62230 TI-TPS62230 Datasheet
1Mb / 28P
[Old version datasheet]   3 MHz Ultra Small Step Down Converter in 1x1.5 SON Package
TPS62060 TI-TPS62060 Datasheet
825Kb / 21P
[Old version datasheet]   3-MHz 1.6A Step Down Converter in 2x2 SON Package
TPS62065_1005 TI-TPS62065_1005 Datasheet
1Mb / 26P
[Old version datasheet]   3-MHz 2A Step Down Converter in 2x2 SON Package
TLV62065 TI1-TLV62065 Datasheet
1,022Kb / 24P
[Old version datasheet]   3-MHz 2A Step Down Converter in 2x2 SON Package
TLV62065 TI-TLV62065 Datasheet
1Mb / 26P
[Old version datasheet]   3-MHz 2A Step Down Converter in 2x2 SON Package
TLV62065DSGT TI1-TLV62065DSGT Datasheet
1Mb / 27P
[Old version datasheet]   3-MHz 2A Step Down Converter in 2x2 SON Package
TPS62065 TI-TPS62065 Datasheet
1Mb / 25P
[Old version datasheet]   3-MHz 2A Step Down Converter in 2x2 SON Package
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com