Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MB54609PFV Datasheet(PDF) 5 Page - Fujitsu Component Limited.

Part # MB54609PFV
Description  Quadrature Modulator IC (With 1.0 GHz Up-converter)
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [Fujitsu Component Limited.]
Direct Link  http://edevice.fujitsu.com/fmd/en/index.html
Logo FUJITSU - Fujitsu Component Limited.

MB54609PFV Datasheet(HTML) 5 Page - Fujitsu Component Limited.

  MB54609PFV Datasheet HTML 1Page - Fujitsu Component Limited. MB54609PFV Datasheet HTML 2Page - Fujitsu Component Limited. MB54609PFV Datasheet HTML 3Page - Fujitsu Component Limited. MB54609PFV Datasheet HTML 4Page - Fujitsu Component Limited. MB54609PFV Datasheet HTML 5Page - Fujitsu Component Limited. MB54609PFV Datasheet HTML 6Page - Fujitsu Component Limited. MB54609PFV Datasheet HTML 7Page - Fujitsu Component Limited. MB54609PFV Datasheet HTML 8Page - Fujitsu Component Limited. MB54609PFV Datasheet HTML 9Page - Fujitsu Component Limited. Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 23 page
background image
5
MB54609
s RECOMMENDED OPERATING CONDITIONS
s ELECTRIC CHARACTERISTICS
(VCC = 3.0 V, Ta = +25
°C)
Parameter
Symbol
Value
Unit
Remarks
Min.
Typ.
Max.
Power supply voltage
VCC
2.7
3.0
3.3
V
Input voltage
VI
GND
VCC
V
Open collector applied voltage
VOC
VCC – 0.2
VCC + 0.2
V
RFout pin. Do not leave
this pin open.
Operating temperature
Ta
–20
+85
°C
Parameter
Symbol
Value
Unit
Remarks
Min.
Typ.
Max.
Power supply current
ICC
18.0
23.5
mA
DC current (Input with no AC
signal)
Power supply current in power save
mode
ICCPS
0.6
0.9
mA
DC current (Input with no AC
signal)
Shifter input
LO1
Operating band
fLO1
100
400
800
MHz
Input level
PLO1
–15
–5
dBm
Baseband
input
Operating band
fBB
DC
10
MHz
Input amplitude
VBB
——
1.2
Vpp
Offset voltage
VOS
1.5
1.6
1.7
V
External offset voltage value
Offset current
IOS
—3.0
µA
Input Imp. converted value =
533 k
Mixer input
LO2
Operating band
fLO2
750
1100
MHz
Input level
PLO2
——
0
dBm
Mixer output
RFout
Operating band
fRF
950
1100
MHz
fRF = fLO2 ± fLO1/2
Output level
PRF
—–9—
dBm
fLO1 = 400 MHz
(–15 dBm)
fLO2 = 750 MHz
(–5 dBm)
fRF = 950 MHz
output
QMOD/Mix direct
connection
VBB = 1 Vpp
Modulation
precision
Amplitude deviation
AERR
—1.3
%
RMS
value
Phase deviation
PERR
0.82
deg.
RMS
value
Vector error
VERR
—1.9
%
RMS
value
Carrier suppression
CS
–40
–30
dBc
With external offset
unadjusted


Similar Part No. - MB54609PFV

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
MB54608B FUJITSU-MB54608B Datasheet
160Kb / 15P
   1.0 GHz band Low Power I/Q Modulator For Direct Conversion
MB54608L FUJITSU-MB54608L Datasheet
160Kb / 15P
   1.0 GHz band Low Power I/Q Modulator For Direct Conversion
MB54608LPFV FUJITSU-MB54608LPFV Datasheet
160Kb / 15P
   1.0 GHz band Low Power I/Q Modulator For Direct Conversion
MB54608LPV1 FUJITSU-MB54608LPV1 Datasheet
160Kb / 15P
   1.0 GHz band Low Power I/Q Modulator For Direct Conversion
More results

Similar Description - MB54609PFV

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TRF3701 TI-TRF3701 Datasheet
79Kb / 5P
[Old version datasheet]   0.6 GHz to 1.0 GHz QUADRATURE MODULATOR
logo
NEC
UPC8104GR NEC-UPC8104GR Datasheet
156Kb / 20P
   UP CONVERTER QUADRATURE MODULATOR IC FOR DIGITAL MOBILE COMMUNICATION SYSTEMS
UPC8129GR NEC-UPC8129GR Datasheet
587Kb / 3P
   UP CONVERTER WITH AGC FUNCTION QUADRATURE MODULATOR IC FOR DIGITAL MOBILE COMMUNICATION SYSTEMS
UPC8125GR NEC-UPC8125GR Datasheet
214Kb / 5P
   UP-CONVERTER WITH AGC FUNCTION QUADRATURE MODULATOR IC FOR DIGITAL MOBILE COMMUNICATION SYSTEMS
logo
TEMIC Semiconductors
U2891B TEMIC-U2891B Datasheet
64Kb / 6P
   2.5 GHz Quadrature Up-Converter
logo
Agere Systems
W3011 AGERE-W3011 Datasheet
199Kb / 12P
   1 GHz Quadrature Modulator
logo
NEC
UPC8110GR-E1 NEC-UPC8110GR-E1 Datasheet
42Kb / 4P
   1 GHz QUADRATURE MODULATOR
UPC8110GR NEC-UPC8110GR_00 Datasheet
75Kb / 6P
   1 GHz QUADRATURE MODULATOR
UPC8158K NEC-UPC8158K Datasheet
126Kb / 12P
   RF UP-CONVERTER WITH AGC FUNCTION IF QUADRATURE MODULATOR IC FOR DIGITAL MOBILE COMMUNICATION SYSTEMS
logo
Analog Devices
AD8346 AD-AD8346 Datasheet
190Kb / 12P
   0.8 GHz-2.5 GHz Quadrature Modulator
REV. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com