Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

WIT910M Datasheet(PDF) 1 Page - Murata Manufacturing Co., Ltd.

Part # WIT910M
Description  900 MHz FHSS Transceiver Module
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA [Murata Manufacturing Co., Ltd.]
Direct Link  http://www.murata.com
Logo MURATA - Murata Manufacturing Co., Ltd.

WIT910M Datasheet(HTML) 1 Page - Murata Manufacturing Co., Ltd.

  WIT910M Datasheet HTML 1Page - Murata Manufacturing Co., Ltd. WIT910M Datasheet HTML 2Page - Murata Manufacturing Co., Ltd. WIT910M Datasheet HTML 3Page - Murata Manufacturing Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
www.RFM.com E-mail: info@rfm.com
Page 1 of 2
© 2008-2012 by RF Monolithics, Inc.
WIT910 - 2/28/12
General Specifications
RF Frequency
902 to 927 MHz
Radio Certifications
FCC Part 15, Canadian RSS-210
Operating Range
Indoor - 1000 ft, Outdoor - more than 20 miles with omni-directional antenna
Network Topologies
Point-to-point and point-to-multipoint (star)
Network Protocol
Dynamically assigned TDMA
Error Detection and Correction
24-bit CRC and ARQ
Serial Data Interface
Asynchronous (UART) CMOS signals, 3.3 V, 5 V tolerant
Serial Data Rate
up to 115.2 kb/s, software selectable
Channel Data Rate
172.8 kb/s
Number of Frequency Channels
54
RF Bandwidth
460 kHz
Transmit Power Output
10, 20, 27 or 29 dBm, software selectable
Receiver Sensitivity
-103 dBm for 10-5 BER
Supply voltage
3.3 to 10 V for up to 27 dBm transmit power, 5 to 10 V for 29 dBm transmit power
Current Consumption
29 dBm Transmit Power,
57.6 kb/s Serial Data Rate
Remote
Sleep
250 µA
Base Station
Receive
125 mA
Operation: Standby
43 mA
Operation:
Transmit
800 mA
Receive
100 mA
Transmit
800 mA
Size
80.2 x 46.5 x 8.6 mm
Weight
35 g
Operating Temperature
-40 C to +80 C
Humidity
20% to 90% (non-condensing)
900 MHz
FHSS
Transceiver
Module
WIT910M
Features:
• Fast, low latency wireless serial data
transmission
• Robust 900 MHz frequency hopping
spread spectrum technology
• More than 20 mile outdoor range with
omni-directional antennas
• 3.3 volt operation, low power
consumption
• Small size, light weight
• Certified for unlicensed operation in the
USA and Canada
Benefits:
• Suitable for point-to-point and point-to-
multipoint networks
• Supports large number of nodes
• High immunity to interference and
multipath fading
• Supports long range applications
• Easy to integrate
• Ideal for battery powered devices
Shown with shield removed
WIT910M transceiver modules are designed to transmit serial data using highly robust 900 MHz
frequency hopping spread spectrum (FHSS) technology. WIT910M modules employ RFM’s
beacon-synchronized TDMA at an RF data rate of 172.8 kb/s to achieve low transmission latency.
WIT910M transceivers are suitable for both point-to-point and point-to-multipoint networks. FHSS
technology provides strong immunity to both interference and multipath fading. The small size, light
weight and low power consumption of these transceiver modules make them suitable for a wide
variety of applications. WIT910M modules are certified for unlicensed operation in the USA,
Canada, Australia, Israel and New Zeland.


Similar Part No. - WIT910M

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
WIT910M2 MURATA-WIT910M2 Datasheet
374Kb / 2P
   900 MHz FHSS Transceiver Module
More results

Similar Description - WIT910M

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
WIT910M2 MURATA-WIT910M2 Datasheet
374Kb / 2P
   900 MHz FHSS Transceiver Module
DNT90P MURATA-DNT90P Datasheet
157Kb / 7P
   Low Cost 900 MHz FHSS Transceiver Module with I/O
DNT90C MURATA-DNT90C Datasheet
157Kb / 7P
   Low Cost 900 MHz FHSS Transceiver Module with I/O
DNT90MPA MURATA-DNT90MPA Datasheet
157Kb / 7P
   Low Cost 900 MHz FHSS Transceiver Module with I/O
DNT900DK MURATA-DNT900DK Datasheet
51Kb / 1P
   900 MHz FHSS Transceiver Module with I/O Development Kit
DNT900P MURATA-DNT900P Datasheet
543Kb / 7P
   Low Cost 900 MHz FHSS Transceiver Module with I/O
DNT90MP MURATA-DNT90MP Datasheet
157Kb / 7P
   Low Cost 900 MHz FHSS Transceiver Module with I/O
DNT90CA MURATA-DNT90CA Datasheet
158Kb / 7P
   Low Cost 900 MHz FHSS Transceiver Module with I/O
LG90E MURATA-LG90E Datasheet
1Mb / 6P
   900 MHz FHSS DNT90/Ethernet Gateway
LG90C MURATA-LG90C Datasheet
893Kb / 6P
   900 MHz FHSS DNT90/GPRS Cellular Gateway
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com