Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TISP4300H3LM Datasheet(PDF) 1 Page - Bourns Electronic Solutions

Part # TISP4300H3LM
Description  TISP4xxxH3LM Overvoltage Protector Series
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOURNS [Bourns Electronic Solutions]
Direct Link  http://www.bourns.com
Logo BOURNS - Bourns Electronic Solutions

TISP4300H3LM Datasheet(HTML) 1 Page - Bourns Electronic Solutions

  TISP4300H3LM Datasheet HTML 1Page - Bourns Electronic Solutions TISP4300H3LM Datasheet HTML 2Page - Bourns Electronic Solutions TISP4300H3LM Datasheet HTML 3Page - Bourns Electronic Solutions TISP4300H3LM Datasheet HTML 4Page - Bourns Electronic Solutions TISP4300H3LM Datasheet HTML 5Page - Bourns Electronic Solutions TISP4300H3LM Datasheet HTML 6Page - Bourns Electronic Solutions TISP4300H3LM Datasheet HTML 7Page - Bourns Electronic Solutions TISP4300H3LM Datasheet HTML 8Page - Bourns Electronic Solutions TISP4300H3LM Datasheet HTML 9Page - Bourns Electronic Solutions Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
TISP4070H3LM THRU TISP4115H3LM,
TISP4125H3LM THRU TISP4220H3LM,
TISP4240H3LM THRU TISP4400H3LM
BIDIRECTIONAL THYRISTOR OVERVOLTAGE PROTECTORS
TISP4xxxH3LM Overvoltage Protector Series
NOVEMBER 1997 - REVISED JANUARY 2010
*RoHS Directive 2002/95/EC Jan 27 2003 including Annex.
Specifications are subject to change without notice.
Customers should verify actual device performance in their specific applications.
TISP4xxxH3LM Overview
This TISP® device series protects central office, access and customer premise equipment against overvoltages on the telecom line. The
TISP4xxxH3LM is available in a wide range of voltages and has a high current capability, allowing minimal series resistance to be used.
These protectors have been specified mindful of the following standards and recommendations: GR-1089-CORE, FCC Part 68, UL1950, EN
60950, IEC 60950, ITU-T K.20, K.21 and K.45. The TISP4350H3LM meets the FCC Part 68 “B” ringer voltage requirement and survives the
Type A and B impulse tests. These devices are housed in a through-hole DO-92 package (TO-92 package with cropped center leg).
Summary Current Ratings
Summary Electrical Characteristics
Parameter
ITSP
A
ITSM
A
di/dt
A/
μs
Waveshape
2/10
1.2/50, 8/20
10/160
5/320
10/560
10/1000
1 cycle 60 Hz
2/10 Wavefront
Value
500
300
250
200
160
100
60
400
Part #
VDRM
V
V(BO)
V
VT @ IT
V
IDRM
A
I(BO)
mA
IT
A
IH
mA
Co @ -2 V
pF
Functionally
Replaces
TISP4070H3
58
70
3
5
600
5
150
120
P0640EC†
TISP4080H3
65
80
3
5
600
5
150
120
P0720EC†
TISP4095H3
75
95
3
5
600
5
150
120
P0900EC†
TISP4115H3
90
115
3
5
600
5
150
120
P1100EC†
TISP4125H3
100
125
3
5
600
5
150
65
TISP4145H3
120
145
3
5
600
5
150
65
P1300EC†
TISP4165H3
135
165
3
5
600
5
150
65
TISP4180H3
145
180
3
5
600
5
150
65
P1500EC
TISP4220H3
160
220
3
5
600
5
150
65
P1800EC
TISP4240H3
180
240
3
5
600
5
150
55
TISP4250H3
190
250
3
5
600
5
150
55
P2300EC†
TISP4260H3
200
260
3
5
600
5
150
55
TISP4290H3
220
290
3
5
600
5
150
55
P2600EC†
TISP4300H3
230
300
3
5
600
5
150
55
TISP4350H3
275
350
3
5
600
5
150
55
P3100EC
TISP4395H3
320
395
3
5
600
5
150
55
P3500EC†
TISP4400H3
300
400
3
5
600
5
150
55
† Bourns part has an improved protection voltage
OBSOLET
E


Similar Part No. - TISP4300H3LM

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
TISP4300H3 BOURNS-TISP4300H3 Datasheet
361Kb / 15P
   BIDIRECTIONAL THYRISTOR OVERVOLTAGE PROTECTORS
TISP4300H3 BOURNS-TISP4300H3 Datasheet
444Kb / 16P
   BIDIRECTIONAL THYRISTOR OVERVOLTAGE PROTECTORS
TISP4300H3 BOURNS-TISP4300H3 Datasheet
392Kb / 13P
   BIDIRECTIONAL THYRISTOR OVERVOLTAGE PROTECTORS
TISP4300H3 BOURNS-TISP4300H3 Datasheet
392Kb / 13P
   Overvoltage Protector Series BIDIRECTIONAL THYRISTOR OVERVOLTAGE PROTECTORS
TISP4300H3 BOURNS-TISP4300H3 Datasheet
392Kb / 13P
   TISP4xxxH3BJ Overvoltage Protector Series
More results

Similar Description - TISP4300H3LM

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
TISP3XXXH3SL BOURNS-TISP3XXXH3SL Datasheet
353Kb / 12P
   Overvoltage Protector Series
TISP4P0XXL1N BOURNS-TISP4P0XXL1N Datasheet
397Kb / 5P
   Overvoltage Protector Series
TISP1XXXH3BJ BOURNS-TISP1XXXH3BJ Datasheet
205Kb / 7P
   Overvoltage Protector Series
TISP3XXXT3BJ BOURNS-TISP3XXXT3BJ Datasheet
363Kb / 11P
   Overvoltage Protector Series
TISP9110LDM BOURNS-TISP9110LDM_07 Datasheet
212Kb / 5P
   Overvoltage Protector
TISP4A250H3BJ BOURNS-TISP4A250H3BJ Datasheet
535Kb / 8P
   Overvoltage Protector
TISP61089HDM BOURNS-TISP61089HDM_07 Datasheet
279Kb / 7P
   Overvoltage Protector
TISP1XXXF3 BOURNS-TISP1XXXF3 Datasheet
752Kb / 13P
   Overvoltage Protector
TISP4300H3BJR-S BOURNS-TISP4300H3BJR-S Datasheet
392Kb / 13P
   TISP4xxxH3BJ Overvoltage Protector Series
TISP4350H3BJR BOURNS-TISP4350H3BJR Datasheet
392Kb / 13P
   TISP4xxxH3BJ Overvoltage Protector Series
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com