Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TISP4400H3LM Datasheet(PDF) 2 Page - Bourns Electronic Solutions

Part # TISP4400H3LM
Description  TISP4xxxH3LM Overvoltage Protector Series
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOURNS [Bourns Electronic Solutions]
Direct Link  http://www.bourns.com
Logo BOURNS - Bourns Electronic Solutions

TISP4400H3LM Datasheet(HTML) 2 Page - Bourns Electronic Solutions

  TISP4400H3LM Datasheet HTML 1Page - Bourns Electronic Solutions TISP4400H3LM Datasheet HTML 2Page - Bourns Electronic Solutions TISP4400H3LM Datasheet HTML 3Page - Bourns Electronic Solutions TISP4400H3LM Datasheet HTML 4Page - Bourns Electronic Solutions TISP4400H3LM Datasheet HTML 5Page - Bourns Electronic Solutions TISP4400H3LM Datasheet HTML 6Page - Bourns Electronic Solutions TISP4400H3LM Datasheet HTML 7Page - Bourns Electronic Solutions TISP4400H3LM Datasheet HTML 8Page - Bourns Electronic Solutions TISP4400H3LM Datasheet HTML 9Page - Bourns Electronic Solutions Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 13 page
background image
NOVEMBER 1997 - REVISED JANUARY 2010
Specifications are subject to change without notice.
Customers should verify actual device performance in their specific applications.
TISP4xxxH3LM Overvoltage Protector Series
ITU-T K.20/21 Rating............................ 8 kV 10/700, 100 A 5/310
Ion-Implanted Breakdown Region
Precise and Stable Voltage
Low Voltage Overshoot under Surge
Rated for International Surge Wave Shapes
Device Symbol
LM Package (Top View)
How to Order
LMF Package (LM Package with Formed Leads) (Top View)
NC - No internal connection on pin 2
NC
T(A)
R(B)
MD4XAT
1
2
3
NC - No internal connection on pin 2
NC
T(A)
R(B)
MD4XAKB
1
2
3
T
R
SD4XAA
Terminals T and R correspond to the
alternative line designators of A and B
Low Differential Capacitance ...................................... 80 pF max.
................................................UL Recognized Component
Description
These devices are designed to limit overvoltages on the telephone line. Overvoltages are normally caused by a.c. power system or lightning
flash disturbances which are induced or conducted on to the telephone line. A single device provides 2-point protection and is typically used
for the protection of 2-wire telecommunication equipment (e.g. between the Ring and Tip wires for telephones and modems). Combinations
of devices can be used for multi-point protection (e.g. 3-point protection between Ring, Tip and Ground).
The protector consists of a symmetrical voltage-triggered bidirectional thyristor. Overvoltages are initially clipped by breakdown clamping
until the voltage rises to the breakover level, which causes the device to crowbar into a low-voltage on state. This low-voltage on state
causes the current resulting from the overvoltage to be safely diverted through the device. The high crowbar holding current
helps prevent
d.c. latchup as the diverted current subsides.
Device
VDRM
V
V(BO)
V
‘4070
58
70
‘4080
65
80
‘4095
75
95
‘4115
90
115
‘4125
100
125
‘4145
120
145
‘4165
135
165
‘4180
145
180
‘4220
160
220
‘4240
180
240
‘4250
190
250
‘4260
200
260
‘4290
220
290
‘4300
230
300
‘4350
275
350
‘4395
320
395
‘4400
300
400
Waveshape
Standard
ITSP
A
2/10 µs
GR-1089-CORE
500
8/20 µs
IEC 61000-4-5
300
10/160 µs
FCC Part 68
250
10/700 µs
ITU-T K.20/21
200
10/560 µs
FCC Part 68
160
10/1000 µs
GR-1089-CORE
100
Device
Package
Carrier
TISP4xxxH3LM
Straight Lead DO-92 (LM)
Bulk Pack
Tape and Reeled
Formed Lead DO-92 (LMF) Tape and Reeled
TISP4xxxH3LM-S
TISP4xxxH3LMR-S
TISP4xxxH3LMFR-S
Insert xxx value corresponding to protecti on voltages of 070, 080, 095, 115 etc.
Order As
OBSOLET
E


Similar Part No. - TISP4400H3LM

ManufacturerPart #DatasheetDescription
logo
Power Innovations Ltd
TISP4400H3LM POINN-TISP4400H3LM Datasheet
355Kb / 16P
   BIDIRECTIONAL THYRISTOR OVERVOLTAGE PROTECTORS
More results

Similar Description - TISP4400H3LM

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
TISP3XXXH3SL BOURNS-TISP3XXXH3SL Datasheet
353Kb / 12P
   Overvoltage Protector Series
TISP4P0XXL1N BOURNS-TISP4P0XXL1N Datasheet
397Kb / 5P
   Overvoltage Protector Series
TISP1XXXH3BJ BOURNS-TISP1XXXH3BJ Datasheet
205Kb / 7P
   Overvoltage Protector Series
TISP3XXXT3BJ BOURNS-TISP3XXXT3BJ Datasheet
363Kb / 11P
   Overvoltage Protector Series
TISP9110LDM BOURNS-TISP9110LDM_07 Datasheet
212Kb / 5P
   Overvoltage Protector
TISP4A250H3BJ BOURNS-TISP4A250H3BJ Datasheet
535Kb / 8P
   Overvoltage Protector
TISP61089HDM BOURNS-TISP61089HDM_07 Datasheet
279Kb / 7P
   Overvoltage Protector
TISP1XXXF3 BOURNS-TISP1XXXF3 Datasheet
752Kb / 13P
   Overvoltage Protector
TISP4300H3BJR-S BOURNS-TISP4300H3BJR-S Datasheet
392Kb / 13P
   TISP4xxxH3BJ Overvoltage Protector Series
TISP4350H3BJR BOURNS-TISP4350H3BJR Datasheet
392Kb / 13P
   TISP4xxxH3BJ Overvoltage Protector Series
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com