Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS2047A Datasheet(PDF) 8 Page - Texas Instruments

Part # TPS2047A
Description  CURRENT-LIMITED POWER-DISTRIBUTION SWITCHES
Download  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS2047A Datasheet(HTML) 8 Page - Texas Instruments

Back Button TPS2047A_14 Datasheet HTML 4Page - Texas Instruments TPS2047A_14 Datasheet HTML 5Page - Texas Instruments TPS2047A_14 Datasheet HTML 6Page - Texas Instruments TPS2047A_14 Datasheet HTML 7Page - Texas Instruments TPS2047A_14 Datasheet HTML 8Page - Texas Instruments TPS2047A_14 Datasheet HTML 9Page - Texas Instruments TPS2047A_14 Datasheet HTML 10Page - Texas Instruments TPS2047A_14 Datasheet HTML 11Page - Texas Instruments TPS2047A_14 Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 38 page
background image
www.ti.com
DETAILED DESCRIPTION
POWER SWITCH
CHARGE PUMP
DRIVER
ENABLE (ENx, ENx)
OVERCURRENT (OCx)
CURRENT SENSE
THERMAL SENSE
UNDERVOLTAGE LOCKOUT
TPS2045A
,, TPS2046A
TPS2047A, TPS2048A, TPS2055A
TPS2056A, TPS2057A, TPS2058A
SLVS251C – SEPTEMBER 2000 – REVISED JANUARY 2008
The power switch is an N-channel MOSFET with a maximum on-state resistance of 135 m
Ω (VI(IN) = 5 V).
Configured as a high-side switch, the power switch prevents current flow from OUT to IN and IN to OUT when
disabled. The power switch supplies a minimum of 250 mA per switch.
An internal charge pump supplies power to the driver circuit and provides the necessary voltage to pull the gate
of the MOSFET above the source. The charge pump operates from input voltages as low as 2.7 V and requires
very little supply current.
The driver controls the gate voltage of the power switch. To limit large current surges and reduce the associated
electromagnetic interference (EMI) produced, the driver incorporates circuitry that controls the rise times and fall
times of the output voltage. The rise and fall times are typically in the 2-ms to 4-ms range.
The logic enable disables the power switch and the bias for the charge pump, driver, and other circuitry to reduce
the supply current. The supply current is reduced to less than 10
µA on the single and dual devices (20 µA on
the triple and quad devices) when a logic high is present on ENx (TPS204xA 1) or a logic low is present on ENx
(TPS205xA1). A logic zero input on ENx or a logic high on ENx restores bias to the drive and control circuits and
turns the power on. The enable input is compatible with both TTL and CMOS logic levels.
The OCx open-drain output is asserted (active low) when an overcurrent or over temperature condition is
encountered. The output will remain asserted until the overcurrent or over temperature condition is removed.
A sense FET monitors the current supplied to the load. The sense FET measures current more efficiently than
conventional resistance methods. When an overload or short circuit is encountered, the current-sense circuitry
sends a control signal to the driver. The driver in turn reduces the gate voltage and drives the power FET into its
saturation region, which switches the output into a constant-current mode and holds the current constant while
varying the voltage on the load.
The TPS204xA and TPS205xA implement a dual-threshold thermal trip to allow fully independent operation of
the power distribution switches. In an overcurrent or short-circuit condition the junction temperature rises. When
the die temperature rises to approximately 140
°C, the internal thermal sense circuitry checks to determine which
power switch is in an overcurrent condition and turns off that switch, thus isolating the fault without interrupting
operation of the adjacent power switch. Hysteresis is built into the thermal sense, and after the device has cooled
approximately 20 degrees, the switch turns back on. The switch continues to cycle off and on until the fault is
removed. The (OCx) open-drain output is asserted (active low) when over temperature or overcurrent occurs.
A voltage sense circuit monitors the input voltage. When the input voltage is below approximately 2 V, a control
signal turns off the power switch.
8
Submit Documentation Feedback
Copyright © 2000–2008, Texas Instruments Incorporated
Product Folder Link(s): TPS2045A TPS2046A TPS2047A TPS2048A TPS2055A TPS2056A TPS2057A TPS2058A


Similar Part No. - TPS2047A_14

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS2047AD TI-TPS2047AD Datasheet
478Kb / 31P
[Old version datasheet]   CURRENT-LIMITED POWER-DISTRIBUTION SWITCHES
TPS2047ADR TI-TPS2047ADR Datasheet
478Kb / 31P
[Old version datasheet]   CURRENT-LIMITED POWER-DISTRIBUTION SWITCHES
TPS2047ADRG4 TI-TPS2047ADRG4 Datasheet
478Kb / 31P
[Old version datasheet]   CURRENT-LIMITED POWER-DISTRIBUTION SWITCHES
More results

Similar Description - TPS2047A_14

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
ST2042 STMICROELECTRONICS-ST2042 Datasheet
148Kb / 8P
   CURRENT LIMITED POWER DISTRIBUTION SWITCHES
logo
Texas Instruments
TPS2062-1 TI-TPS2062-1 Datasheet
513Kb / 28P
[Old version datasheet]   CURRENT-LIMITED, POWER-DISTRIBUTION SWITCHES
TPS2060 TI1-TPS2060_14 Datasheet
1Mb / 36P
[Old version datasheet]   CURRENT-LIMITED, POWER-DISTRIBUTION SWITCHES
TPS2041B_0709 TI-TPS2041B_0709 Datasheet
1Mb / 41P
[Old version datasheet]   CURRENT-LIMITED, POWER-DISTRIBUTION SWITCHES
TPS2061 TI-TPS2061_09 Datasheet
1Mb / 38P
[Old version datasheet]   CURRENT-LIMITED, POWER-DISTRIBUTION SWITCHES
TPS2045A TI1-TPS2045A_16 Datasheet
1Mb / 37P
[Old version datasheet]   CURRENT-LIMITED POWER-DISTRIBUTION SWITCHES
TPS2000C TI1-TPS2000C_16 Datasheet
1Mb / 39P
[Old version datasheet]   Current Limited, Power-Distribution Switches
TPS2041B TI-TPS2041B_08 Datasheet
1Mb / 49P
[Old version datasheet]   CURRENT-LIMITED, POWER-DISTRIBUTION SWITCHES
TPS2041B-Q1 TI-TPS2041B-Q1_10 Datasheet
599Kb / 29P
[Old version datasheet]   CURRENT-LIMITED POWER-DISTRIBUTION SWITCHES
TPS2045A TI-TPS2045A Datasheet
478Kb / 31P
[Old version datasheet]   CURRENT-LIMITED POWER-DISTRIBUTION SWITCHES
logo
STMicroelectronics
ST2054 STMICROELECTRONICS-ST2054_07 Datasheet
198Kb / 13P
   Current limited Power distribution switches
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com