Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM3686 Datasheet(PDF) 6 Page - Texas Instruments

Part # LM3686
Description  Step-Down DC-DC Converter with Integrated Post Linear Regulators System and Low-Noise Linear Regulator
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM3686 Datasheet(HTML) 6 Page - Texas Instruments

Back Button LM3686_14 Datasheet HTML 2Page - Texas Instruments LM3686_14 Datasheet HTML 3Page - Texas Instruments LM3686_14 Datasheet HTML 4Page - Texas Instruments LM3686_14 Datasheet HTML 5Page - Texas Instruments LM3686_14 Datasheet HTML 6Page - Texas Instruments LM3686_14 Datasheet HTML 7Page - Texas Instruments LM3686_14 Datasheet HTML 8Page - Texas Instruments LM3686_14 Datasheet HTML 9Page - Texas Instruments LM3686_14 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 28 page
background image
LM3686
SNVS520D – AUGUST 2008 – REVISED MARCH 2011
www.ti.com
Electrical Characteristics
(1) (2) (3) (4) Linear Regulator — LILO (EN_DCDC = EN_LILO = ON -
Large NMOS)
Limits in standard typeface are for TA = 25°C. Limits appearing in boldface type apply over the full operating ambient
temperature range: -40°C
≤ TA= TJ ≤ +85°C. Unless otherwise noted, specifications apply to the closed loop typical
application circuits (linear regulator) with VIN_LDO = VBATT = 3.6V
(5) , V
IN_LILO = VOUT_DCDC(NOM), VEN (All) = VBATT, CIN_DC = 4.7 µF,
COUT_LILO = 2.2 µF, CIN_LDO = 1.0 µF , COUT_LDO = 1.0 µF ,COUT_DC = C IN_LILO = 10 µF
Limits
Symbol
Parameter
Condition
Units
Min
Typ
Max
ΔVOUT_LILO /
Output Voltage
IOUT_LILO = 1 mA to 350 mA
1.2
VOUT_LILO
Accuracy,
VIN_LILO = VOUT_DCDC
1.176
1.224
V
VOUT_LILO
VBATT = 3.6V
IOUT_LILO = 1 mA & 350 mA
4
12
µV/mA
ΔVOUT_LILO / ΔmA Load Regulation
(6)
VIN_LILO = VOUT_DCDC
VBATT = 3.6V
VBATT = VOUT_LILO + 1.5V
50
80
mV
(VIN_LILO disconnected from
VDROP
Dropout Voltage (7)
VOUT_DCDC),
IOUT = 350 mA
IQ_VIN_LILO
Quiescent Current
VBATT = VIN_LILO = 3.6V
70
90
µA
ISC_LILO
Short Circuit Current
VOUT = GND (VOUT_LILO = 0 )
400
mA
Limit
LILO (EN_DCDC = OFF, EN_LILO = ON - SMALL NMOS)
ΔVOUT_LILO /
Output Voltage
IOUT = 1 mA to 50 mA
1.176
1.224
VOUT_LILO
Accuracy,
V
VOUT_LILO
ΔVOUT_LILO /
Line Regulation
VIN_LILO = (VOUT_LILO + 0.3V) to 5.5V
0.4
1.5
mV/V
ΔVBATT
(Small NMOS) (8)
ISC_LILO
Short circuit current
VOUT_LILO = GND
70
mA
TSTARTUP
Start up time
EN to 0.95VOUT
70
µS
System Characteristic(9)
PSRR
Signal to VBATT = 3.6V,
VIN_LILO = 1.8V
68
IOUT = 200 mA,
Power Supply Rejection
f = 100 Hz
dB
Ratio(10)
Signal to VIN_LILO = 1.8V
IOUT = 200 mA,
60
f = 1kHz
eN_LILO
BW = 10 Hz to 100 kHz,
VIN_LILO = 1.8V,
Output Noise voltage(10)
166
µVRMS
IOUT = 200 mA,
VIN_LDO = 3.6V
ΔVOUT_LILO
Dynamic load transient
Pulsed load 1 mA - 350 mA
+/- 30
mV
response
di/dt = 350 mA/1µS
(1)
All voltages are with respect to the potential at the GND pin.
(2)
Min and Max limits are guaranteed by design, test, or statistical analysis. Typical (typ.) numbers are not guaranteed, but do represent
the most likely norm. Unless otherwise specified, conditions for typ. specifications are: VBATT = 3.6V and TA = 25°C.
(3)
The parameters in the electrical characteristic table are tested at VBATT = 3.6V unless otherwise specified. For performance over the
input voltage range refer to datasheet curves.
(4)
The input voltage range recommended for ideal applications performance for the specified output voltages is given below:VBATT = 2.7V
to 5.5V for 1.0V
≤ VOUT_DCDC < 1.8VVBATT = (VOUT_DCDC + 1V) to 5.5V for 1.8V ≤ VOUT_DCDC < 3.6V
(5)
VIN_LDO must be ON at all time for biasing internal reference circuits
(6)
To calculate the output voltage from the load regulation specified, use the following equation:
ΔVOUT = Load Regulation (%/mA) x
Nominal VOUT (V) x ΔIOUT (mA).
(7)
Dropout voltage is defined as the input to output voltage differential at which the output voltage falls to 100 mV below the nominal output
voltage.
(8)
To calculate the output voltage from the line regulation specified, use the following equation:
ΔVOUT = Line Regulation (%/V) x Nominal
VOUT (V) x ΔVIN (V).
(9)
Parameters guaranteed by design.
(10) The noise performance target is applied to PWM mode operation and this does not apply when DCDC converter is operating in PFM
mode.
6
Submit Documentation Feedback
Copyright © 2008–2011, Texas Instruments Incorporated
Product Folder Links: LM3686


Similar Part No. - LM3686_14

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM3686 TI-LM3686_15 Datasheet
2Mb / 27P
[Old version datasheet]   Step-Down DC-DC Converter with Integrated Post Linear Regulators System and Low-Noise Linear Regulator
More results

Similar Description - LM3686_14

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM3686 TI-LM3686_15 Datasheet
2Mb / 27P
[Old version datasheet]   Step-Down DC-DC Converter with Integrated Post Linear Regulators System and Low-Noise Linear Regulator
logo
National Semiconductor ...
LM3686 NSC-LM3686 Datasheet
1Mb / 20P
   Step-Down DC-DC Converter with Integrated Post Linear Regulators System and Low-Noise Linear Regulator
logo
Maxim Integrated Produc...
MAX1765 MAXIM-MAX1765_11 Datasheet
873Kb / 19P
   800mA, Low-Noise, Step-Up DC-DC Converter with 500mA Linear Regulator
Rev 1; 4/11
MAX1765 MAXIM-MAX1765 Datasheet
559Kb / 19P
   800mA, Low-Noise, Step-Up DC-DC Converter with 500mA Linear Regulator
19-1805; Rev 0; 12/00
logo
Richtek Technology Corp...
RT8036 RICHTEK-RT8036 Datasheet
333Kb / 17P
   One Step Down DC/DC Converter and Four Linear Regulators with Individual On/Off Control
logo
National Semiconductor ...
LP8720 NSC-LP8720 Datasheet
1Mb / 24P
   One Step-Down DC/DC and Five Linear Regulators with I2C Compatible Interface
LM3687 NSC-LM3687 Datasheet
624Kb / 22P
   Step-Down DC-DC Converter with Integrated Low Dropout Regulator and Startup Mode
logo
Texas Instruments
LM3687 TI1-LM3687 Datasheet
1Mb / 35P
[Old version datasheet]   Step-Down DC-DC Converter with Integrated Low Dropout Regulator and Startup Mode
logo
Maxim Integrated Produc...
MAX17670 MAXIM-MAX17670 Datasheet
1Mb / 25P
   Integrated 4V-60V, 150mA, High-Efficiency Synchronous Step-Down DC-DC Converter with 50mA Linear Regulator
Rev 2; 4/20
logo
Texas Instruments
LP3907 TI1-LP3907 Datasheet
3Mb / 58P
[Old version datasheet]   Dual High-Current Step-Down DC-DC and Dual Linear Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com