Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM3686 Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # LM3686
Description  Step-Down DC-DC Converter with Integrated Post Linear Regulators System and Low-Noise Linear Regulator
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM3686 Datasheet(HTML) 3 Page - Texas Instruments

  LM3686 Datasheet HTML 1Page - Texas Instruments LM3686 Datasheet HTML 2Page - Texas Instruments LM3686 Datasheet HTML 3Page - Texas Instruments LM3686 Datasheet HTML 4Page - Texas Instruments LM3686 Datasheet HTML 5Page - Texas Instruments LM3686 Datasheet HTML 6Page - Texas Instruments LM3686 Datasheet HTML 7Page - Texas Instruments LM3686 Datasheet HTML 8Page - Texas Instruments LM3686 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 28 page
background image
D3
D2
A3
A2
D1
C1
A1
B1
C2
B2
C3
B3
A3
A2
D3
D2
A1
B1
C1
D1
C2
B2
C3
B3
LM3686
www.ti.com
SNVS520D – AUGUST 2008 – REVISED MARCH 2011
Connection Diagram
Figure 3. 12-pin micro SMD package
Pin Functions
Pin Descriptions
Pin Number
Symbol
Name and Function
A1
PGND
Power Ground pin
A2
SW
Switching node connection to the internal PFET switch and NFET synchronous rectifier.
A3
FB_DCDC
Feedback analog input for the DC-DC converter. Connect to the output filter capacitor.
B1
VBATT
Power supply input for switcher. Connect to the input filter capacitor.
B2
EN_LILO
Enable input for the linear regulator. The linear regulator is in shutdown mode if voltage at this pin is
< 0.4V and enabled if > 1.1V. Do not leave this pin floating.
B3
EN_DCDC
Enable input for the DC-DC converter. The DC-DC converter is in shutdown mode if voltage at this pin is <
0.4V and enabled if > 1.1V. Do not leave this pin floating.
C1
VIN_LDO
Input power to LDO. ( Must tie to VBATT at all times )
C2
EN_LDO
Enable input for the linear regulator. The linear regulator is in shutdown mode if voltage at this pin is
< 0.4V and enabled if > 1.1V. Do not leave this pin floating.
C3
QGND
Quiet GND pin for LDO and reference circuit.
D1
VOUT_LDO
Voltage output of the linear regulator.
D2
VOUT_LILO
Voltage output of the low input linear regulator
D3
VIN_LILO
Input power to LILO (VIN_LILO connects to output of DCDC or standalone).
Order Information
Part Number
Voltage Options
Package Marking
Supplied as
LM3686TL-AADW
1.81.22.8
¢2¢X*$I¢CSUEB
250 units, tape and reel
LM3686TLX-AADW
1.81.22.8
¢2¢X*$I¢CSUEB
3000 units, tape and reel
LM3686TLE-AAED
1.21.82.8
¢2¢X*$I¢CSUEB
250 units, tape and reel
LM3686TLX-AAED
1.21.82.8
¢2¢X*$I¢CSUEB
3000 units, tape and reel
LM3686TLE-AAEF
1.81.23.0
¢2¢X*$I¢CSUEB
250 units, tape and reel
LM3686TLX-AAEF
1.81.23.0
¢2¢X*$I¢CSUEB
3000 units, tape and reel
*Voltage options are read as follow: 1.81.22.8 = 1.8V for VOUT_DC-DC, 1.2V for VOUT_LILO, and 2.8V for
VOUT_LDO;
Contact National Semiconductor for other factory VOUT programmed options.
Table 1. Enable Combinations
EN_DCDC
EN_LILO
EN_LDO
Function
0
0
0
No Outputs
0
0
1
Linear Regulator enabled only (EN_LDO), supply from VIN_LDO, IOUT_MAX = 300
mA
0
1
0
Linear Regulator enabled only LILO supplies from VIN_LDO,
IOUT_MAX = 50 mA, VIN_LDO > = VOUT_LILO
Copyright © 2008–2011, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Links: LM3686


Similar Part No. - LM3686

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM3686 NSC-LM3686 Datasheet
1Mb / 20P
   Step-Down DC-DC Converter with Integrated Post Linear Regulators System and Low-Noise Linear Regulator
logo
Texas Instruments
LM3686 TI-LM3686 Datasheet
2Mb / 27P
[Old version datasheet]   Step-Down DC-DC Converter with Integrated Post Linear Regulators System and Low-Noise Linear Regulator
logo
National Semiconductor ...
LM3686TL-AADW NSC-LM3686TL-AADW Datasheet
1Mb / 20P
   Step-Down DC-DC Converter with Integrated Post Linear Regulators System and Low-Noise Linear Regulator
logo
Texas Instruments
LM3686TLE-AADW/NOPB TI-LM3686TLE-AADW/NOPB Datasheet
2Mb / 27P
[Old version datasheet]   Step-Down DC-DC Converter with Integrated Post Linear Regulators System and Low-Noise Linear Regulator
logo
National Semiconductor ...
LM3686TLE-AAED NSC-LM3686TLE-AAED Datasheet
1Mb / 20P
   Step-Down DC-DC Converter with Integrated Post Linear Regulators System and Low-Noise Linear Regulator
More results

Similar Description - LM3686

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM3686 TI-LM3686_15 Datasheet
2Mb / 27P
[Old version datasheet]   Step-Down DC-DC Converter with Integrated Post Linear Regulators System and Low-Noise Linear Regulator
logo
National Semiconductor ...
LM3686 NSC-LM3686 Datasheet
1Mb / 20P
   Step-Down DC-DC Converter with Integrated Post Linear Regulators System and Low-Noise Linear Regulator
logo
Maxim Integrated Produc...
MAX1765 MAXIM-MAX1765_11 Datasheet
873Kb / 19P
   800mA, Low-Noise, Step-Up DC-DC Converter with 500mA Linear Regulator
Rev 1; 4/11
MAX1765 MAXIM-MAX1765 Datasheet
559Kb / 19P
   800mA, Low-Noise, Step-Up DC-DC Converter with 500mA Linear Regulator
19-1805; Rev 0; 12/00
logo
Richtek Technology Corp...
RT8036 RICHTEK-RT8036 Datasheet
333Kb / 17P
   One Step Down DC/DC Converter and Four Linear Regulators with Individual On/Off Control
logo
National Semiconductor ...
LP8720 NSC-LP8720 Datasheet
1Mb / 24P
   One Step-Down DC/DC and Five Linear Regulators with I2C Compatible Interface
LM3687 NSC-LM3687 Datasheet
624Kb / 22P
   Step-Down DC-DC Converter with Integrated Low Dropout Regulator and Startup Mode
logo
Texas Instruments
LM3687 TI1-LM3687 Datasheet
1Mb / 35P
[Old version datasheet]   Step-Down DC-DC Converter with Integrated Low Dropout Regulator and Startup Mode
logo
Maxim Integrated Produc...
MAX17670 MAXIM-MAX17670 Datasheet
1Mb / 25P
   Integrated 4V-60V, 150mA, High-Efficiency Synchronous Step-Down DC-DC Converter with 50mA Linear Regulator
Rev 2; 4/20
logo
Texas Instruments
LP3907 TI1-LP3907 Datasheet
3Mb / 58P
[Old version datasheet]   Dual High-Current Step-Down DC-DC and Dual Linear Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com