Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM3686 Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Part # LM3686
Description  Step-Down DC-DC Converter with Integrated Post Linear Regulators System and Low-Noise Linear Regulator
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM3686 Datasheet(HTML) 4 Page - Texas Instruments

  LM3686 Datasheet HTML 1Page - Texas Instruments LM3686 Datasheet HTML 2Page - Texas Instruments LM3686 Datasheet HTML 3Page - Texas Instruments LM3686 Datasheet HTML 4Page - Texas Instruments LM3686 Datasheet HTML 5Page - Texas Instruments LM3686 Datasheet HTML 6Page - Texas Instruments LM3686 Datasheet HTML 7Page - Texas Instruments LM3686 Datasheet HTML 8Page - Texas Instruments LM3686 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 28 page
background image
1.8V
VOUT-DCDC
0V
VOUT-LILO
FET OF LILO (SMALL NMOS)
IOUT-LILO 7 50 mA
IOUT-LILO > 50 mA
LARGE NMOS
(SMALL NMOS TO LARGE NMOS TRANSITION)
0V
1.2V
LM3686
SNVS520D – AUGUST 2008 – REVISED MARCH 2011
www.ti.com
Table 1. Enable Combinations (continued)
EN_DCDC
EN_LILO
EN_LDO
Function
1
0
0
DC-DC converter enabled only
1
1
0
Linear Regulator & DCDC enabled
1) VIN_LILO < VOUT_LILO + 150 mV (typ.), the small NMOS device is active (IMAX
= 50 mA) and supplied by VIN_LDO.
2) If VIN_LILO > VOUT_LILO + 250 mV (typ.), the large NMOS device is active (IMAX
= 350 mA) and supplied by VIN_LILO. Maxium current of DC-DC when EN_LILO =
High is 250 mA (Note A & B)
1
1
1
DC-DC converter and linear regulator active.
Linear regulator starts after DC-DC converter.
Note A: The LILO is turned on via a small NMOS device supplied by VIN_LDO . The maximum current is 50 mA
when this small NMOS is ON. If higher current > 50 mA is desired the following condition must be done: EN_DC
= HIGH .
Note B: When the switcher is enabled, a transition occurs from the small NMOS to a larger NMOS. The
transition occurs when VIN_LILO > VOUT_LILO + 250 mV. If VIN_LILO < VOUT_LILO + 150 mV, the LILO switches back to
small NMOS (Switcher EN = low).
Figure 4. Mode Transition
These devices have limited built-in ESD protection. The leads should be shorted together or the device placed in conductive foam
during storage or handling to prevent electrostatic damage to the MOS gates.
4
Submit Documentation Feedback
Copyright © 2008–2011, Texas Instruments Incorporated
Product Folder Links: LM3686


Similar Part No. - LM3686

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM3686 NSC-LM3686 Datasheet
1Mb / 20P
   Step-Down DC-DC Converter with Integrated Post Linear Regulators System and Low-Noise Linear Regulator
logo
Texas Instruments
LM3686 TI-LM3686 Datasheet
2Mb / 27P
[Old version datasheet]   Step-Down DC-DC Converter with Integrated Post Linear Regulators System and Low-Noise Linear Regulator
logo
National Semiconductor ...
LM3686TL-AADW NSC-LM3686TL-AADW Datasheet
1Mb / 20P
   Step-Down DC-DC Converter with Integrated Post Linear Regulators System and Low-Noise Linear Regulator
logo
Texas Instruments
LM3686TLE-AADW/NOPB TI-LM3686TLE-AADW/NOPB Datasheet
2Mb / 27P
[Old version datasheet]   Step-Down DC-DC Converter with Integrated Post Linear Regulators System and Low-Noise Linear Regulator
logo
National Semiconductor ...
LM3686TLE-AAED NSC-LM3686TLE-AAED Datasheet
1Mb / 20P
   Step-Down DC-DC Converter with Integrated Post Linear Regulators System and Low-Noise Linear Regulator
More results

Similar Description - LM3686

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM3686 TI-LM3686_15 Datasheet
2Mb / 27P
[Old version datasheet]   Step-Down DC-DC Converter with Integrated Post Linear Regulators System and Low-Noise Linear Regulator
logo
National Semiconductor ...
LM3686 NSC-LM3686 Datasheet
1Mb / 20P
   Step-Down DC-DC Converter with Integrated Post Linear Regulators System and Low-Noise Linear Regulator
logo
Maxim Integrated Produc...
MAX1765 MAXIM-MAX1765_11 Datasheet
873Kb / 19P
   800mA, Low-Noise, Step-Up DC-DC Converter with 500mA Linear Regulator
Rev 1; 4/11
MAX1765 MAXIM-MAX1765 Datasheet
559Kb / 19P
   800mA, Low-Noise, Step-Up DC-DC Converter with 500mA Linear Regulator
19-1805; Rev 0; 12/00
logo
Richtek Technology Corp...
RT8036 RICHTEK-RT8036 Datasheet
333Kb / 17P
   One Step Down DC/DC Converter and Four Linear Regulators with Individual On/Off Control
logo
National Semiconductor ...
LP8720 NSC-LP8720 Datasheet
1Mb / 24P
   One Step-Down DC/DC and Five Linear Regulators with I2C Compatible Interface
LM3687 NSC-LM3687 Datasheet
624Kb / 22P
   Step-Down DC-DC Converter with Integrated Low Dropout Regulator and Startup Mode
logo
Texas Instruments
LM3687 TI1-LM3687 Datasheet
1Mb / 35P
[Old version datasheet]   Step-Down DC-DC Converter with Integrated Low Dropout Regulator and Startup Mode
logo
Maxim Integrated Produc...
MAX17670 MAXIM-MAX17670 Datasheet
1Mb / 25P
   Integrated 4V-60V, 150mA, High-Efficiency Synchronous Step-Down DC-DC Converter with 50mA Linear Regulator
Rev 2; 4/20
logo
Texas Instruments
LP3907 TI1-LP3907 Datasheet
3Mb / 58P
[Old version datasheet]   Dual High-Current Step-Down DC-DC and Dual Linear Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com