Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM3554 Datasheet(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
Part # LM3554
Description  Synchronous Boost Converter with 1.2A Dual High Side LED Drivers and I2C Compatible
Download  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM3554 Datasheet(HTML) 7 Page - Texas Instruments

Back Button LM3554 Datasheet HTML 3Page - Texas Instruments LM3554 Datasheet HTML 4Page - Texas Instruments LM3554 Datasheet HTML 5Page - Texas Instruments LM3554 Datasheet HTML 6Page - Texas Instruments LM3554 Datasheet HTML 7Page - Texas Instruments LM3554 Datasheet HTML 8Page - Texas Instruments LM3554 Datasheet HTML 9Page - Texas Instruments LM3554 Datasheet HTML 10Page - Texas Instruments LM3554 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 43 page
background image
LM3554
www.ti.com
SNVS549A – JUNE 2009 – REVISED APRIL 2011
Typical Performance Characteristics
VIN = 3.6V, LEDs are Lumiled PWF-4, COUT = 10µF, CIN = 4.7µF, L = FDSE0312-2R2 (2.2µH, RL = 0.15Ω), TA = +25°C unless
otherwise specified.
LED Efficiency
LED Efficiency
vs
vs
VIN
VIN
(Single LED, L = TOKO FDSE0312-2R2)
(Dual LEDs, L = TOKO FDSE0312-2R2)
Input Current
LED Efficiency
vs
vs
VIN
VIN
(Single LED, L = TOKO FDSE0312-2R2)
(Single LED, L = Coilcraft LPS4018-222)
LED Efficiency
Input Current
vs
vs
VIN
VIN
(Dual LED's, L = Coilcraft LPS4018-222)
(Single LED, L = Coilcraft LPS4018-222)
Copyright © 2009–2011, Texas Instruments Incorporated
Submit Documentation Feedback
7
Product Folder Links: LM3554


Similar Part No. - LM3554

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM3554 NSC-LM3554 Datasheet
154Kb / 4P
   Synchronous Boost Con
logo
Texas Instruments
LM3554 TI1-LM3554 Datasheet
4Mb / 47P
[Old version datasheet]   Synchronous Boost Converter
LM3554TME/NOPB TI1-LM3554TME/NOPB Datasheet
4Mb / 47P
[Old version datasheet]   Synchronous Boost Converter
LM3554TMX/NOPB TI1-LM3554TMX/NOPB Datasheet
4Mb / 47P
[Old version datasheet]   Synchronous Boost Converter
LM3554 TI1-LM3554_16 Datasheet
4Mb / 47P
[Old version datasheet]   Synchronous Boost Converter
More results

Similar Description - LM3554

ManufacturerPart #DatasheetDescription
logo
Eutech Microelectronics...
EUP2465 EUTECH-EUP2465 Datasheet
77Kb / 1P
   Synchronous Boost Flash LED Driver and Dual 1.5A High Side Current Source with I2C Compatible Interface
EUP2466 EUTECH-EUP2466 Datasheet
78Kb / 1P
   Synchronous Boost Flash LED Driver and Dual 1.5A High Side Current Source with I2C Compatible Interface
logo
National Semiconductor ...
LM3553 NSC-LM3553 Datasheet
394Kb / 18P
   1.2A Dual Flash LED Driver System with I2C Compatible
logo
Seaward Electronics Inc...
SE3609 SEAWARD-SE3609 Datasheet
292Kb / 8P
   1MHz/1.2A Synchronous Boost Converter
logo
Texas Instruments
LM3561 TI1-LM3561 Datasheet
2Mb / 36P
[Old version datasheet]   LM3561 Synchronous Boost Converter with 600mA High Side LED Driver and I 2 C-Compatible Interface
logo
Monolithic Power System...
MP3120 MPS-MP3120 Datasheet
712Kb / 10P
   1.2A, 1.1MHz Synchronous Boost Converter with Output Disconnect
logo
Analog Devices
LT8338 AD-LT8338 Datasheet
1Mb / 20P
   40V, 1.2A Micropower Synchronous Boost Converter with PassThru
logo
Leshan Radio Company
LR8406 LRC-LR8406 Datasheet
618Kb / 22P
   1.2A, 1.2MHz Synchronous Boost Converter with Output Disconnect
logo
Eutech Microelectronics...
EUP2468 EUTECH-EUP2468 Datasheet
78Kb / 1P
   1.5A Synchronous Boost LED Flash Driver with I2C Compatible Interface
logo
National Semiconductor ...
LM3555 NSC-LM3555 Datasheet
120Kb / 2P
   Synchronous Boost Converter with 500 mA High Side LED Driver and Dual-Mode Control Interfacev
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com