Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM3433 Datasheet(PDF) 6 Page - Texas Instruments

Part # LM3433
Description  Common Anode Capable High Brightness LED Driver with High Frequency Dimming
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM3433 Datasheet(HTML) 6 Page - Texas Instruments

Back Button LM3433_14 Datasheet HTML 2Page - Texas Instruments LM3433_14 Datasheet HTML 3Page - Texas Instruments LM3433_14 Datasheet HTML 4Page - Texas Instruments LM3433_14 Datasheet HTML 5Page - Texas Instruments LM3433_14 Datasheet HTML 6Page - Texas Instruments LM3433_14 Datasheet HTML 7Page - Texas Instruments LM3433_14 Datasheet HTML 8Page - Texas Instruments LM3433_14 Datasheet HTML 9Page - Texas Instruments LM3433_14 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 15 page
background image
LM3433
SNVS535B – OCTOBER 2007 – REVISED MARCH 2008
www.ti.com
Electrical Characteristics (continued)
Specifications in standard type face are for TJ = 25°C and those with boldface type apply over the full Operating
Temperature Range ( TJ = −40°C to +125°C). Minimum and Maximum limits are guaranteed through test, design, or
statistical correlation. Typical values represent the most likely parametric norm at TJ = +25ºC, and are provided for reference
purposes only. Unless otherwise stated the following conditions apply: VEE = -12.0V and VIN = +3.3V with respect to CGND.
Symbol
Parameter
Conditions
Min(1)
Typ(2)
Max(1)
Units
ISS
SS pin source current
10
µA
RSS
SS pin pulldown resistance
EN = CGND
1.0
k
AC SPECIFICATIONS
TDTD
LO and HO dead time
LO falling to HO rising dead
26
time
ns
HO falling to LO rising dead
28
time
TPDIM
DIM to DIMO propagation
DIM rising to DIMO rising
68
124
delay
delay
ns
DIM falling to DIMO falling
58
160
delay
THERMAL SPECIFICATIONS
TJLIM
Junction temperature thermal
175
°C
limit
TJLIM(hyst)
Thermal limit hysteresis
20
°C
θJA
LLP-24 package thermal
JEDEC 4 layer board
39
°C/W
resistance
6
Submit Documentation Feedback
Copyright © 2007–2008, Texas Instruments Incorporated
Product Folder Links: LM3433


Similar Part No. - LM3433_14

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM3433SQ NSC-LM3433SQ Datasheet
337Kb / 14P
   Common Anode Capable High Brightness LED Driver with High Frequency Dimming
LM3433SQX NSC-LM3433SQX Datasheet
337Kb / 14P
   Common Anode Capable High Brightness LED Driver with High Frequency Dimming
More results

Similar Description - LM3433_14

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM3434 NSC-LM3434 Datasheet
369Kb / 14P
   Common Anode Capable High Brightness LED Driver with High Frequency Dimming
logo
Texas Instruments
LM3434 TI1-LM3434 Datasheet
821Kb / 20P
[Old version datasheet]   Common Anode Capable High Brightness LED Driver with High Frequency Dimming
logo
National Semiconductor ...
LM3433 NSC-LM3433 Datasheet
337Kb / 14P
   Common Anode Capable High Brightness LED Driver with High Frequency Dimming
logo
Texas Instruments
LM3414 TI1-LM3414_15 Datasheet
1Mb / 30P
[Old version datasheet]   Common Anode-Capable Constant Current Buck LED Driver
logo
Maxic Technology Corpor...
MT7261 MAXIC-MT7261 Datasheet
167Kb / 1P
   Boost White LED Driver With High Frequency PWM Dimming
logo
Maxim Integrated Produc...
MAX16803 MAXIM-MAX16803 Datasheet
327Kb / 12P
   High-Voltage, 350mA, High-Brightness LED Driver with PWM Dimming and 5V Regulator
Rev 0; 5/06
MAX16836 MAXIM-MAX16836 Datasheet
176Kb / 11P
   High-Voltage, 350mA, High-Brightness LED Driver with PWM Dimming and 5V Regulator
Rev 1; 5/08
MAX16803 MAXIM-MAX16803_09 Datasheet
179Kb / 11P
   High-Voltage, 350mA, High-Brightness LED Driver with PWM Dimming and 5V Regulator
Rev 1; 4/09
MAX16836 MAXIM-MAX16836_09 Datasheet
182Kb / 11P
   High-Voltage, 350mA, High-Brightness LED Driver with PWM Dimming and 5V Regulator
Rev 2; 4/09
logo
Advanced Power Electron...
APE1630 A-POWER-APE1630 Datasheet
612Kb / 11P
   32V,1A STEP-DOWN HIGH BRIGHTNESS LED DRIVER WITH 5000:1 DIMMING
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com