Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MB84VA2101 Datasheet(PDF) 9 Page - Fujitsu Component Limited.

Part # MB84VA2101
Description  16M (x 8) FLASH MEMORY & 2M (x 8) STATIC RAM
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [Fujitsu Component Limited.]
Direct Link  http://edevice.fujitsu.com/fmd/en/index.html
Logo FUJITSU - Fujitsu Component Limited.

MB84VA2101 Datasheet(HTML) 9 Page - Fujitsu Component Limited.

Back Button MB84VA2101 Datasheet HTML 5Page - Fujitsu Component Limited. MB84VA2101 Datasheet HTML 6Page - Fujitsu Component Limited. MB84VA2101 Datasheet HTML 7Page - Fujitsu Component Limited. MB84VA2101 Datasheet HTML 8Page - Fujitsu Component Limited. MB84VA2101 Datasheet HTML 9Page - Fujitsu Component Limited. MB84VA2101 Datasheet HTML 10Page - Fujitsu Component Limited. MB84VA2101 Datasheet HTML 11Page - Fujitsu Component Limited. MB84VA2101 Datasheet HTML 12Page - Fujitsu Component Limited. MB84VA2101 Datasheet HTML 13Page - Fujitsu Component Limited. Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 29 page
background image
9
MB84VA2100-10/MB84VA2101-10
Address bits A11 to A20 = X = “H” or “L” for all address commands except for Program Address (PA) and Sector
Address (SA).
Bus operations are defined in Table 2.
Both Read/Reset commands are functionally equivalent, resetting the device to the read mode.
RA =Address of the memory location to be read.
PA =Address of the memory location to be programmed. Addresses are latched on the falling edge of
the write pulse.
SA =Address of the sector to be erased. The combination of A20, A19, A18, A17, A16, A15, A14, and A13 will
uniquely select any sector.
RD =Data read from location RA during read operation.
PD =Data to be programmed at location PA.
SPA =Sector address to be protected. Set sector address (SA) and (A6, A1, A0) = (0, 1, 0).
SD =Sector protection verify data. Output 01H at protected sector addresses and output 00H at unprotected
sector addresses.
Note:This command is valid while Fast Mode.
Table 6 Flash Memory Command Definitions
Command
Sequence
Bus
Write
Cycles
Req’d
First Bus
Write Cycle
Second Bus
Write Cycle
Third Bus
Write Cycle
Fourth Bus
Read/Write
Cycle
Fifth Bus
Write Cycle
Sixth Bus
Write Cycle
Addr.
Data
Addr.
Data Addr. Data
Addr.
Data
Addr.
Data Addr. Data
Read/Reset
1
XXXH
F0H
———
———
Read/Reset
3
555H
AAH
2AAH
55H
555H
F0H
RA
RD
Autoselect
3
555H
AAH
2AAH
55H
555H
90H
Program
4
555H
AAH
2AAH
55H
555H
A0H
PA
PD
Chip Erase
6
555H
AAH
2AAH
55H
555H
80H
555H
AAH
2AAH
55H
555H
10H
Sector Erase
6
555H
AAH
2AAH
55H
555H
80H
555H
AAH
2AAH
55H
SA
30H
Sector Erase Suspend Erase can be suspended during sector erase with Addr (“H” or “L”). Data (B0H)
Sector Erase Resume Erase can be resumed after suspend with Addr (“H” or “L”). Data (30H)
Set to
Fast Mode
3
555H
AAH
2AAH
55H
555H
20H
Fast Program
(Note)
2
XXXH
A0H
PA
PD
Reset from
Fast Mode
(Note)
2
XXXH
90H
XXXH
F0H
—————
Extended
Sector
Protect
4
XXXH
60H
SPA
60H
SPA
40H
SPA
SD


Similar Part No. - MB84VA2101

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
MB84VA2102 FUJITSU-MB84VA2102 Datasheet
422Kb / 29P
   16M (x16) FLASH MEMORY & 2M (x 8) STATIC RAM
MB84VA2102-10 FUJITSU-MB84VA2102-10 Datasheet
422Kb / 29P
   16M (x16) FLASH MEMORY & 2M (x 8) STATIC RAM
MB84VA2103 FUJITSU-MB84VA2103 Datasheet
422Kb / 29P
   16M (x16) FLASH MEMORY & 2M (x 8) STATIC RAM
MB84VA2103-10 FUJITSU-MB84VA2103-10 Datasheet
422Kb / 29P
   16M (x16) FLASH MEMORY & 2M (x 8) STATIC RAM
MB84VA2104 FUJITSU-MB84VA2104 Datasheet
401Kb / 29P
   16M (x 8) FLASH MEMORY & 1M (x 8) STATIC RAM
More results

Similar Description - MB84VA2101

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
MB84VA2102 FUJITSU-MB84VA2102 Datasheet
422Kb / 29P
   16M (x16) FLASH MEMORY & 2M (x 8) STATIC RAM
MB84VA2104 FUJITSU-MB84VA2104 Datasheet
401Kb / 29P
   16M (x 8) FLASH MEMORY & 1M (x 8) STATIC RAM
MB84VA2000 FUJITSU-MB84VA2000 Datasheet
348Kb / 29P
   8M (X 8) FLASH MEMORY & 2M (X 8) STATIC RAM
MB84VD2002 FUJITSU-MB84VD2002 Datasheet
423Kb / 30P
   8M (x 8/x 16) FLASH MEMORY & 2M (x 8) STATIC RAM
MB84VA2002 FUJITSU-MB84VA2002 Datasheet
393Kb / 29P
   8M (x 8/x 16) FLASH MEMORY & 2M (x 8) STATIC RAM
MB84VD2118XA FUJITSU-MB84VD2118XA Datasheet
907Kb / 55P
   16M ( x 8/ x 16) FLASH MEMORY & 4M ( x 8/ x 16) STATIC RAM
MB84VA2106 FUJITSU-MB84VA2106 Datasheet
423Kb / 29P
   16M (x16) FLASH MEMORY & 1M (x 8) STATIC RAM
MB84VD2208XEA FUJITSU-MB84VD2208XEA Datasheet
1Mb / 61P
   32M (X 8/X16) FLASH MEMORY & 2M (X 8/X16) STATIC RAM
logo
SPANSION
MBM29F017A SPANSION-MBM29F017A Datasheet
493Kb / 49P
   FLASH MEMORY CMOS 16M (2M x 8) BIT
MBM29F016A SPANSION-MBM29F016A Datasheet
467Kb / 43P
   FLASH MEMORY CMOS 16M (2M x 8) BIT
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com