Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM3423Q1 Datasheet(PDF) 9 Page - Texas Instruments

Part # LM3423Q1
Description  N-Channel Controllers for Constant Current LED Drivers
Download  65 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM3423Q1 Datasheet(HTML) 9 Page - Texas Instruments

Back Button LM3423Q1 Datasheet HTML 5Page - Texas Instruments LM3423Q1 Datasheet HTML 6Page - Texas Instruments LM3423Q1 Datasheet HTML 7Page - Texas Instruments LM3423Q1 Datasheet HTML 8Page - Texas Instruments LM3423Q1 Datasheet HTML 9Page - Texas Instruments LM3423Q1 Datasheet HTML 10Page - Texas Instruments LM3423Q1 Datasheet HTML 11Page - Texas Instruments LM3423Q1 Datasheet HTML 12Page - Texas Instruments LM3423Q1 Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 65 page
background image
TEMPERATURE (°C)
225
220
215
210
205
200
195
-50
-14
22
58
94
130
TEMPERATURE (°C)
567
566
565
564
563
562
-50
-14
22
58
94
130
TEMPERATURE (°C)
248
246
244
242
240
-50
-14
22
58
94
130
TEMPERATURE (°C)
1.250
1.245
1.240
1.235
1.230
1.225
1.220
-50
-14
22
58
94
130
TEMPERATURE (°C)
7.20
7.10
7.00
6.90
6.80
6.70
-50
-14
22
58
94
130
LM3421, LM3421-Q1
LM3423, LM3423-Q1
www.ti.com
SNVS574D – JULY 2008 – REVISED SEPTEMBER 2011
Typical Performance Characteristics (continued)
TA=+25°C and VIN = 14V unless otherwise specified
VCSH vs. Junction Temperature
VCC vs. Junction Temperature
Figure 10.
Figure 11.
VRCT vs. Junction Temperature
VLIM vs. Junction Temperature
Figure 12.
Figure 13.
tON-MIN vs. Junction Temperature
Figure 14.
Copyright © 2008–2011, Texas Instruments Incorporated
Submit Documentation Feedback
9
Product Folder Links: LM3421 LM3421-Q1 LM3423 LM3423-Q1


Similar Part No. - LM3423Q1

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM3423Q1 NSC-LM3423Q1 Datasheet
1Mb / 48P
   N-Channel Controllers for Constant Current LED Drivers
LM3423Q1MH NSC-LM3423Q1MH Datasheet
1Mb / 48P
   N-Channel Controllers for Constant Current LED Drivers
logo
Texas Instruments
LM3423Q1MH/NOPB TI1-LM3423Q1MH/NOPB Datasheet
2Mb / 72P
[Old version datasheet]   N-Channel Controllers for Constant-Current LED Drivers
logo
National Semiconductor ...
LM3423Q1MHX NSC-LM3423Q1MHX Datasheet
1Mb / 48P
   N-Channel Controllers for Constant Current LED Drivers
logo
Texas Instruments
LM3423Q1MHX/NOPB TI1-LM3423Q1MHX/NOPB Datasheet
2Mb / 72P
[Old version datasheet]   N-Channel Controllers for Constant-Current LED Drivers
More results

Similar Description - LM3423Q1

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM3421 NSC-LM3421_10 Datasheet
1Mb / 48P
   N-Channel Controllers for Constant Current LED Drivers
LM3421 NSC-LM3421 Datasheet
881Kb / 24P
   N-Channel Controllers for Constant Current LED Drivers
LM3421 NSC-LM3421_09 Datasheet
906Kb / 24P
   N-Channel Controllers for Constant Current LED Drivers
logo
Texas Instruments
LM3421 TI1-LM3421 Datasheet
2Mb / 72P
[Old version datasheet]   N-Channel Controllers for Constant-Current LED Drivers
logo
National Semiconductor ...
LM3429_0908 NSC-LM3429_0908 Datasheet
1Mb / 34P
   N-Channel Controller for Constant Current LED Drivers
logo
Texas Instruments
LM3429 TI1-LM3429 Datasheet
1Mb / 62P
[Old version datasheet]   N-Channel Controller for Constant Current LED Drivers
logo
National Semiconductor ...
LM3429 NSC-LM3429 Datasheet
302Kb / 8P
   N-Channel Controller for Constant Current LED Drivers
logo
Texas Instruments
LM3429 TI1-LM3429_14 Datasheet
1Mb / 50P
[Old version datasheet]   LM3429Q1 N-Channel Controller for Constant Current LED Drivers
logo
Silicon Touch Technolog...
DD231 SITI-DD231 Datasheet
125Kb / 7P
   3-CHANNEL CONSTANT CURRENT LED DRIVERS
logo
LDT Co., Ltd
LD1016 LDT-LD1016 Datasheet
306Kb / 15P
   16-CHANNEL CONSTANT Current LED Drivers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com