Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AMC1210 Datasheet(PDF) 9 Page - Texas Instruments

Part # AMC1210
Description  Quad Digital Filter for 2nd-Order Delta-Sigma Modulator
Download  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

AMC1210 Datasheet(HTML) 9 Page - Texas Instruments

Back Button AMC1210_14 Datasheet HTML 5Page - Texas Instruments AMC1210_14 Datasheet HTML 6Page - Texas Instruments AMC1210_14 Datasheet HTML 7Page - Texas Instruments AMC1210_14 Datasheet HTML 8Page - Texas Instruments AMC1210_14 Datasheet HTML 9Page - Texas Instruments AMC1210_14 Datasheet HTML 10Page - Texas Instruments AMC1210_14 Datasheet HTML 11Page - Texas Instruments AMC1210_14 Datasheet HTML 12Page - Texas Instruments AMC1210_14 Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 54 page
background image
PARALLEL MODE 2
TIMING CHARACTERISTICS
(1)
ADDR
ADDR
ADDR+1
MSB
LSB
MSB
t
w1
t
w2
t
d1
t
w3
t
w4
t
w5
t
d4
t
d3
t
d2
AD(7:0)
Internaladdress
Parallelmode2,writeaccess
CS
WR
RD
ALE
t
su1
t
h1
t
su2
t
h2
ADDR
MSB
LSB
MSB
ADDR
ADDR+1
t
d5
t
d6
t
w6
t
w7
t
d9
AD(7:0)
Internaladdress
Parallelmode2,readaccess
CS
WR
RD
ALE
t
d7
t
d8
AMC1210
www.ti.com.............................................................................................................................................................. SBAS372D – APRIL 2006 – REVISED MAY 2009
Over recommended operating free-air temperature range at –40°C to +125°C, DVDD = +5V, and BVDD = +2.7V, unless otherwise noted.
PARAMETER(2)
MIN
MAX
UNIT
tw1
CS low width
40
ns
tw2
CS high width
5
ns
td1
Delay time from ALE low to CS high
5
ns
td2
Delay time from WR high to CS high
5
ns
td3
Delay time from CS low to WR low
3
ns
tw3
WR low width
10
ns
tw4
WR high width
10
ns
tw5
ALE high width
10
ns
td4
Delay time from ALE low to WR low
10
ns
tsu1
Setup time from address valid to ALE low
6
ns
th1
Hold time from ALE low to address invalid
5
ns
td5
Delay time from CS low to RD low
0
ns
tsu2
Setup time from data valid to WR high
6
ns
th2
Hold time from WR high to data invalid
5
ns
td6
Delay time from RD high to CS high
6
ns
tw6
RD low width
30
ns
tw7
RD high width
13
ns
td7
Delay time from RD low to data valid
30
ns
td8
Delay time from RD high to databus in tristate
0
10
ns
td9
Delay time from ALE low to RD low
10
ns
(1)
All input signals are specified with tR = tF = 5ns (10% to 90% of BVDD) and timed from a voltage level of (VIL + VIH)/2.
(2)
tw2 is obsolete if CS stays low between the WR, RD and ALE pulses.
Figure 5. Parallel Mode 2 Timing
Copyright © 2006–2009, Texas Instruments Incorporated
Submit Documentation Feedback
9
Product Folder Link(s): AMC1210


Similar Part No. - AMC1210_14

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
AMC1210IRHAR BURR-BROWN-AMC1210IRHAR Datasheet
999Kb / 47P
   Quad Digital Filter for 2nd-Order Delta-Sigma Modulator
AMC1210IRHARG4 BURR-BROWN-AMC1210IRHARG4 Datasheet
999Kb / 47P
   Quad Digital Filter for 2nd-Order Delta-Sigma Modulator
AMC1210IRHAT BURR-BROWN-AMC1210IRHAT Datasheet
999Kb / 47P
   Quad Digital Filter for 2nd-Order Delta-Sigma Modulator
AMC1210IRHATG4 BURR-BROWN-AMC1210IRHATG4 Datasheet
999Kb / 47P
   Quad Digital Filter for 2nd-Order Delta-Sigma Modulator
More results

Similar Description - AMC1210_14

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
AMC1210 BURR-BROWN-AMC1210 Datasheet
999Kb / 47P
   Quad Digital Filter for 2nd-Order Delta-Sigma Modulator
logo
Texas Instruments
ADS1208 TI1-ADS1208_14 Datasheet
426Kb / 25P
[Old version datasheet]   2nd-Order Delta-Sigma Modulator with Excitation for Hall Elements
ADS1208 TI1-ADS1208 Datasheet
309Kb / 23P
[Old version datasheet]   2nd-Order Delta-Sigma Modulator with Excitation for Hall Elements
logo
Burr-Brown (TI)
ADS1208 BURR-BROWN-ADS1208 Datasheet
381Kb / 22P
   2nd-Order Delta-Sigma Modulator with Excitation for Hall Elements
logo
Texas Instruments
AMC1203 TI-AMC1203_15 Datasheet
990Kb / 29P
[Old version datasheet]   1-Bit, 10MHz, 2nd-Order, Isolated Delta-Sigma Modulator
AMC1203 TI-AMC1203 Datasheet
695Kb / 23P
[Old version datasheet]   1-Bit, 10MHz, 2nd-Order, Isolated Delta-Sigma Modulator
logo
Burr-Brown (TI)
ADS1202 BURR-BROWN-ADS1202 Datasheet
311Kb / 21P
   Motor Control Current Shunt 1-Bit, 10MHz, 2nd-Order, Delta-Sigma Modulator
logo
Texas Instruments
ADS1202 TI1-ADS1202_14 Datasheet
890Kb / 26P
[Old version datasheet]   Motor Control Current Shunt 1-Bit, 10MHz, 2nd-Order, Delta-Sigma Modulator
ADS1202 TI1-ADS1202 Datasheet
502Kb / 24P
[Old version datasheet]   Motor Control Current Shunt 1-Bit, 10MHz, 2nd-Order, Delta-Sigma Modulator
ADS1202IPWRG4 TI-ADS1202IPWRG4 Datasheet
875Kb / 25P
[Old version datasheet]   Motor Control Current Shunt 1-Bit, 10MHz, 2nd-Order, Delta-Sigma Modulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com