Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AMC1210 Datasheet(PDF) 10 Page - Texas Instruments

Part # AMC1210
Description  Quad Digital Filter for 2nd-Order Delta-Sigma Modulator
Download  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

AMC1210 Datasheet(HTML) 10 Page - Texas Instruments

Back Button AMC1210_14 Datasheet HTML 6Page - Texas Instruments AMC1210_14 Datasheet HTML 7Page - Texas Instruments AMC1210_14 Datasheet HTML 8Page - Texas Instruments AMC1210_14 Datasheet HTML 9Page - Texas Instruments AMC1210_14 Datasheet HTML 10Page - Texas Instruments AMC1210_14 Datasheet HTML 11Page - Texas Instruments AMC1210_14 Datasheet HTML 12Page - Texas Instruments AMC1210_14 Datasheet HTML 13Page - Texas Instruments AMC1210_14 Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 54 page
background image
PARALLEL MODE 3
TIMING CHARACTERISTICS
(1)
ADDR
ADDR
ADDR+1
MSB
LSB
MSB
t
w5
t
d5
t
su1
t
h1
t
su2
t
h2
t
d1
t
d2
t
d3
t
d4
t
w4
t
w3
t
w1
t
w2
AD(7:0)
Internaladdress
Parallelmode3,writeaccess
CS
RD
WR
ALE
ADDR
ADDR
ADDR+1
MSB
LSB
MSB
t
d8
t
d6
t
d7
AD(7:0)
Internaladdress
Parallelmode3,readaccess
CS
RD
WR
ALE
AMC1210
SBAS372D – APRIL 2006 – REVISED MAY 2009.............................................................................................................................................................. www.ti.com
Over recommended operating free-air temperature range at –40°C to +125°C, DVDD = +5V, and BVDD = +2.7V, unless otherwise noted.
PARAMETER(2)
MIN
MAX
UNIT
tw1
CS low width
40
ns
tw2
CS high width
5
ns
td1
Delay time from WR low to CS low
5
ns
td2
Delay time from ALE high to CS high
5
ns
td3
Delay time from RD high to CS high
5
ns
td4
Delay time from CS low to RD low
3
ns
tw3
RD low width
10
ns
tw4
RD high width
30
ns
tw5
ALE low width
6
ns
td5
Delay time from ALE high to RD low
10
ns
tsu1
Setup time from address valid to ALE high
5
ns
th1
Hold time from ALE high to address invalid
5
ns
tsu2
Setup time from data valid to RD high
5
ns
th2
Hold time from RD high to data invalid
5
ns
td6
Delay time from RD low to data valid
30
ns
td7
Delay time from RD high to databus in tristate
0
10
ns
td8
Delay time from WR high to CS low
5
ns
(1)
All input signals are specified with tR = tF = 5ns (10% to 90% of BVDD) and timed from a voltage level of (VIL + VIH)/2.
(2)
tw2 is obsolete if CS stays low between the RD and ALE pulses.
Figure 6. Parallel Mode 3 Timing
10
Submit Documentation Feedback
Copyright © 2006–2009, Texas Instruments Incorporated
Product Folder Link(s): AMC1210


Similar Part No. - AMC1210_14

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
AMC1210IRHAR BURR-BROWN-AMC1210IRHAR Datasheet
999Kb / 47P
   Quad Digital Filter for 2nd-Order Delta-Sigma Modulator
AMC1210IRHARG4 BURR-BROWN-AMC1210IRHARG4 Datasheet
999Kb / 47P
   Quad Digital Filter for 2nd-Order Delta-Sigma Modulator
AMC1210IRHAT BURR-BROWN-AMC1210IRHAT Datasheet
999Kb / 47P
   Quad Digital Filter for 2nd-Order Delta-Sigma Modulator
AMC1210IRHATG4 BURR-BROWN-AMC1210IRHATG4 Datasheet
999Kb / 47P
   Quad Digital Filter for 2nd-Order Delta-Sigma Modulator
More results

Similar Description - AMC1210_14

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
AMC1210 BURR-BROWN-AMC1210 Datasheet
999Kb / 47P
   Quad Digital Filter for 2nd-Order Delta-Sigma Modulator
logo
Texas Instruments
ADS1208 TI1-ADS1208_14 Datasheet
426Kb / 25P
[Old version datasheet]   2nd-Order Delta-Sigma Modulator with Excitation for Hall Elements
ADS1208 TI1-ADS1208 Datasheet
309Kb / 23P
[Old version datasheet]   2nd-Order Delta-Sigma Modulator with Excitation for Hall Elements
logo
Burr-Brown (TI)
ADS1208 BURR-BROWN-ADS1208 Datasheet
381Kb / 22P
   2nd-Order Delta-Sigma Modulator with Excitation for Hall Elements
logo
Texas Instruments
AMC1203 TI-AMC1203_15 Datasheet
990Kb / 29P
[Old version datasheet]   1-Bit, 10MHz, 2nd-Order, Isolated Delta-Sigma Modulator
AMC1203 TI-AMC1203 Datasheet
695Kb / 23P
[Old version datasheet]   1-Bit, 10MHz, 2nd-Order, Isolated Delta-Sigma Modulator
logo
Burr-Brown (TI)
ADS1202 BURR-BROWN-ADS1202 Datasheet
311Kb / 21P
   Motor Control Current Shunt 1-Bit, 10MHz, 2nd-Order, Delta-Sigma Modulator
logo
Texas Instruments
ADS1202 TI1-ADS1202_14 Datasheet
890Kb / 26P
[Old version datasheet]   Motor Control Current Shunt 1-Bit, 10MHz, 2nd-Order, Delta-Sigma Modulator
ADS1202 TI1-ADS1202 Datasheet
502Kb / 24P
[Old version datasheet]   Motor Control Current Shunt 1-Bit, 10MHz, 2nd-Order, Delta-Sigma Modulator
ADS1202IPWRG4 TI-ADS1202IPWRG4 Datasheet
875Kb / 25P
[Old version datasheet]   Motor Control Current Shunt 1-Bit, 10MHz, 2nd-Order, Delta-Sigma Modulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com