Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SP-6128 Datasheet(PDF) 1 Page - Protech Systems Co., Ltd.

Part # SP-6128
Description  Optional Wireless LAN module
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PROTECHSYSTEMS [Protech Systems Co., Ltd.]
Direct Link  http://www.protech.com.tw
Logo PROTECHSYSTEMS - Protech Systems Co., Ltd.

SP-6128 Datasheet(HTML) 1 Page - Protech Systems Co., Ltd.

  SP-6128 Datasheet HTML 1Page - Protech Systems Co., Ltd. SP-6128 Datasheet HTML 2Page - Protech Systems Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
SP-6128 /
SP-6120 /
SP-6122
Fanless and Low Power
8.4" / 10.4" / 12.1" Intel®
N2800/D2550 processor
Panel PC
Intel® N2800/D2550 processor on
board
Supports Intel® NM10
Totally fanless and quiet design
Support CFast slot
Optional Wireless LAN module
Support wide voltage DC in (9~36V)
Aluminum front bezel
Features and Benefits:
PPC
F nless
a
Protech Systems Co., Ltd.
No. 24, Lane 365, Yang Goang Street, Nei Hu
District Taipei 114, Taiwan
TEL: +886-2-8751-1111 FAX: +886-2-8751-1199
E-mail: sales@protech.com.tw
http://www.protech.com.tw
Protech Japan Co., Ltd.
OSK Bldg, 6F, 6-25-14, Minami-ohi Shinagawa-ku,
Tokyo, 140-0013
TEL: +81-3-5753-8411 FAX: +81-3-3763-9282
E-mail: sam@protech-j.com
http://www.protech-j.com
Protech Technologies Inc.
950 Fee Ana St, Suite B Placentia, CA 92870
TEL: +1-714- 996-7200 FAX: +1-714- 996-7300
Sales: sales@protech-usa.net
http://www.protech-usa.net


Similar Part No. - SP-6128

ManufacturerPart #DatasheetDescription
logo
Protech Systems Co., Lt...
SP-6128 PROTECHSYSTEMS-SP-6128 Datasheet
598Kb / 2P
   Intel짰 N2800/D2550 processor on board
More results

Similar Description - SP-6128

ManufacturerPart #DatasheetDescription
logo
Rohm
BP359B ROHM-BP359B Datasheet
1Mb / 29P
   Wireless LAN Module
logo
Taiyo Yuden (U.S.A.), I...
WYSBHVGXG TAIYO-YUDEN-WYSBHVGXG Datasheet
465Kb / 22P
   Wireless LAN Bluetooth Module
logo
Mitsumi Electronics, Co...
DWM-W317B1 MITSUMI-DWM-W317B1 Datasheet
64Kb / 2P
   Wireless LANBluetooth짰 Module
logo
Taiyo Yuden (U.S.A.), I...
WBSACVLXY-1 TAIYO-YUDEN-WBSACVLXY-1 Datasheet
310Kb / 8P
   Wireless LAN Module Evaluation Board
logo
Rohm
BW9490-E ROHM-BW9490-E Datasheet
542Kb / 1P
   IEEE802. 11b/g Wireless LAN Module
BP3599 ROHM-BP3599 Datasheet
3Mb / 1P
   Wireless LAN Module with Flash Memory
BP3595 ROHM-BP3595 Datasheet
301Kb / 1P
   Compact Wireless LAN Module with Integrated Antenna
logo
Taiyo Yuden (U.S.A.), I...
WBSBHVGXG TAIYO-YUDEN-WBSBHVGXG Datasheet
610Kb / 8P
   Wireless LAN and Bluetooth Module Evaluation Board
logo
ANADIGICS, Inc
AWL6152 ANADIGICS-AWL6152 Datasheet
197Kb / 12P
   2.4 GHz Wireless LAN Power Amplifier Module
AWL6153 ANADIGICS-AWL6153 Datasheet
247Kb / 12P
   2.4 GHz Wireless LAN Power Amplifier Module
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com