Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MB84VD23280EE-90-PBS Datasheet(PDF) 2 Page - Fujitsu Component Limited.

Part # MB84VD23280EE-90-PBS
Description  64M (x8/x16) FLASH MEMORY & 8M (x8/x16) STATIC RAM
Download  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [Fujitsu Component Limited.]
Direct Link  http://edevice.fujitsu.com/fmd/en/index.html
Logo FUJITSU - Fujitsu Component Limited.

MB84VD23280EE-90-PBS Datasheet(HTML) 2 Page - Fujitsu Component Limited.

  MB84VD23280EE-90-PBS Datasheet HTML 1Page - Fujitsu Component Limited. MB84VD23280EE-90-PBS Datasheet HTML 2Page - Fujitsu Component Limited. MB84VD23280EE-90-PBS Datasheet HTML 3Page - Fujitsu Component Limited. MB84VD23280EE-90-PBS Datasheet HTML 4Page - Fujitsu Component Limited. MB84VD23280EE-90-PBS Datasheet HTML 5Page - Fujitsu Component Limited. MB84VD23280EE-90-PBS Datasheet HTML 6Page - Fujitsu Component Limited. MB84VD23280EE-90-PBS Datasheet HTML 7Page - Fujitsu Component Limited. MB84VD23280EE-90-PBS Datasheet HTML 8Page - Fujitsu Component Limited. MB84VD23280EE-90-PBS Datasheet HTML 9Page - Fujitsu Component Limited. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 45 page
background image
MB84VD23280EA-90/MB84VD23280EE-90
2
(Continued)
—FLASH MEMORY
• Simultaneous Read/Write operations (flex bank)
Two virtual Banks are chosen from the combination of four physical banks
Host system can program or erase in one bank, then read immediately and simultaneously read from the other
bank between read and write operations
Read-while-erase
Read-while-program
• Minimum 100,000 write/erase cycles
• Sector erase architecture
Sixteen 4 K words and one hundred twenty-six 32 K word.
Any combination of sectors can be concurrently erased. Also supports full chip erase.
• Embedded EraseTM* Algorithms
Automatically pre-programs and erases the chip or any sector
• Embedded ProgramTM* Algorithms
Automatically writes and verifies data at specified address
•Data Polling and Toggle Bit feature for detection of program or erase cycle completion
• Ready-Busy output (RY/BY)
Hardware method for detection of program or erase cycle completion
• Automatic sleep mode
When addresses remain stable, automatically switch themselves to low power mode.
•Low VCC write inhibit
≤ 2.5 V
• Hidden ROM (Hi-ROM) region
256 byte of Hi-ROM, accessible through a new “Hi-ROM Enable” command sequence
Factory serialized and protected to provide a secure electronic serial number (ESN)
•WP/ACC input pin
At VIL, allows protection of 2 of 8 Kbytes on both ends of each boot sector, regardless of sector protection/
unprotection status.
At VIH, allows removal of boot sector protection
At VACC, increases program performance
• Program Suspend/Resume
Suspends the program operation to allow a read in another address
• Erase Suspend/Resume
Suspends the erase operation to allow a read in another sector within the same device
• Please refer to “MBM29DL640E” data sheet in detailed function
—SRAM
• Power dissipation
Operating : 50 mA Max.
Standby : 25
µA Max.
• Power down features using CE1s and CE2s
• Data retention supply voltage: 1.5 V to 3.3 V
•CE1s and CE2s Chip Select
• Byte data control: LBs (DQ7-DQ0), UBs (DQ15-DQ8)
*: Embedded EraseTM and Embedded ProgramTM are trademarks of Advanced Micro Devices, Inc.


Similar Part No. - MB84VD23280EE-90-PBS

ManufacturerPart #DatasheetDescription
logo
SPANSION
MB84VD23280FA SPANSION-MB84VD23280FA Datasheet
792Kb / 49P
   64M (X8/X16) FLASH MEMORY & 8M (X8/X16) STATIC RAM
MB84VD23280FA-70 SPANSION-MB84VD23280FA-70 Datasheet
792Kb / 49P
   64M (X8/X16) FLASH MEMORY & 8M (X8/X16) STATIC RAM
MB84VD23280FA-70PBS SPANSION-MB84VD23280FA-70PBS Datasheet
792Kb / 49P
   64M (X8/X16) FLASH MEMORY & 8M (X8/X16) STATIC RAM
More results

Similar Description - MB84VD23280EE-90-PBS

ManufacturerPart #DatasheetDescription
logo
SPANSION
MB84VD23280FA SPANSION-MB84VD23280FA Datasheet
792Kb / 49P
   64M (X8/X16) FLASH MEMORY & 8M (X8/X16) STATIC RAM
logo
Fujitsu Component Limit...
MB84VD2108X FUJITSU-MB84VD2108X Datasheet
850Kb / 55P
   16M (x8/x16) FLASH MEMORY & 2M (x8/x16) STATIC RAM
logo
SPANSION
MB84VD2108XEM-70 SPANSION-MB84VD2108XEM-70 Datasheet
859Kb / 53P
   16M (x8/x16) FLASH MEMORY & 2M (x8/x16) STATIC RAM
logo
Sharp Corporation
LH28F800BJHE-PBTL90 SHARP-LH28F800BJHE-PBTL90 Datasheet
682Kb / 47P
   8M (x8/x16) Flash Memory
LH28F800BJHB-PTTL90 SHARP-LH28F800BJHB-PTTL90 Datasheet
680Kb / 47P
   8M (x8/x16) Flash Memory
LH28F800BJE-PBTL70 SHARP-LH28F800BJE-PBTL70 Datasheet
678Kb / 47P
   8M (x8/x16) Flash Memory
LH28F800BJB-PTTL90 SHARP-LH28F800BJB-PTTL90 Datasheet
683Kb / 47P
   8M (x8/x16) Flash Memory
LH28F800BJHB-43 SHARP-LH28F800BJHB-43 Datasheet
680Kb / 47P
   8M (x8/x16) Flash Memory
LH28F800BJHE-PTTL90 SHARP-LH28F800BJHE-PTTL90 Datasheet
678Kb / 47P
   8M (x8/x16) Flash Memory
LH28F800BJE-PBTL90 SHARP-LH28F800BJE-PBTL90 Datasheet
678Kb / 47P
   8M (x8/x16) Flash Memory
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com