Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ISL6721ABZ-T Datasheet(PDF) 9 Page - Intersil Corporation

Part # ISL6721ABZ-T
Description  Flexible Single-ended Current Mode PWM Controller
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL6721ABZ-T Datasheet(HTML) 9 Page - Intersil Corporation

Back Button ISL6721ABZ-T Datasheet HTML 5Page - Intersil Corporation ISL6721ABZ-T Datasheet HTML 6Page - Intersil Corporation ISL6721ABZ-T Datasheet HTML 7Page - Intersil Corporation ISL6721ABZ-T Datasheet HTML 8Page - Intersil Corporation ISL6721ABZ-T Datasheet HTML 9Page - Intersil Corporation ISL6721ABZ-T Datasheet HTML 10Page - Intersil Corporation ISL6721ABZ-T Datasheet HTML 11Page - Intersil Corporation ISL6721ABZ-T Datasheet HTML 12Page - Intersil Corporation ISL6721ABZ-T Datasheet HTML 13Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 22 page
background image
9
FN9110.6
March 5, 2008
Pin Descriptions
SLOPE - Means by which the ISENSE ramp slope may be
increased for improved noise immunity or improved control
loop stability for duty cycles greater than 50%. An internal
current source charges an external capacitor to GND during
each switching cycle. The resulting ramp is scaled and
added to the ISENSE signal.
SYNC - A bidirectional synchronization signal used to
coordinate the switching frequency of multiple units.
Synchronization may be achieved by connecting the SYNC
signal of each unit together or by using an external master
clock signal. The oscillator timing capacitor, CT, is still
required, even if an external clock is used. The first unit to
assert this signal assumes control.
RTCT - This is the oscillator timing control pin. The
operational frequency and maximum duty cycle are set by
connecting a resistor, RT, between VREF and this pin and a
timing capacitor, CT, from this pin to LGND. The oscillator
produces a sawtooth waveform with a programmable
frequency range of 100kHz to 1.0MHz. The charge time, tC,
the discharge time, tD, the switching frequency, fsw, and the
maximum duty cycle, Dmax, can be calculated from
Equations 1, 2, 3 and 4:
Figure 4 may be used as a guideline in selecting the
capacitor and resistor values required for a given frequency.
COMP - COMP is the output of the error amplifier and the
input of the PWM comparator. The control loop frequency
compensation network is connected between the COMP and
FB pins.
The ISL6721 features a built-in full cycle soft-start. Soft-start
is implemented as a clamp on the maximum COMP voltage.
FB - Feedback voltage input connected to the inverting input
of the error amplifier. The non-inverting input of the error
amplifier is internally tied to a reference voltage. Current
sense leading edge blanking is disabled when the FB input
is less than 2.0V.
OV - Overvoltage monitor input pin. This signal is compared
to an internal 2.5V reference to detect an overvoltage
condition.
UV - Undervoltage monitor input pin. This signal is
compared to an internal 1.45V reference to detect an
undervoltage condition.
ISENSE - This is the input to the current sense comparators.
The IC has two current sensing comparators, a PWM
comparator for peak current mode control, and an
overcurrent protection comparator. The overcurrent
comparator threshold is adjustable through the ISET pin.
Exceeding the overcurrent threshold will start a delayed
shutdown sequence. Once an overcurrent condition is
detected, the soft-start charge current source is disabled and
a discharge current source is enabled. The soft-start capacitor
begins discharging, and if it discharges to less than 4.375V
(sustained overcurrent threshold), a shutdown condition
occurs and the GATE output is forced low. At this point a
reduced discharge current takes over until the soft-start
voltage reaches 0.27V (reset threshold). The GATE output
remains low until the reset threshold is attained. At this point,
a soft-start cycle begins.
If the overcurrent condition ceases, and then an additional
50µs period elapses before the shutdown threshold is
reached, no shutdown occurs and the soft-start voltage is
allowed to recharge.
LGND - LGND is a small signal reference ground for all
analog functions on this device.
PGND - This pin provides a dedicated ground for the output
gate driver. The LGND and PGND pins should be connected
externally using a short printed circuit board trace close to
the IC. This is imperative to prevent large, high frequency
switching currents flowing through the ground metallization
inside the IC. (Decouple VC to PGND with a low ESR 0.1µF
or larger capacitor.)
GATE - This is the device output. It is a high current power
driver capable of driving the gate of a power MOSFET with
peak currents of 1.0A. This GATE output is actively held low
when VCC is below the UVLO threshold.
The output high voltage is clamped to ~13.5V. Voltages
exceeding this clamp value should not be applied to the
GATE pin. The output stage provides very low impedance to
overshoot and undershoot.
VC - This pin is for separate collector supply to the output
gate drive. Separate VC and PGND helps decouple the IC’s
analog circuitry from the high power gate drive noise.
(Decouple VC to PGND with a low ESR 0.1µF or larger
capacitor.)
VCC - VCC is the power connection for the device. Although
quiescent current, ICC, is low, it is dependent on the
frequency of operation. To optimize noise immunity, bypass
VCC to LGND with a ceramic capacitor as close to the VCC
and LGND pins as possible.
t
C
0.655
R
T
C
T
S
(EQ. 1)
t
D
R
T
C
T
LN
0.001
RT 3.6
0.001
RT 1.9
-------------------------------------------
⎝⎠
⎛⎞
S
(EQ. 2)
f
sw
1
t
D
t
C
+
-----------------
=
Hz
(EQ. 3)
(EQ. 4)
Dmax
t
C
f
sw
=
ISL6721


Similar Part No. - ISL6721ABZ-T

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL6721ABZ INTERSIL-ISL6721ABZ Datasheet
425Kb / 21P
   Flexible Single Ended Current Mode PWM Controller
ISL6721ABZ INTERSIL-ISL6721ABZ Datasheet
393Kb / 22P
   Flexible Single-ended Current Mode PWM Controller
ISL6721ABZ INTERSIL-ISL6721ABZ Datasheet
383Kb / 22P
   Flexible Single-ended Current Mode PWM Controller
March 5, 2008
logo
Renesas Technology Corp
ISL6721ABZ RENESAS-ISL6721ABZ Datasheet
1,014Kb / 23P
   Flexible Single-Ended Current Mode PWM Controller
More results

Similar Description - ISL6721ABZ-T

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ISL6721A RENESAS-ISL6721A_V01 Datasheet
1Mb / 36P
   Flexible Single-Ended Current Mode PWM Controller
Jul 24, 2018
logo
Intersil Corporation
ISL6721AB INTERSIL-ISL6721AB Datasheet
383Kb / 22P
   Flexible Single-ended Current Mode PWM Controller
March 5, 2008
ISL6721AARZ INTERSIL-ISL6721AARZ Datasheet
673Kb / 24P
   Flexible Single-ended Current Mode PWM Controller
August 23, 2011
ISL6721 INTERSIL-ISL6721_07 Datasheet
425Kb / 21P
   Flexible Single Ended Current Mode PWM Controller
ISL6721 INTERSIL-ISL6721 Datasheet
393Kb / 22P
   Flexible Single-ended Current Mode PWM Controller
ISL6721A INTERSIL-ISL6721A Datasheet
673Kb / 24P
   Flexible Single-ended Current Mode PWM Controller
logo
Renesas Technology Corp
ISL6721 RENESAS-ISL6721 Datasheet
1,014Kb / 23P
   Flexible Single-Ended Current Mode PWM Controller
ISL6721A RENESAS-ISL6721A Datasheet
959Kb / 24P
   Flexible Single-ended Current Mode PWM Controller
logo
Intersil Corporation
ISL6722A INTERSIL-ISL6722A Datasheet
647Kb / 24P
   Flexible Single Ended Current Mode PWM
logo
Renesas Technology Corp
ISL6722A RENESAS-ISL6722A Datasheet
1Mb / 26P
   Flexible Single Ended Current Mode PWM Controllers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com