Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MB84VD21094-85-PBS Datasheet(PDF) 8 Page - Fujitsu Component Limited.

Part # MB84VD21094-85-PBS
Description  16M (x8/x16) FLASH MEMORY & 2M (x8/x16) STATIC RAM
Download  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [Fujitsu Component Limited.]
Direct Link  http://edevice.fujitsu.com/fmd/en/index.html
Logo FUJITSU - Fujitsu Component Limited.

MB84VD21094-85-PBS Datasheet(HTML) 8 Page - Fujitsu Component Limited.

Back Button MB84VD21094-85-PBS Datasheet HTML 4Page - Fujitsu Component Limited. MB84VD21094-85-PBS Datasheet HTML 5Page - Fujitsu Component Limited. MB84VD21094-85-PBS Datasheet HTML 6Page - Fujitsu Component Limited. MB84VD21094-85-PBS Datasheet HTML 7Page - Fujitsu Component Limited. MB84VD21094-85-PBS Datasheet HTML 8Page - Fujitsu Component Limited. MB84VD21094-85-PBS Datasheet HTML 9Page - Fujitsu Component Limited. MB84VD21094-85-PBS Datasheet HTML 10Page - Fujitsu Component Limited. MB84VD21094-85-PBS Datasheet HTML 11Page - Fujitsu Component Limited. MB84VD21094-85-PBS Datasheet HTML 12Page - Fujitsu Component Limited. Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 55 page
background image
MB84VD2108X-85/MB84VD2109X-85
8
Table 2.2 User Bus Operations (Flash
= Word mode; CIOf = VCCf, SRAM = Byte mode; CIOs = VSS)
Legend : L
= VIL, H = VIH, X = VIL or VIH. See “ELECTRICAL CHARACTERISTICS 1. DC Characteristics” for
voltage levels.
Notes : 1. Other operations except for indicated this column are inhibited.
2. WE can be VIL if OE is VIL, OE at VIH initiates the write operations.
3. Do not apply CEf
= VIL, CE1s = VIL and CE2s = VIH at a time.
4. It is also used for the extended sector group protections.
5. WP/ACC
= VIL ; protection of boot sectors.
WP/ACC
= VIH ; removal of boot sectors protection.
WP/ACC
= VACC (9 V) ; Program time will reduce by 40%.
6. LBS, UBS ; Don’t care or Open.
Operation
(Note 1, 3)
CEfCE1sCE2s
OE WE
SA
LBs
(Note 6)
UBs
(Note 6)
DQ0 to
DQ7
DQ8 to
DQ15
RESET
WP/ACC
(Note 5)
Full Standby
H
HX
X
X
X
X
X
HIGH-Z HIGH-Z
H
X
XL
Output Disable
HL
H
H
H
X
X
X
HIGH-Z HIGH-Z
HX
X
X
X
X
X
HIGH-Z HIGH-Z
L
HX
H
H
X
X
X
HIGH-Z HIGH-Z
XL
Read from Flash
(Note 2)
L
HX
LH
X
X
X
DOUT
DOUT
HX
XL
Write to Flash
L
HX
HL
X
X
X
DIN
DIN
HX
XL
Read from SRAM
H
L
H
L
H
SA
X
X
DOUT
HIGH-Z
H
X
Write to SRAM
H
L
H
X
L
SA
X
X
DIN
HIGH-Z
H
X
Temporary
Sector Group
Unprotection
(Note 4)
X
X
X
XXX
X
X
X
X
VID
X
Flash Hardware
Reset
X
HX
X
X
X
X
X
HIGH-Z HIGH-Z
L
X
XL
Boot Block Sector
Write Protection
X
X
X
XXX
X
X
X
X
X
L


Similar Part No. - MB84VD21094-85-PBS

ManufacturerPart #DatasheetDescription
logo
SPANSION
MB84VD21094EM-70PBS SPANSION-MB84VD21094EM-70PBS Datasheet
859Kb / 53P
   16M (x8/x16) FLASH MEMORY & 2M (x8/x16) STATIC RAM
More results

Similar Description - MB84VD21094-85-PBS

ManufacturerPart #DatasheetDescription
logo
SPANSION
MB84VD2108XEM-70 SPANSION-MB84VD2108XEM-70 Datasheet
859Kb / 53P
   16M (x8/x16) FLASH MEMORY & 2M (x8/x16) STATIC RAM
logo
Fujitsu Component Limit...
MB84VD23280EA FUJITSU-MB84VD23280EA Datasheet
771Kb / 45P
   64M (x8/x16) FLASH MEMORY & 8M (x8/x16) STATIC RAM
logo
SPANSION
MB84VD23280FA SPANSION-MB84VD23280FA Datasheet
792Kb / 49P
   64M (X8/X16) FLASH MEMORY & 8M (X8/X16) STATIC RAM
logo
Sharp Corporation
LH28F160BJE-TTL90 SHARP-LH28F160BJE-TTL90 Datasheet
534Kb / 46P
   16M (x8/x16) Flash Memory
LH28F160BHE-TTL90 SHARP-LH28F160BHE-TTL90 Datasheet
672Kb / 46P
   16M (x8/x16) Flash Memory
logo
Fujitsu Component Limit...
MB84VA2102 FUJITSU-MB84VA2102 Datasheet
422Kb / 29P
   16M (x16) FLASH MEMORY & 2M (x 8) STATIC RAM
logo
Sharp Corporation
LH28F800BJHE-PBTL90 SHARP-LH28F800BJHE-PBTL90 Datasheet
682Kb / 47P
   8M (x8/x16) Flash Memory
logo
Samsung semiconductor
K8D1716UTB SAMSUNG-K8D1716UTB Datasheet
482Kb / 40P
   16M Bit (2M x8/1M x16) Dual Bank NOR Flash Memory
K8D1716UTC SAMSUNG-K8D1716UTC Datasheet
1Mb / 41P
   16M Bit (2M x8/1M x16) Dual Bank NOR Flash Memory
logo
Sharp Corporation
LH28F800BJB-PTTL90 SHARP-LH28F800BJB-PTTL90 Datasheet
683Kb / 47P
   8M (x8/x16) Flash Memory
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com