Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MB84VD21092-85-PTS Datasheet(PDF) 1 Page - Fujitsu Component Limited.

Part # MB84VD21092-85-PTS
Description  16M (x8/x16) FLASH MEMORY & 2M (x8/x16) STATIC RAM
Download  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [Fujitsu Component Limited.]
Direct Link  http://edevice.fujitsu.com/fmd/en/index.html
Logo FUJITSU - Fujitsu Component Limited.

MB84VD21092-85-PTS Datasheet(HTML) 1 Page - Fujitsu Component Limited.

  MB84VD21092-85-PTS Datasheet HTML 1Page - Fujitsu Component Limited. MB84VD21092-85-PTS Datasheet HTML 2Page - Fujitsu Component Limited. MB84VD21092-85-PTS Datasheet HTML 3Page - Fujitsu Component Limited. MB84VD21092-85-PTS Datasheet HTML 4Page - Fujitsu Component Limited. MB84VD21092-85-PTS Datasheet HTML 5Page - Fujitsu Component Limited. MB84VD21092-85-PTS Datasheet HTML 6Page - Fujitsu Component Limited. MB84VD21092-85-PTS Datasheet HTML 7Page - Fujitsu Component Limited. MB84VD21092-85-PTS Datasheet HTML 8Page - Fujitsu Component Limited. MB84VD21092-85-PTS Datasheet HTML 9Page - Fujitsu Component Limited. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 55 page
background image
DS05-50201-2E
FUJITSU SEMICONDUCTOR
DATA SHEET
Stacked MCP (Multi-Chip Package) FLASH MEMORY & SRAM
CMOS
16M (
×8/×16) FLASH MEMORY &
2M (
×8/×16) STATIC RAM
MB84VD2108X-85/MB84VD2109X-85
s
s
s
s FEATURES
• Power supply voltage of 2.7 to 3.6 V
• High performance
85 ns maximum access time
• Operating Temperature
−25 to +85 °C
• Package 61-ball FBGA, 56-pin TSOP(I)
(Continued)
s
s
s
s PRODUCT LINE UP
s
s
s
s PACKAGES
Flash Memory
SRAM
Ordering Part No.
VCCf, VCCs
= 3.0 V
MB84VD2108X-85/MB84VD2109X-85
Max. Address Access Time (ns)
85
85
Max. CE Access Time (ns)
85
85
Max. OE Access Time (ns)
35
45
+0.6 V
−0.3 V
61-ball plastic FBGA
56-pin plastic TSOP(I)
(BGA-61P-M02)
(FPT-56P-M04)


Similar Part No. - MB84VD21092-85-PTS

ManufacturerPart #DatasheetDescription
logo
SPANSION
MB84VD21092EM-70PBS SPANSION-MB84VD21092EM-70PBS Datasheet
859Kb / 53P
   16M (x8/x16) FLASH MEMORY & 2M (x8/x16) STATIC RAM
More results

Similar Description - MB84VD21092-85-PTS

ManufacturerPart #DatasheetDescription
logo
SPANSION
MB84VD2108XEM-70 SPANSION-MB84VD2108XEM-70 Datasheet
859Kb / 53P
   16M (x8/x16) FLASH MEMORY & 2M (x8/x16) STATIC RAM
logo
Fujitsu Component Limit...
MB84VD23280EA FUJITSU-MB84VD23280EA Datasheet
771Kb / 45P
   64M (x8/x16) FLASH MEMORY & 8M (x8/x16) STATIC RAM
logo
SPANSION
MB84VD23280FA SPANSION-MB84VD23280FA Datasheet
792Kb / 49P
   64M (X8/X16) FLASH MEMORY & 8M (X8/X16) STATIC RAM
logo
Sharp Corporation
LH28F160BJE-TTL90 SHARP-LH28F160BJE-TTL90 Datasheet
534Kb / 46P
   16M (x8/x16) Flash Memory
LH28F160BHE-TTL90 SHARP-LH28F160BHE-TTL90 Datasheet
672Kb / 46P
   16M (x8/x16) Flash Memory
logo
Fujitsu Component Limit...
MB84VA2102 FUJITSU-MB84VA2102 Datasheet
422Kb / 29P
   16M (x16) FLASH MEMORY & 2M (x 8) STATIC RAM
logo
Sharp Corporation
LH28F800BJHE-PBTL90 SHARP-LH28F800BJHE-PBTL90 Datasheet
682Kb / 47P
   8M (x8/x16) Flash Memory
logo
Samsung semiconductor
K8D1716UTB SAMSUNG-K8D1716UTB Datasheet
482Kb / 40P
   16M Bit (2M x8/1M x16) Dual Bank NOR Flash Memory
K8D1716UTC SAMSUNG-K8D1716UTC Datasheet
1Mb / 41P
   16M Bit (2M x8/1M x16) Dual Bank NOR Flash Memory
logo
Sharp Corporation
LH28F800BJB-PTTL90 SHARP-LH28F800BJB-PTTL90 Datasheet
683Kb / 47P
   8M (x8/x16) Flash Memory
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com