Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MB84VD22193EE-90 Datasheet(PDF) 9 Page - Fujitsu Component Limited.

Part # MB84VD22193EE-90
Description  32M (x 8/x16) FLASH MEMORY & 4M (x 8/x16) STATIC RAM
Download  61 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [Fujitsu Component Limited.]
Direct Link  http://edevice.fujitsu.com/fmd/en/index.html
Logo FUJITSU - Fujitsu Component Limited.

MB84VD22193EE-90 Datasheet(HTML) 9 Page - Fujitsu Component Limited.

Back Button MB84VD22193EE-90 Datasheet HTML 5Page - Fujitsu Component Limited. MB84VD22193EE-90 Datasheet HTML 6Page - Fujitsu Component Limited. MB84VD22193EE-90 Datasheet HTML 7Page - Fujitsu Component Limited. MB84VD22193EE-90 Datasheet HTML 8Page - Fujitsu Component Limited. MB84VD22193EE-90 Datasheet HTML 9Page - Fujitsu Component Limited. MB84VD22193EE-90 Datasheet HTML 10Page - Fujitsu Component Limited. MB84VD22193EE-90 Datasheet HTML 11Page - Fujitsu Component Limited. MB84VD22193EE-90 Datasheet HTML 12Page - Fujitsu Component Limited. MB84VD22193EE-90 Datasheet HTML 13Page - Fujitsu Component Limited. Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 61 page
background image
MB84VD2218XEC/EE/2219XEC/EE-90
9
s
s
s
s FLEXIBLE SECTOR-ERASE ARCHITECTURE on FLASH MEMORY
• Eight 4 K words, and sixty three 32 K words.
• Individual-sector, multiple-sector, or bulk-erase capability.
(Continued)
200000H
100000H
MB84VD2218XEC/EE Sector Architecture (Top Boot Block)
SA39 : 64KB (32KW)
SA40 : 64KB (32KW)
SA41 : 64KB (32KW)
SA42 : 64KB (32KW)
SA43 : 64KB (32KW)
SA44 : 64KB (32KW)
SA45 : 64KB (32KW)
SA46 : 64KB (32KW)
SA47 : 64KB (32KW)
SA48 : 64KB (32KW)
SA49 : 64KB (32KW)
SA50 : 64KB (32KW)
SA51 : 64KB (32KW)
SA52 : 64KB (32KW)
SA53 : 64KB (32KW)
SA54 : 64KB (32KW)
SA55 : 64KB (32KW)
SA56 : 64KB (32KW)
SA57 : 64KB (32KW)
SA58 : 64KB (32KW)
SA59 : 64KB (32KW)
SA60 : 64KB (32KW)
SA61 : 64KB (32KW)
SA62 : 64KB (32KW)
SA63 : 8KB (4KW)
SA64 : 8KB (4KW)
SA65 : 8KB (4KW)
SA66 : 8KB (4KW)
SA67 : 8KB (4KW)
SA68 : 8KB (4KW)
010000H
000000H
030000H
020000H
050000H
040000H
070000H
060000H
090000H
080000H
0B0000H
0A0000H
0D0000H
0C0000H
0F0000H
0E0000H
110000H
100000H
130000H
120000H
150000H
140000H
170000H
160000H
190000H
180000H
1B0000H
1A0000H
1D0000H
1C0000H
1F0000H
1E0000H
008000H
000000H
018000H
010000H
028000H
020000H
038000H
030000H
048000H
040000H
058000H
050000H
068000H
060000H
078000H
070000H
088000H
080000H
098000H
090000H
0A8000H
0A0000H
0B8000H
0B0000H
0C8000H
0C0000H
0D8000H
0D0000H
0E8000H
0E0000H
0F8000H
0F0000H
SA0 : 64KB (32KW)
SA1 : 64KB (32KW)
SA2 : 64KB (32KW)
SA3 : 64KB (32KW)
SA4 : 64KB (32KW)
SA5 : 64KB (32KW)
SA6 : 64KB (32KW)
SA7 : 64KB (32KW)
SA8 : 64KB (32KW)
SA9 : 64KB (32KW)
SA10 : 64KB (32KW)
SA11 : 64KB (32KW)
SA12 : 64KB (32KW)
SA13 : 64KB (32KW)
SA14 : 64KB (32KW)
SA15 : 64KB (32KW)
SA16 : 64KB (32KW)
SA17 : 64KB (32KW)
SA18 : 64KB (32KW)
SA19 : 64KB (32KW)
SA20 : 64KB (32KW)
SA21 : 64KB (32KW)
SA22 : 64KB (32KW)
SA23 : 64KB (32KW)
SA24 : 64KB (32KW)
SA25 : 64KB (32KW)
SA26 : 64KB (32KW)
SA27 : 64KB (32KW)
SA28 : 64KB (32KW)
SA29 : 64KB (32KW)
SA30 : 64KB (32KW)
SA31 : 64KB (32KW)
SA32 : 64KB (32KW)
SA33 : 64KB (32KW)
SA34 : 64KB (32KW)
SA35 : 64KB (32KW)
SA36 : 64KB (32KW)
SA37 : 64KB (32KW)
SA38 : 64KB (32KW)
SA69 : 8KB (4KW)
SA70 : 8KB (4KW)
Bank 1
MB84VD22181EC/EE
Bank 2
MB84VD22181EC/EE
Bank 1
MB84VD22182EC/EE
Bank 1
MB84VD22183EC/EE
Bank 1
MB84VD22184EC/EE
Bank 2
MB84VD22182EC/EE
Bank 2
MB84VD22183EC/EE
Bank 2
MB84VD22184EC/EE
210000H
230000H
220000H
250000H
240000H
270000H
260000H
290000H
280000H
2B0000H
2A0000H
2D0000H
2C0000H
2F0000H
2E0000H
310000H
300000H
330000H
320000H
350000H
340000H
370000H
360000H
390000H
380000H
3B0000H
3A0000H
3D0000H
3C0000H
3F0000H
3E0000H
3F2000H
108000H
118000H
110000H
128000H
120000H
138000H
130000H
148000H
140000H
158000H
150000H
168000H
160000H
178000H
170000H
188000H
180000H
198000H
190000H
1A8000H
1A0000H
1B8000H
1B0000H
1C8000H
1C0000H
1D8000H
1D0000H
1E8000H
1E0000H
1F8000H
1F0000H
1F9000H
3FFFFFH
1FFFFFH
Byte Mode
Word Mode
3F4000H
1FA000H
3F6000H
1FB000H
3F8000H
1FC000H
3FA000H
1FD000H
3FC000H
1FE000H
3FE000H
1FF000H


Similar Part No. - MB84VD22193EE-90

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
MB84VD22193EG FUJITSU-MB84VD22193EG Datasheet
1Mb / 63P
   32M (x 8/x16) FLASH MEMORY & 4M (x 8/x16) STATIC RAM
MB84VD22193EG-90 FUJITSU-MB84VD22193EG-90 Datasheet
1Mb / 63P
   32M (x 8/x16) FLASH MEMORY & 4M (x 8/x16) STATIC RAM
MB84VD22193EG-90-PBS FUJITSU-MB84VD22193EG-90-PBS Datasheet
1Mb / 63P
   32M (x 8/x16) FLASH MEMORY & 4M (x 8/x16) STATIC RAM
MB84VD22193EH FUJITSU-MB84VD22193EH Datasheet
1Mb / 63P
   32M (x 8/x16) FLASH MEMORY & 4M (x 8/x16) STATIC RAM
MB84VD22193EH-90 FUJITSU-MB84VD22193EH-90 Datasheet
1Mb / 63P
   32M (x 8/x16) FLASH MEMORY & 4M (x 8/x16) STATIC RAM
More results

Similar Description - MB84VD22193EE-90

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
MB84VD2218XEG FUJITSU-MB84VD2218XEG Datasheet
1Mb / 63P
   32M (x 8/x16) FLASH MEMORY & 4M (x 8/x16) STATIC RAM
MB84VD2228 FUJITSU-MB84VD2228 Datasheet
1Mb / 63P
   32M (x 8/x16) FLASH MEMORY & 8M (x 8/x16) STATIC RAM
MB84VD2228XEA FUJITSU-MB84VD2228XEA Datasheet
1Mb / 63P
   32M (X 8/X16) FLASH MEMORY & 8M (X 8/X16) STATIC RAM
MB84VD2208XEA FUJITSU-MB84VD2208XEA Datasheet
1Mb / 61P
   32M (X 8/X16) FLASH MEMORY & 2M (X 8/X16) STATIC RAM
logo
SPANSION
MB84VD22184FM-70 SPANSION-MB84VD22184FM-70 Datasheet
671Kb / 46P
   32M (X16) FLASH MEMORY & 4M (X16) STATIC RAM
MB84VD22181FM-70 SPANSION-MB84VD22181FM-70 Datasheet
689Kb / 47P
   32M (X16) FLASH MEMORY & 4M (X16) STATIC RAM
MB84VD22184FM SPANSION-MB84VD22184FM Datasheet
720Kb / 47P
   32M (x16) FLASH MEMORY AND 4M (x16) STATIC RAM
logo
Fujitsu Component Limit...
MB84VA2102 FUJITSU-MB84VA2102 Datasheet
422Kb / 29P
   16M (x16) FLASH MEMORY & 2M (x 8) STATIC RAM
logo
SPANSION
MB84VD22280FA-70 SPANSION-MB84VD22280FA-70 Datasheet
690Kb / 47P
   32M (X16) FLASH MEMORY & 8M (X16) STATIC RAM
logo
Fujitsu Component Limit...
MB84VA2106 FUJITSU-MB84VA2106 Datasheet
423Kb / 29P
   16M (x16) FLASH MEMORY & 1M (x 8) STATIC RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com