Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

VFB-3MU Datasheet(PDF) 3 Page - Fujitsu Component Limited.

Part # VFB-3MU
Description  1 POLE - 20/25/30A - Heavy power control
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [Fujitsu Component Limited.]
Direct Link  http://edevice.fujitsu.com/fmd/en/index.html
Logo FUJITSU - Fujitsu Component Limited.

VFB-3MU Datasheet(HTML) 3 Page - Fujitsu Component Limited.

  VFB-3MU Datasheet HTML 1Page - Fujitsu Component Limited. VFB-3MU Datasheet HTML 2Page - Fujitsu Component Limited. VFB-3MU Datasheet HTML 3Page - Fujitsu Component Limited. VFB-3MU Datasheet HTML 4Page - Fujitsu Component Limited. VFB-3MU Datasheet HTML 5Page - Fujitsu Component Limited. VFB-3MU Datasheet HTML 6Page - Fujitsu Component Limited. VFB-3MU Datasheet HTML 7Page - Fujitsu Component Limited. VFB-3MU Datasheet HTML 8Page - Fujitsu Component Limited. VFB-3MU Datasheet HTML 9Page - Fujitsu Component Limited.  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
3
FTR-K1 SERIES
COIL RATING
Coil
Code
Rated Coil
Voltage
(VDC)
Coil Resistance
+/- 10% (Ohm)
Must Operate
Voltage
(VDC) *
Must Release
Voltage
(VDC) *
Rated Power
(mW)
3
3
7.5
2.1
0.3
1,200
5
5
20
3.5
0.5
1,250
6
6
30
4.2
0.6
1,200
9
9
67
6.3
0.9
12
12
120
8.4
1.2
18
18
270
12.6
1.8
24
24
480
16.8
2.4
48
48
1,920
33.6
4.8
60
60
3,000
42.0
6.0
VF SERIES
Note: All values in the table are valid for 20°C and zero contact current.
* Specified operate values are valid for pulse wave voltage.
Type
Compliance
Contact rating
UL
UL 508 873
E56140
Flammability: UL 94-V0 (plastics)
VF - ( ) - ( ) L
20A, 250VAC (resistive)
1HP, 250VAC/125VAC
TV-15, 120VAC
VF - ( ) - ( ) M
25A, 250VAC (resistive)
1.5HP, 250VAC
TV-15, 120VAC
VFD, VFP - ( ) - H
30A, 250VAC (resistive)
2HP, 250VAC
TV-15, 120VAC
CSA
C22.2 No. 14
LR 35579
VDE
0435
40017717
VF-(-;B)-LU: 20A, 250VAC resistive: 100K
15A, 250VAC cos
φ 0.7: 100K
VF-(-;B)-HU: 30A, 250VAC resistive: 100K
22.5A, 250VAC cos
φ 0.7: 100K
SAFETY STANDARDS


Similar Part No. - VFB-3MU

ManufacturerPart #DatasheetDescription
logo
New Jersey Semi-Conduct...
Vfb-3U NJSEMI-Vfb-3U Datasheet
528Kb / 1P
   HIGH VOLTAGE DIFFUSED SILICON POWER RECTIFIERS
More results

Similar Description - VFB-3MU

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
VF-24HU FUJITSU-VF-24HU Datasheet
161Kb / 8P
   POWER RELAY 1 POLE - 20/25/30A - Heavy power control VF Series
VFB-6HU FUJITSU-VFB-6HU Datasheet
356Kb / 8P
   POWER RELAY 1 POLE-20, 25, 30 A (HEAVY POWER CONTROL)
FTR-K3F FUJITSU-FTR-K3F Datasheet
335Kb / 8P
   POWER RELAY 1 POLE - 25A Heavy Load Control
VSB-12STB FUJITSU-VSB-12STB Datasheet
633Kb / 7P
   POWER RELAY 1 POLE-16 A (HEAVY POWER CONTROL)
VRB-12 FUJITSU-VRB-12 Datasheet
98Kb / 5P
   POWER RELAY 1 POLE-15 A (HEAVY POWER CONTROL)
VSB-24 FUJITSU-VSB-24 Datasheet
127Kb / 6P
   1 POLE-16 A (HEAVY POWER CONTROL) VSB SERIES
FBR56 FUJITSU-FBR56 Datasheet
48Kb / 8P
   COMPACT HIGH POWER RELAY 1 POLE-30A
FTR-K3 FUJITSU-FTR-K3_11 Datasheet
572Kb / 7P
   POWER RELAY 1 POLE - 20A Heavy Load
FTR-K3 FUJITSU-FTR-K3_10 Datasheet
686Kb / 8P
   POWER RELAY 1 POLE - 20A Heavy Load
logo
List of Unclassifed Man...
JQX-105F-2 ETC1-JQX-105F-2 Datasheet
107Kb / 2P
   30A 1 POLE PCB&QC Terminals
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com