Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TSB81BA3E Datasheet(PDF) 8 Page - Texas Instruments

Click here to check the latest version.
Part # TSB81BA3E
Description  IEEE 1394b THREE-PORT CABLE TRANSCEIVER/ARBITER
Download  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TSB81BA3E Datasheet(HTML) 8 Page - Texas Instruments

Back Button TSB81BA3E Datasheet HTML 4Page - Texas Instruments TSB81BA3E Datasheet HTML 5Page - Texas Instruments TSB81BA3E Datasheet HTML 6Page - Texas Instruments TSB81BA3E Datasheet HTML 7Page - Texas Instruments TSB81BA3E Datasheet HTML 8Page - Texas Instruments TSB81BA3E Datasheet HTML 9Page - Texas Instruments TSB81BA3E Datasheet HTML 10Page - Texas Instruments TSB81BA3E Datasheet HTML 11Page - Texas Instruments TSB81BA3E Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 58 page
background image
TSB81BA3E
SLLS783A – MAY 2009 – REVISED MAY 2010
www.ti.com
TERMINAL FUNCTIONS
TERMINAL
PFP
ZAJ
DESCRIPTION
PACKAGE
PACKAGE
NAME
TYPE
NO.
NO.
I/O
21, 40, 43,
Analog circuit ground terminals. These terminals must be tied together to
AGND(1)
Supply
See DGND
50, 61, 62
the low-impedance circuit board ground plane.
Analog circuit power terminals. A combination of high-frequency decoupling
capacitors near each terminal is suggested, such as paralleled 0.1 mF and
0.001 mF. Lower frequency 10-mF filtering capacitors are also
M4, F10,
24, 39, 44,
recommended. These supply terminals are separated from the
AVDD-3.3
Supply
H10, J10,
51, 57, 63
PLLVDD-CORE, PLLVDD-3.3, DVDD-CORE, and DVDD-3.3 terminals
E10
internal to the device to provide noise isolation. The PLLVDD-3.3, AVDD,
and DVDD-3.3 terminals must be tied together with a low dc impedance
connection on the circuit board.
Beta-mode input. This terminal determines the PHY-link interface
connection protocol. When logic-high (asserted), the PHY-link interface
complies with the 1394b-2002 B PHY-link interface. When logic-low
(deasserted), the PHY-link interface complies with the legacy 1394a-2000
BMODE
CMOS
74
B6
I
standard. When using an LLC such as the 1394b-2002 TSB82AA2, this
terminal must be pulled high. When using an LLC such as the 1394a-2000
TSB12LV26, this terminal must be tied low.
NOTE: The PHY-link interface cannot be changed between the different
protocols during operation.
Cable not active output. This terminal is asserted high when there are no
CNA
CMOS
79
A2
O
ports receiving incoming bias voltage. When any port receives bias, this
terminal goes low.
Cable-power status input. This terminal is normally connected to cable
power through a 400-k
Ω resistor. This circuit drives an internal comparator
CPS
CMOS
34
N9
I
that detects the presence of cable power. This transition from cable power
sensed to cable power not sensed can be used to generate an interrupt to
the LLC.
CTL0
9
F1
Control I/Os. These bidirectional signals control communication between the
CMOS
I/O
CTL1
10
G1
TSB81BA3E and the LLC. Bus holders are built into these terminals.
11, 12, 13,
H1, H2, J2,
Data I/Os. These are bidirectional data signals between the TSB82BA3 and
D0-D7
CMOS
15, 16, 17,
J1, K2, K1,
I/O
the LLC. Bus holders are built into these terminals.
19, 20
L1, M1
E5, F4, F5,
F6, F7, F9,
G4, G5, G6,
G7, G8, G9,
4, 14, 38, 64,
Digital circuit ground terminals. These terminals must be tied together to the
DGND(1)
Supply
G10, H4, H5,
72, 76
low-impedance circuit board ground plane.
H6, H7, H8,
J4, J5, J6,
J7, J8, K7,
L7
Data-strobe-only mode for port 0. 1394a-only port 0 enable programming
terminal. On hardware reset, this terminal allows the user to select whether
port 0 acts like a 1394b bilingual port (terminal at logic 0) or as a
DS0
CMOS
33
N8
I
1394a-2000-only port (terminal at logic 1). Programming is accomplished by
tying the terminal low through a 1-k
Ω or less resistor (to enable 1394b
bilingual mode) or high through a 1-k
Ω or less resistor (to enable
1394a-2000-only mode). A bus holder is built into this terminal.
Data-strobe-only mode for port 1. 1394a-only port 1 enable programming
terminal. On hardware reset, this terminal allows the user to select whether
port 1 acts like a 1394b bilingual port (terminal at logic 0) or as a
DS1
CMOS
32
M7
I
1394a-2000-only port (terminal at logic 1). Programming is accomplished by
tying the terminal low through a 1-k
Ω or less resistor (to enable 1394b
bilingual mode) or high through a 1-k
Ω or less resistor (to enable
1394a-2000-only mode). A bus holder is built into this terminal.
(1)
All AGND and DGND terminals are internally tied together in the ZAJ package.
8
Submit Documentation Feedback
Copyright © 2009–2010, Texas Instruments Incorporated
Product Folder Link(s): TSB81BA3E


Similar Part No. - TSB81BA3E

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TSB81BA3E TI-TSB81BA3E Datasheet
887Kb / 57P
[Old version datasheet]   IEEE 1394b THREE-PORT CABLE TRANSCEIVER/ARBITER
TSB81BA3E TI-TSB81BA3E Datasheet
610Kb / 57P
[Old version datasheet]   IEEE 1394b THREE-PORT CABLE TRANSCEIVER/ARBITER
TSB81BA3EIPFP TI-TSB81BA3EIPFP Datasheet
610Kb / 57P
[Old version datasheet]   IEEE 1394b THREE-PORT CABLE TRANSCEIVER/ARBITER
TSB81BA3EIZAJ TI-TSB81BA3EIZAJ Datasheet
610Kb / 57P
[Old version datasheet]   IEEE 1394b THREE-PORT CABLE TRANSCEIVER/ARBITER
TSB81BA3EPFP TI-TSB81BA3EPFP Datasheet
610Kb / 57P
[Old version datasheet]   IEEE 1394b THREE-PORT CABLE TRANSCEIVER/ARBITER
More results

Similar Description - TSB81BA3E

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TSB81BA3IPFPEP TI1-TSB81BA3IPFPEP Datasheet
711Kb / 57P
[Old version datasheet]   IEEE 1394b THREE-PORT CABLE TRANSCEIVER/ARBITER
TSB41BA3B TI-TSB41BA3B Datasheet
1Mb / 67P
[Old version datasheet]   IEEE 1394b THREE-PORT CABLE TRANSCEIVER/ARBITER
TSB81BA3 TI-TSB81BA3 Datasheet
810Kb / 57P
[Old version datasheet]   IEEE 1394b THREE-PORT CABLE TRANSCEIVER/ARBITER
TSB41BA3A TI1-TSB41BA3A_16 Datasheet
222Kb / 11P
[Old version datasheet]   IEEE 1394b THREE-PORT CABLE TRANSCEIVER/ARBITER
TSB41BA3D TI-TSB41BA3D Datasheet
875Kb / 59P
[Old version datasheet]   IEEE 1394b THREE-PORT CABLE TRANSCEIVER/ARBITER
TSB41BA3D TI1-TSB41BA3D_14 Datasheet
754Kb / 60P
[Old version datasheet]   IEEE 1394b THREE-PORT CABLE TRANSCEIVER/ARBITER
TSB41BA3A-EP TI1-TSB41BA3A-EP_14 Datasheet
768Kb / 69P
[Old version datasheet]   IEEE 1394b THREE-PORT CABLE TRANSCEIVER/ARBITER
TSB41BA3B-EP TI1-TSB41BA3B-EP Datasheet
1,023Kb / 67P
[Old version datasheet]   IEEE 1394b THREE-PORT CABLE TRANSCEIVER/ARBITER  
TSB81BA3D TI1-TSB81BA3D_12 Datasheet
682Kb / 61P
[Old version datasheet]   IEEE 1394b THREE-PORT CABLE TRANSCEIVER/ARBITER
TSB81BA3E TI-TSB81BA3E Datasheet
887Kb / 57P
[Old version datasheet]   IEEE 1394b THREE-PORT CABLE TRANSCEIVER/ARBITER
TSB81BA3-EP TI-TSB81BA3-EP Datasheet
764Kb / 56P
[Old version datasheet]   IEEE 1394B THREE-PORT CABLE TRANSCEIVER/ARBITER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com