Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

VFB-3LU Datasheet(PDF) 8 Page - Fujitsu Component Limited.

Part # VFB-3LU
Description  1 POLE - 20/25/30A - Heavy power control
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [Fujitsu Component Limited.]
Direct Link  http://edevice.fujitsu.com/fmd/en/index.html
Logo FUJITSU - Fujitsu Component Limited.

VFB-3LU Datasheet(HTML) 8 Page - Fujitsu Component Limited.

  VFB-3LU Datasheet HTML 1Page - Fujitsu Component Limited. VFB-3LU Datasheet HTML 2Page - Fujitsu Component Limited. VFB-3LU Datasheet HTML 3Page - Fujitsu Component Limited. VFB-3LU Datasheet HTML 4Page - Fujitsu Component Limited. VFB-3LU Datasheet HTML 5Page - Fujitsu Component Limited. VFB-3LU Datasheet HTML 6Page - Fujitsu Component Limited. VFB-3LU Datasheet HTML 7Page - Fujitsu Component Limited. VFB-3LU Datasheet HTML 8Page - Fujitsu Component Limited. VFB-3LU Datasheet HTML 9Page - Fujitsu Component Limited.  
Zoom Inzoom in Zoom Outzoom out
 8 / 9 page
background image
8
FTR-K1 SERIES
Japan
Fujitsu Component Limited
Gotanda-Chuo Building
3-5, Higashigotanda 2-chome, Shinagawa-ku
Tokyo 141, Japan
Tel: (81-3) 5449-7010
Fax: (81-3) 5449-2626
Email: promothq@ft.ed.fujitsu.com
Web: www.fcl.fujitsu.com
North and South America
Fujitsu Components America, Inc.
250 E. Caribbean Drive
Sunnyvale, CA 94089 U.S.A.
Tel: (1-408) 745-4900
Fax: (1-408) 745-4970
Email: components@us.fujitsu.com
Web: http://us.fujitsu.com/components
Europe
Fujitsu Components Europe B.V.
Diamantlaan 25
2132 WV Hoofddorp
Netherlands
Tel: (31-23) 5560910
Fax: (31-23) 5560950
Email: info@fceu.fujitsu.com
Web: emea.fujitsu.com/components/
Asia Pacific
Fujitsu Components Asia Ltd.
102E Pasir Panjang Road
#01-01 Citilink Warehouse Complex
Singapore 118529
Tel: (65) 6375-8560
Fax: (65) 6273-3021
Email: fcal@fcal.fujitsu.com
Web: http://www.fujitsu.com/sg/services/micro/components/
Fujitsu Components International Headquarter Offices
©2011 Fujitsu Components Europe B.V. All rights reserved. All trademarks or registered trademarks are the property of their respective
owners.
The contents, data and information in this datasheet are provided by Fujitsu Component Ltd. as a service only to its user and only for gen-
eral information purposes.
The use of the contents, data and information provided in this datasheet is at the users’ own risk.
Fujitsu has assembled this datasheet with care and will endeavor to keep the contents, data and information correct, accurate, comprehen-
sive, complete and up to date.
Fujitsu Components Europe B.V. and affiliated companies do however not accept any responsibility or liability on their behalf, nor on behalf
of its employees, for any loss or damage, direct, indirect or consequential, with respect to this datasheet, its contents, data, and information
and related graphics and the correctness, reliability, accuracy, comprehensiveness, usefulness, availability and completeness thereof.
Nor do Fujitsu Components Europe B.V. and affiliated companies accept on their behalf, nor on behalf of its employees, any responsibility
or liability for any representation or warrant of any kind, express or implied, including warranties of any kind for merchantability or fitness for
particular use, with respect to these datasheets, its contents, data, information and related graphics and the correctness, reliability, accuracy,
comprehensiveness, usefulness, availability and completeness thereof. Rev. March 02, 2011
VF SERIES


Similar Part No. - VFB-3LU

ManufacturerPart #DatasheetDescription
logo
New Jersey Semi-Conduct...
Vfb-3U NJSEMI-Vfb-3U Datasheet
528Kb / 1P
   HIGH VOLTAGE DIFFUSED SILICON POWER RECTIFIERS
More results

Similar Description - VFB-3LU

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
VF-24HU FUJITSU-VF-24HU Datasheet
161Kb / 8P
   POWER RELAY 1 POLE - 20/25/30A - Heavy power control VF Series
VFB-6HU FUJITSU-VFB-6HU Datasheet
356Kb / 8P
   POWER RELAY 1 POLE-20, 25, 30 A (HEAVY POWER CONTROL)
FTR-K3F FUJITSU-FTR-K3F Datasheet
335Kb / 8P
   POWER RELAY 1 POLE - 25A Heavy Load Control
VSB-12STB FUJITSU-VSB-12STB Datasheet
633Kb / 7P
   POWER RELAY 1 POLE-16 A (HEAVY POWER CONTROL)
VRB-12 FUJITSU-VRB-12 Datasheet
98Kb / 5P
   POWER RELAY 1 POLE-15 A (HEAVY POWER CONTROL)
VSB-24 FUJITSU-VSB-24 Datasheet
127Kb / 6P
   1 POLE-16 A (HEAVY POWER CONTROL) VSB SERIES
FBR56 FUJITSU-FBR56 Datasheet
48Kb / 8P
   COMPACT HIGH POWER RELAY 1 POLE-30A
FTR-K3 FUJITSU-FTR-K3_11 Datasheet
572Kb / 7P
   POWER RELAY 1 POLE - 20A Heavy Load
FTR-K3 FUJITSU-FTR-K3_10 Datasheet
686Kb / 8P
   POWER RELAY 1 POLE - 20A Heavy Load
logo
List of Unclassifed Man...
JQX-105F-2 ETC1-JQX-105F-2 Datasheet
107Kb / 2P
   30A 1 POLE PCB&QC Terminals
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com