Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TSB41BA3B-EP Datasheet(PDF) 10 Page - Texas Instruments

Part # TSB41BA3B-EP
Description  IEEE 1394b THREE-PORT CABLE TRANSCEIVER/ARBITER
Download  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TSB41BA3B-EP Datasheet(HTML) 10 Page - Texas Instruments

Back Button TSB41BA3B-EP_14 Datasheet HTML 6Page - Texas Instruments TSB41BA3B-EP_14 Datasheet HTML 7Page - Texas Instruments TSB41BA3B-EP_14 Datasheet HTML 8Page - Texas Instruments TSB41BA3B-EP_14 Datasheet HTML 9Page - Texas Instruments TSB41BA3B-EP_14 Datasheet HTML 10Page - Texas Instruments TSB41BA3B-EP_14 Datasheet HTML 11Page - Texas Instruments TSB41BA3B-EP_14 Datasheet HTML 12Page - Texas Instruments TSB41BA3B-EP_14 Datasheet HTML 13Page - Texas Instruments TSB41BA3B-EP_14 Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 68 page
background image
TSB41BA3BEP
IEEE 1394b THREEPORT CABLE TRANSCEIVER/ARBITER
SGLS362—MAY 2006
10
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
POST OFFICE BOX 1443
HOUSTON, TEXAS 77251−1443
Terminal Functions (Continued)
TERMINAL
NAME
TYPE
PFP
NO.
I/O
DESCRIPTION
PD
CMOS
77
I
Power-down input. A high on this terminal turns off all internal circuitry. Asserting the PD input high
also activates an internal pulldown on the RESET terminal to force a reset of the internal control
logic.
PINT
CMOS
1
O
PHY Interrupt. The PHY uses this output to serially transfer status and interrupt information to the
link when PHY-link interface is in the 1394b mode. A bus holder is built into this terminal.
PLLGND
Supply
25,
28
PLL circuit ground terminals. These terminals must be tied together to the low-impedance circuit
board ground plane.
PLLVDD-CORE
Supply
29,
30
PLL core circuit power terminals. A combination of high-frequency decoupling capacitors near each
terminal are suggested, such as paralleled 0.1
µF and 0.001 µF. An additional 1-µF capacitor is
required for voltage regulation. The PLLVDD-CORE terminals must be separate from the
DVDD-CORE terminals. These supply terminals are separated from the DVDD-CORE, DVDD-3.3,
PLLVDD-3.3, and AVDD-3.3 terminals internal to the device to provide noise isolation.
PLLVDD-3.3
Supply
31
PLL 3.3-V circuit power terminal. A combination of high-frequency decoupling capacitors near the
terminal are suggested, such as paralleled 0.1
µF and 0.001 µF. Lower frequency 10-µF filtering
capacitors are also recommended. This supply terminal is separated from the DVDD-CORE,
DVDD-3.3, PLLVDD-CORE, and AVDD-3.3 terminals internal to the device to provide noise
isolation. The DVDD-3.3 terminals must be tied together at a low-impedance point on the circuit
board. The PLLVDD-3.3, AVDD-3.3, and DVDD-3.3 terminals must be tied together with a low dc
impedance connection.
RESET
CMOS
75
I
Logic reset input. Asserting this terminal low resets the internal logic. An internal pullup resistor to
VDD is provided so only an external delay capacitor is required for proper power-up operation (see
power-up reset in the application information section). The RESET terminal also incorporates an
internal pulldown which is activated when the PD input is asserted high. This input is otherwise a
standard logic input and can also be driven by an open-drain-type driver.
R0
R1
Bias
23
22
Current setting resistor terminals. These terminals are connected to a precision external resistance
to set the internal operating currents and cable driver output currents. A resistance of 6.34 k
Ω ±1% is
required to meet the IEEE Std 1394-1995 output voltage limits.
SE
CMOS
35
I
Test control input. This input is used in the manufacturing test of the TSB41BA3B-EP. For normal
use, this terminal must be pulled low either through a 1-k
Ω resistor to GND or directly to GND.
SLPEN
CMOS
79
I
Automotive sleep mode enable input. This terminal enables the automotive sleep mode. When
deasserted (logic low), normal 1394.b functionality is maintained.
SM
CMOS
36
I
Test control input. This input is used in the manufacturing test of the TSB41BA3B-EP. For normal
use this terminal must be pulled low either through a 1-k
Ω resistor to GND or directly to GND.
S2_PC0
S1_PC1
S0_PC2
CMOS
66
67
68
I
Port sleep/mode selection terminals 2−0 and power-class programming. On hardware reset, this
terminal when used with the other five selection pins allows the user to select the speed and mode of
the ports. See Table 1. Depending on the selection, these inputs may set the default value of the
power class indicated during self-ID.
Programming is done by tying the terminals high through a 1-k
Ω or smaller resistor or by tying
directly to ground through a 1-k
Ω or smaller resistor. Bus holders are built into these terminals.


Similar Part No. - TSB41BA3B-EP_14

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TSB41BA3B-EP TI1-TSB41BA3B-EP Datasheet
1,023Kb / 67P
[Old version datasheet]   IEEE 1394b THREE-PORT CABLE TRANSCEIVER/ARBITER  
More results

Similar Description - TSB41BA3B-EP_14

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TSB81BA3IPFPEP TI1-TSB81BA3IPFPEP Datasheet
711Kb / 57P
[Old version datasheet]   IEEE 1394b THREE-PORT CABLE TRANSCEIVER/ARBITER
TSB41BA3B TI-TSB41BA3B Datasheet
1Mb / 67P
[Old version datasheet]   IEEE 1394b THREE-PORT CABLE TRANSCEIVER/ARBITER
TSB81BA3 TI-TSB81BA3 Datasheet
810Kb / 57P
[Old version datasheet]   IEEE 1394b THREE-PORT CABLE TRANSCEIVER/ARBITER
TSB41BA3A TI1-TSB41BA3A_16 Datasheet
222Kb / 11P
[Old version datasheet]   IEEE 1394b THREE-PORT CABLE TRANSCEIVER/ARBITER
TSB41BA3D TI-TSB41BA3D Datasheet
875Kb / 59P
[Old version datasheet]   IEEE 1394b THREE-PORT CABLE TRANSCEIVER/ARBITER
TSB41BA3D TI1-TSB41BA3D_14 Datasheet
754Kb / 60P
[Old version datasheet]   IEEE 1394b THREE-PORT CABLE TRANSCEIVER/ARBITER
TSB41BA3A-EP TI1-TSB41BA3A-EP_14 Datasheet
768Kb / 69P
[Old version datasheet]   IEEE 1394b THREE-PORT CABLE TRANSCEIVER/ARBITER
TSB41BA3B-EP TI1-TSB41BA3B-EP Datasheet
1,023Kb / 67P
[Old version datasheet]   IEEE 1394b THREE-PORT CABLE TRANSCEIVER/ARBITER  
TSB81BA3D TI1-TSB81BA3D_12 Datasheet
682Kb / 61P
[Old version datasheet]   IEEE 1394b THREE-PORT CABLE TRANSCEIVER/ARBITER
TSB81BA3E TI-TSB81BA3E Datasheet
887Kb / 57P
[Old version datasheet]   IEEE 1394b THREE-PORT CABLE TRANSCEIVER/ARBITER
TSB81BA3-EP TI-TSB81BA3-EP Datasheet
764Kb / 56P
[Old version datasheet]   IEEE 1394B THREE-PORT CABLE TRANSCEIVER/ARBITER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com