Electronic Components Datasheet Search |
|
VF-18LU Datasheet(PDF) 2 Page - Fujitsu Component Limited. |
|
VF-18LU Datasheet(HTML) 2 Page - Fujitsu Component Limited. |
2 / 9 page 2 FTR-K1 SERIES SPECIFICATION Item 30A type 25A type 20A type VFD, VFP - ( ) H VF ( ) - ( ) M VF ( ) - ( ) L Contact Data Configuration 1 form A (SPST-NO) Construction Single Material Silver alloy (AgSnO 2 ; AgSnOInO) Resistance (initial) Max. 30mOhm at 1A, 6VDC Contact rating Resistive 30A, 250VAC 25A, 250VAC 20A, 250VAC Motor 2HP, 250VAC 1.5HP, 250VAC 1HP, 250VAC Max. carrying current 30A 25A 20A Max. switching voltage 250VAC Max. switching power 7,500VA 6,250VA 5,000VA Max. switching current 30A 25A 20A Min. switching load * 1A, 10V Life Mechanical Min. 5 x 106 operations Electrical (at contact rating) Resistive load Min. 100 x 103 operations Motor load Min. 200 x 103 operations Coil Data Rated Power (at 20 ° C) 1,200 to 1,250mW Operate Power (at 20 ° C) 590 to 620mW Operating temperature range -30 to +65 °C (no frost) Timing Data Operate (at nominal voltage) Max. 20ms Release (at nominal voltage) Max. 5ms (without diode) Insulation Resistance (Initial) Min. 1,000MOhm at 500VDC Dielectric strength Open contacts 1,200VAC (50/60Hz) 1min. Coil and contacts 4,000VAC (50/60Hz) 1min. Surge strength Coil and contacts 10.000V/ 1.2 x 50 μs standard wave Other Vibration Resistance Misoperation 10 to 55Hz double amplitude 1.5mm Endurance 10 to 55Hz double amplitude 1.5mm Shock Misoperation Min. 200m/s² (11 ± 1ms) Endurance Min. 1,000m/s² (6 ± 1ms) Weight Approximately 55 g Sealing Flux proof (RTII) VF SERIES * Minimum switching loads mentioned above are reference values. Please perform the confirmation test with actual load before production since reference values may vary according to switching frequencies, environmental contions and expected reliability levels. |
Similar Part No. - VF-18LU |
|
Similar Description - VF-18LU |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |