Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

VFB-6HU Datasheet(PDF) 1 Page - Fujitsu Component Limited.

Part # VFB-6HU
Description  1 POLE - 20/25/30A - Heavy power control
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [Fujitsu Component Limited.]
Direct Link  http://edevice.fujitsu.com/fmd/en/index.html
Logo FUJITSU - Fujitsu Component Limited.

VFB-6HU Datasheet(HTML) 1 Page - Fujitsu Component Limited.

  VFB-6HU Datasheet HTML 1Page - Fujitsu Component Limited. VFB-6HU Datasheet HTML 2Page - Fujitsu Component Limited. VFB-6HU Datasheet HTML 3Page - Fujitsu Component Limited. VFB-6HU Datasheet HTML 4Page - Fujitsu Component Limited. VFB-6HU Datasheet HTML 5Page - Fujitsu Component Limited. VFB-6HU Datasheet HTML 6Page - Fujitsu Component Limited. VFB-6HU Datasheet HTML 7Page - Fujitsu Component Limited. VFB-6HU Datasheet HTML 8Page - Fujitsu Component Limited. VFB-6HU Datasheet HTML 9Page - Fujitsu Component Limited.  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
1
FTR-K1 SERIES
FEATURES
UL, CSA, VDE recognized TV-15 rated
1 form A contact (SPST-NO)
Heavy duty 20 to 30A small power relay
High inrush current and high surge voltage
- Inrush current 65A
- Surge strength 10,000V
Printed circuit coil terminals type available
Small package meets high density mounting requirement
Flux proof sealing, RTII
RoHS Compliant
Please see page 7 for more information
Note: Actual marking omits hyphen (-) of (*)
POWER RELAY
1 POLE - 20/25/30A - Heavy power control
VF Series
(a)
Relay type
VF
: VF Series
(b)
Terminal
Nil
: Top -- All tab-terminal
B
: Top -- Tab terminal (contacts)
Bottom -- PCB terminal (coil and movable contact)
D
: Top -- Tab terminal (coil)
Screw tight terminal (contacts)
P
: Top -- Screw tight terminal (contacts)
Bottom -- PCB terminal (coil and movable contact)
(c)
Coil rated voltage
6
: 3....60VDC
Coil rating table at page 3
(d)
Contact rating
H
: 30A (applicable for D.P.)
M
: 25A
L
: 20A
(e)
Approvals
U
: UL, CSA, VDE rating acquired
PARTNUMBER INFORMATION
VF
B
-
6
H
U
[Example]
(a)
(b) (*) (c)
(d)
(e)
Non-promotional not for new designs


Similar Part No. - VFB-6HU

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
VFB-6HU FUJITSU-VFB-6HU Datasheet
356Kb / 8P
   POWER RELAY 1 POLE-20, 25, 30 A (HEAVY POWER CONTROL)
More results

Similar Description - VFB-6HU

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
VF-24HU FUJITSU-VF-24HU Datasheet
161Kb / 8P
   POWER RELAY 1 POLE - 20/25/30A - Heavy power control VF Series
VFB-6HU FUJITSU-VFB-6HU Datasheet
356Kb / 8P
   POWER RELAY 1 POLE-20, 25, 30 A (HEAVY POWER CONTROL)
FTR-K3F FUJITSU-FTR-K3F Datasheet
335Kb / 8P
   POWER RELAY 1 POLE - 25A Heavy Load Control
VSB-12STB FUJITSU-VSB-12STB Datasheet
633Kb / 7P
   POWER RELAY 1 POLE-16 A (HEAVY POWER CONTROL)
VRB-12 FUJITSU-VRB-12 Datasheet
98Kb / 5P
   POWER RELAY 1 POLE-15 A (HEAVY POWER CONTROL)
VSB-24 FUJITSU-VSB-24 Datasheet
127Kb / 6P
   1 POLE-16 A (HEAVY POWER CONTROL) VSB SERIES
FBR56 FUJITSU-FBR56 Datasheet
48Kb / 8P
   COMPACT HIGH POWER RELAY 1 POLE-30A
FTR-K3 FUJITSU-FTR-K3_11 Datasheet
572Kb / 7P
   POWER RELAY 1 POLE - 20A Heavy Load
FTR-K3 FUJITSU-FTR-K3_10 Datasheet
686Kb / 8P
   POWER RELAY 1 POLE - 20A Heavy Load
logo
List of Unclassifed Man...
JQX-105F-2 ETC1-JQX-105F-2 Datasheet
107Kb / 2P
   30A 1 POLE PCB&QC Terminals
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com