Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS84259 Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # TPS84259
Description  4.5-V to 40-V Input, 15-W, Negative Output, Integrated Power Solution
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS84259 Datasheet(HTML) 2 Page - Texas Instruments

  TPS84259 Datasheet HTML 1Page - Texas Instruments TPS84259 Datasheet HTML 2Page - Texas Instruments TPS84259 Datasheet HTML 3Page - Texas Instruments TPS84259 Datasheet HTML 4Page - Texas Instruments TPS84259 Datasheet HTML 5Page - Texas Instruments TPS84259 Datasheet HTML 6Page - Texas Instruments TPS84259 Datasheet HTML 7Page - Texas Instruments TPS84259 Datasheet HTML 8Page - Texas Instruments TPS84259 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 32 page
background image
TPS84259
SLVSBA0B – AUGUST 2012 – REVISED SEPT 2013
www.ti.com
ABSOLUTE MAXIMUM RATINGS
(1)
Over Operating Temperature Range (Unless Otherwise Noted)
MIN
MAX
UNIT
VIN
–0.3
45
V
INH/UVLO
–0.3
5(2)
V
VADJ
–0.3
3(2)
V
Input Voltage
SS
–0.3
3(2)
V
STSEL
–0.3
3(2)
V
RT
–0.3
3.6(2)
V
CLK
–0.3
3.6(2)
V
PH
–0.6
45
V
Output Voltage
PH 10ns Transient
–2
45
V
VOUT
–0.6
VIN(2)
V
VDIFF (VOUT to exposed
±200
mV
thermal pad)
Source Current
INH/UVLO
100
µA
Sink Current
SS
200
µA
Operating Junction Temperature
–40
105(3)
°C
Storage Temperature
–65
150
°C
Mechanical Shock
Mil-STD-883D, Method 2002.3, 1 ms, 1/2 sine, mounted
1500
G
Mechanical Vibration
Mil-STD-883D, Method 2007.2, 20-2000Hz
20
(1)
Stresses beyond those listed under absolute maximum ratings may cause permanent damage to the device. These are stress ratings
only, and functional operation of the device at these or any other conditions beyond those indicated under recommended operating
conditions is not implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
(2)
This voltage rating is referenced to A_VOUT, not GND.
(3)
See the temperature derating curves in the Typical Characteristics section for thermal information.
RECOMMENDED OPERATING CONDITIONS
Over Operating Free-Air Temperature Range (Unless Otherwise Noted)
MIN
MAX
UNIT
VIN
Input Voltage
4.5
40
V
VOUT
Output Voltage
–3.0
–17
V
PACKAGE SPECIFICATIONS
TPS84259
UNIT
Weight
0.9 grams
Flammability
Meets UL 94 V-O
MTBF Calculated reliability
Per Bellcore TR-332, 50% stress, TA = 40°C, ground benign
31.7 MHrs
Table 1. ORDERING INFORMATION
For the most current package and ordering information, see the Package Option Addendum at the end of this datasheet, or see
the TI website at www.ti.com.
2
Submit Documentation Feedback
Copyright © 2012–2013, Texas Instruments Incorporated
Product Folder Links: TPS84259


Similar Part No. - TPS84259

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS84259 TI-TPS84259 Datasheet
833Kb / 28P
[Old version datasheet]   4.5-V to 40-V Input, 15-W, Negative Output, Integrated Power Solution
TPS84259RKGR TI-TPS84259RKGR Datasheet
833Kb / 28P
[Old version datasheet]   4.5-V to 40-V Input, 15-W, Negative Output, Integrated Power Solution
TPS84259RKGT TI-TPS84259RKGT Datasheet
833Kb / 28P
[Old version datasheet]   4.5-V to 40-V Input, 15-W, Negative Output, Integrated Power Solution
More results

Similar Description - TPS84259

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS84259 TI-TPS84259 Datasheet
833Kb / 28P
[Old version datasheet]   4.5-V to 40-V Input, 15-W, Negative Output, Integrated Power Solution
TPS84621 TI1-TPS84621 Datasheet
993Kb / 30P
[Old version datasheet]   4.5-V to 14.5-V Input, 6-A Synchronous Buck, Integrated Power Solution
TPS84620 TI1-TPS84620 Datasheet
885Kb / 33P
[Old version datasheet]   4.5-V to 14.5-V Input, 6-A Synchronous Buck, Integrated Power Solution
TPS84320 TI1-TPS84320 Datasheet
1Mb / 31P
[Old version datasheet]   4.5-V to 14.5-V Input, 3-A Synchronous Buck, Integrated Power Solution
TPSM846C24 TI1-TPSM846C24 Datasheet
977Kb / 36P
[Old version datasheet]   4.5-V to 15-V Input, 0.5-V to 2-V Output, 35-A Power Module
TPSM846C23 TI1-TPSM846C23_17 Datasheet
1Mb / 82P
[Old version datasheet]   4.5-V to 15-V Input, 0.35-V to 2.0-V Output, 35-A PMBus Power Module
TPSM846C23 TI1-TPSM846C23 Datasheet
771Kb / 78P
[Old version datasheet]   4.5-V to 15-V Input, 0.35-V to 2.0-V Output, 35-A PMBusTM Power Module
logo
Ericsson
BMR4613001 ERICSSON-BMR4613001 Datasheet
1Mb / 35P
   Input 4.5-14 V, Output up to 12 A / 60 W
logo
Texas Instruments
TPSM84624 TI1-TPSM84624 Datasheet
999Kb / 33P
[Old version datasheet]   4.5-V to 17-V Input, 0.6-V to 10-V Output, 6-A Power Module
TPSM84209 TI1-TPSM84209 Datasheet
660Kb / 30P
[Old version datasheet]   4.5-V to 28-V Input, 1.2-V to 6-V Output, 2.5-A Power Module
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com