Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS84259 Datasheet(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
Part # TPS84259
Description  4.5-V to 40-V Input, 15-W, Negative Output, Integrated Power Solution
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS84259 Datasheet(HTML) 7 Page - Texas Instruments

Back Button TPS84259 Datasheet HTML 3Page - Texas Instruments TPS84259 Datasheet HTML 4Page - Texas Instruments TPS84259 Datasheet HTML 5Page - Texas Instruments TPS84259 Datasheet HTML 6Page - Texas Instruments TPS84259 Datasheet HTML 7Page - Texas Instruments TPS84259 Datasheet HTML 8Page - Texas Instruments TPS84259 Datasheet HTML 9Page - Texas Instruments TPS84259 Datasheet HTML 10Page - Texas Instruments TPS84259 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 32 page
background image
20
30
40
50
60
70
80
90
0
0.05
0.1
0.15
0.2
0.25
0.3
Output Current (A)
Natural Convection
VO = –12 V
G000
20
30
40
50
60
70
80
90
0
0.05
0.1
0.15
0.2
0.25
Output Current (A)
Natural Convection
VO = –15 V
G000
0
0.5
1
1.5
2
2.5
0
0.2
0.4
0.6
0.8
1
Output Current (A)
VO = –15 V,fsw = 800 kHz
VO = –12 V,fsw = 800 kHz
VO = –5.0 V,fsw = 800 kHz
VO = –3.3 V,fsw = 800 kHz
G000
20
30
40
50
60
70
80
90
0
0.1
0.2
0.3
0.4
0.5
0.6
Output Current (A)
Natural Convection
VO = –5 V
G000
50
55
60
65
70
75
80
85
90
95
100
0
0.2
0.4
0.6
0.8
1
Output Current (A)
VO = –15 V,fsw = 800 kHz
VO = –12 V,fsw = 800 kHz
VO = –5.0 V,fsw = 800 kHz
VO = –3.3 V,fsw = 800 kHz
G000
0
5
10
15
20
25
30
35
40
45
50
0
0.2
0.4
0.6
0.8
1
Output Current (A)
VO = –15 V,fsw = 800 kHz
VO = –12 V,fsw = 800 kHz
VO = –5.0 V,fsw = 800 kHz
VO = –3.3 V,fsw = 800 kHz
G000
TPS84259
www.ti.com
SLVSBA0B – AUGUST 2012 – REVISED SEPT 2013
TYPICAL CHARACTERISTICS (VIN = 5 V) (1) (2)
Figure 3. Efficiency vs. Output Current
Figure 4. Voltage Ripple vs. Output Current
Figure 5. Power Dissipation vs. Output Current
Figure 6. Safe Operating Area
Figure 7. Safe Operating Area
Figure 8. Safe Operating Area
(1)
The electrical characteristic data has been developed from actual products tested at 25°C. This data is considered typical for the
converter. Applies to Figure 3, Figure 4, and Figure 5.
(2)
The temperature derating curves represent the conditions at which internal components are at or below the manufacturer's maximum
operating temperatures. Derating limits apply to devices soldered directly to a 100 mm × 100 mm, 4-layer, double-sided PCB with 1 oz.
copper. Applies to Figure 6, Figure 7, and Figure 8.
Copyright © 2012–2013, Texas Instruments Incorporated
Submit Documentation Feedback
7
Product Folder Links: TPS84259


Similar Part No. - TPS84259

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS84259 TI-TPS84259 Datasheet
833Kb / 28P
[Old version datasheet]   4.5-V to 40-V Input, 15-W, Negative Output, Integrated Power Solution
TPS84259RKGR TI-TPS84259RKGR Datasheet
833Kb / 28P
[Old version datasheet]   4.5-V to 40-V Input, 15-W, Negative Output, Integrated Power Solution
TPS84259RKGT TI-TPS84259RKGT Datasheet
833Kb / 28P
[Old version datasheet]   4.5-V to 40-V Input, 15-W, Negative Output, Integrated Power Solution
More results

Similar Description - TPS84259

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS84259 TI-TPS84259 Datasheet
833Kb / 28P
[Old version datasheet]   4.5-V to 40-V Input, 15-W, Negative Output, Integrated Power Solution
TPS84621 TI1-TPS84621 Datasheet
993Kb / 30P
[Old version datasheet]   4.5-V to 14.5-V Input, 6-A Synchronous Buck, Integrated Power Solution
TPS84620 TI1-TPS84620 Datasheet
885Kb / 33P
[Old version datasheet]   4.5-V to 14.5-V Input, 6-A Synchronous Buck, Integrated Power Solution
TPS84320 TI1-TPS84320 Datasheet
1Mb / 31P
[Old version datasheet]   4.5-V to 14.5-V Input, 3-A Synchronous Buck, Integrated Power Solution
TPSM846C24 TI1-TPSM846C24 Datasheet
977Kb / 36P
[Old version datasheet]   4.5-V to 15-V Input, 0.5-V to 2-V Output, 35-A Power Module
TPSM846C23 TI1-TPSM846C23_17 Datasheet
1Mb / 82P
[Old version datasheet]   4.5-V to 15-V Input, 0.35-V to 2.0-V Output, 35-A PMBus Power Module
TPSM846C23 TI1-TPSM846C23 Datasheet
771Kb / 78P
[Old version datasheet]   4.5-V to 15-V Input, 0.35-V to 2.0-V Output, 35-A PMBusTM Power Module
logo
Ericsson
BMR4613001 ERICSSON-BMR4613001 Datasheet
1Mb / 35P
   Input 4.5-14 V, Output up to 12 A / 60 W
logo
Texas Instruments
TPSM84624 TI1-TPSM84624 Datasheet
999Kb / 33P
[Old version datasheet]   4.5-V to 17-V Input, 0.6-V to 10-V Output, 6-A Power Module
TPSM84209 TI1-TPSM84209 Datasheet
660Kb / 30P
[Old version datasheet]   4.5-V to 28-V Input, 1.2-V to 6-V Output, 2.5-A Power Module
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com