Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TSB12LV21BPGF Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # TSB12LV21BPGF
Description  (PCILynx-2) IEEE 1394 LINK LAYER CONTROLLER
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TSB12LV21BPGF Datasheet(HTML) 3 Page - Texas Instruments

  TSB12LV21BPGF Datasheet HTML 1Page - Texas Instruments TSB12LV21BPGF Datasheet HTML 2Page - Texas Instruments TSB12LV21BPGF Datasheet HTML 3Page - Texas Instruments TSB12LV21BPGF Datasheet HTML 4Page - Texas Instruments TSB12LV21BPGF Datasheet HTML 5Page - Texas Instruments TSB12LV21BPGF Datasheet HTML 6Page - Texas Instruments TSB12LV21BPGF Datasheet HTML 7Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
PACKAGE OPTION ADDENDUM
www.ti.com
4-Oct-2010
Addendum-Page 1
PACKAGING INFORMATION
Orderable Device
Status
(1)
Package Type Package
Drawing
Pins
Package Qty
Eco Plan
(2)
Lead/
Ball Finish
MSL Peak Temp
(3)
Samples
(Requires Login)
TSB12LV21BIPGF
OBSOLETE
LQFP
PGF
176
TBD
Call TI
Call TI
Samples Not Available
TSB12LV21BPGF
ACTIVE
LQFP
PGF
176
40
Green (RoHS
& no Sb/Br)
CU NIPDAU Level-3-260C-168 HR
Purchase Samples
TSB12LV21BPGFG4
ACTIVE
LQFP
PGF
176
40
Green (RoHS
& no Sb/Br)
CU NIPDAU Level-3-260C-168 HR
Purchase Samples
(1) The marketing status values are defined as follows:
ACTIVE: Product device recommended for new designs.
LIFEBUY: TI has announced that the device will be discontinued, and a lifetime-buy period is in effect.
NRND: Not recommended for new designs. Device is in production to support existing customers, but TI does not recommend using this part in a new design.
PREVIEW: Device has been announced but is not in production. Samples may or may not be available.
OBSOLETE: TI has discontinued the production of the device.
(2) Eco Plan - The planned eco-friendly classification: Pb-Free (RoHS), Pb-Free (RoHS Exempt), or Green (RoHS & no Sb/Br) - please check http://www.ti.com/productcontent for the latest availability
information and additional product content details.
TBD: The Pb-Free/Green conversion plan has not been defined.
Pb-Free (RoHS): TI's terms "Lead-Free" or "Pb-Free" mean semiconductor products that are compatible with the current RoHS requirements for all 6 substances, including the requirement that
lead not exceed 0.1% by weight in homogeneous materials. Where designed to be soldered at high temperatures, TI Pb-Free products are suitable for use in specified lead-free processes.
Pb-Free (RoHS Exempt): This component has a RoHS exemption for either 1) lead-based flip-chip solder bumps used between the die and package, or 2) lead-based die adhesive used between
the die and leadframe. The component is otherwise considered Pb-Free (RoHS compatible) as defined above.
Green (RoHS & no Sb/Br): TI defines "Green" to mean Pb-Free (RoHS compatible), and free of Bromine (Br) and Antimony (Sb) based flame retardants (Br or Sb do not exceed 0.1% by weight
in homogeneous material)
(3) MSL, Peak Temp. -- The Moisture Sensitivity Level rating according to the JEDEC industry standard classifications, and peak solder temperature.
Important Information and Disclaimer:The information provided on this page represents TI's knowledge and belief as of the date that it is provided. TI bases its knowledge and belief on information
provided by third parties, and makes no representation or warranty as to the accuracy of such information. Efforts are underway to better integrate information from third parties. TI has taken and
continues to take reasonable steps to provide representative and accurate information but may not have conducted destructive testing or chemical analysis on incoming materials and chemicals.
TI and TI suppliers consider certain information to be proprietary, and thus CAS numbers and other limited information may not be available for release.
In no event shall TI's liability arising out of such information exceed the total purchase price of the TI part(s) at issue in this document sold by TI to Customer on an annual basis.
OTHER QUALIFIED VERSIONS OF TSB12LV21B :
Enhanced Product: TSB12LV21B-EP


Similar Part No. - TSB12LV21BPGF

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TSB12LV21BPGF TI-TSB12LV21BPGF Datasheet
299Kb / 22P
[Old version datasheet]   IEEE 1394 LINK LAYER CONTROLLER
More results

Similar Description - TSB12LV21BPGF

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TSB12LV21B-EP TI1-TSB12LV21B-EP Datasheet
82Kb / 6P
[Old version datasheet]   (PCILynx-2) IEEE 1394 LINK LAYER CONTROLLER
TSB12LV21B TI-TSB12LV21B Datasheet
299Kb / 22P
[Old version datasheet]   IEEE 1394 LINK LAYER CONTROLLER
TSB42AA4 TI-TSB42AA4 Datasheet
798Kb / 183P
[Old version datasheet]   IEEE 1394 A CONSUMER ELECTRONICS LINK LAYER CONTROLLER
TSB12LV31 TI-TSB12LV31 Datasheet
257Kb / 73P
[Old version datasheet]   IEEE 1394-1995 General-Purpose Link-Layer Controller
TSB42AA4 TI1-TSB42AA4_14 Datasheet
121Kb / 7P
[Old version datasheet]   IEEE 1394-a Consumer Electronics Link Layer Controller
logo
NXP Semiconductors
SAA7356HL PHILIPS-SAA7356HL Datasheet
157Kb / 36P
   1394 SBP-2 link layer controller
2000 Nov 17
logo
Texas Instruments
TSB15LV01 TI-TSB15LV01 Datasheet
421Kb / 74P
[Old version datasheet]   VIDEO SIGNAL PROCESSOR WITH IEEE 1394 LINK LAYER CONTROLLER
TSB15LV01 TI1-TSB15LV01_14 Datasheet
91Kb / 6P
[Old version datasheet]   Video Signal Processor With IEEE-1394 Link Layer Controller
TSB12LV41 TI-TSB12LV41 Datasheet
737Kb / 195P
[Old version datasheet]   IEEE 1394-1995 Link-Layer Controller for Consumer Applications
TSB12LV41A TI-TSB12LV41A Datasheet
587Kb / 199P
[Old version datasheet]   IEEE 1394-1995 Link-Layer Controller for Consumer Applications
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com