Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS81256 Datasheet(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
Part # TPS81256
Description  3-W, HIGH EFFICIENCY STEP-UP CONVERTER IN MicroSiP??PACKAGING
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS81256 Datasheet(HTML) 6 Page - Texas Instruments

Back Button TPS81256 Datasheet HTML 2Page - Texas Instruments TPS81256 Datasheet HTML 3Page - Texas Instruments TPS81256 Datasheet HTML 4Page - Texas Instruments TPS81256 Datasheet HTML 5Page - Texas Instruments TPS81256 Datasheet HTML 6Page - Texas Instruments TPS81256 Datasheet HTML 7Page - Texas Instruments TPS81256 Datasheet HTML 8Page - Texas Instruments TPS81256 Datasheet HTML 9Page - Texas Instruments TPS81256 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 27 page
background image
TPS81256
SLVSAZ9A – JUNE 2012 – REVISED AUGUST 2013
www.ti.com
TYPICAL CHARACTERISTICS
TABLE OF GRAPHS
FIGURE
vs Output current
3, 5
η
Efficiency
vs Input voltage
4
vs Output current
6, 7, 8
VO
DC output voltage
vs Input voltage
9
IO
Maximum output current
vs Input voltage
10
ΔVO
Peak-to-peak output ripple voltage
vs Output current
11
ICC
Supply current
vs Input voltage
12
ILIM
Input current
vs Output current
13
AC load transient response
14
Load transient response
15, 16, 17
Combined line/load transient response
18
Overload recovery response
19
Start-up
20
TABLE OF ANIMATED PERFORMANCE CHARACTERISTICS
VIDEO
AC Load Response
vs. Input Voltage
Video 1
Load Transient Response (10mA to 400mA)
vs. Input Voltage
Video 2
vs. Base Load Current (2.9VIN)
Video 3
Load Transient Response (to 400mA)
vs. Base Load Current (3.6VIN)
Video 4
vs. Base Load Current (4.2VIN)
Video 5
vs. Delay to Load Current (2.9VIN)
Video 6
Start-Up Response
vs. Delay to Load Current (3.6VIN)
Video 7
vs. Delay to Load Current (4.2VIN)
Video 8
Start-Up Response (200mA IOUT)
vs. Input Voltage
Video 9
Overload Response
vs. Input Voltage
Video 10
6
Submit Documentation Feedback
Copyright © 2012–2013, Texas Instruments Incorporated
Product Folder Links: TPS81256


Similar Part No. - TPS81256

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS81256 TI1-TPS81256 Datasheet
4Mb / 23P
[Old version datasheet]   3-W, HIGH EFFICIENCY STEP-UP CONVERTER IN MicroSiP??PACKAGING
TPS81256SIP TI1-TPS81256SIP Datasheet
4Mb / 23P
[Old version datasheet]   3-W, HIGH EFFICIENCY STEP-UP CONVERTER IN MicroSiP??PACKAGING
TPS81256SIP TI1-TPS81256SIP Datasheet
473Kb / 14P
[Old version datasheet]   TPS8125xEVM
TPS81256SIPR TI1-TPS81256SIPR Datasheet
4Mb / 23P
[Old version datasheet]   3-W, HIGH EFFICIENCY STEP-UP CONVERTER IN MicroSiP??PACKAGING
TPS81256SIPR TI1-TPS81256SIPR Datasheet
4Mb / 27P
[Old version datasheet]   High Efficiency Step-Up Converter In MicroSiP Packaging
More results

Similar Description - TPS81256

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS81256 TI1-TPS81256 Datasheet
4Mb / 23P
[Old version datasheet]   3-W, HIGH EFFICIENCY STEP-UP CONVERTER IN MicroSiP??PACKAGING
TPS81256 TI-TPS81256_15 Datasheet
4Mb / 26P
[Old version datasheet]   TPS81256 3-W, High Efficiency Step-Up Converter In MicroSiP??Packaging
TPS81256 TI1-TPS81256_16 Datasheet
4Mb / 27P
[Old version datasheet]   High Efficiency Step-Up Converter In MicroSiP Packaging
TPS61253 TI1-TPS61253_16 Datasheet
6Mb / 35P
[Old version datasheet]   High Efficiency Step-Up Converter In Chip Scale Packaging
TPS82692 TI-TPS82692 Datasheet
2Mb / 31P
[Old version datasheet]   High-Efficiency MicroSiP STEP-DOWN CONVERTER
TPS61253 TI1-TPS61253 Datasheet
5Mb / 34P
[Old version datasheet]   3.5-MHz HIGH EFFICIENCY STEP-UP CONVERTER IN CHIP SCALE PACKAGING
TPS61256C TI1-TPS61256C Datasheet
2Mb / 29P
[Old version datasheet]   3.5-MHz High Efficiency Step-Up Converter In Chip Scale Packaging
TPS82692 TI1-TPS82692_16 Datasheet
2Mb / 32P
[Old version datasheet]   High-Efficiency MicroSIP Step-Down Converter (Profile <1mm)
TPS61253 TI-TPS61253_15 Datasheet
6Mb / 33P
[Old version datasheet]   TPS6125x 3.5-MHz High Efficiency Step-Up Converter In Chip Scale Packaging
TPS61253_016 TI1-TPS61253_016 Datasheet
6Mb / 37P
[Old version datasheet]   TPS6125x 3.5-MHz High Efficiency Step-Up Converter In Chip Scale Packaging
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com