Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SN75LVCP422 Datasheet(PDF) 5 Page - Texas Instruments

Part # SN75LVCP422
Description  Two Channel SATA 3-Gbps Redriver
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

SN75LVCP422 Datasheet(HTML) 5 Page - Texas Instruments

  SN75LVCP422_14 Datasheet HTML 1Page - Texas Instruments SN75LVCP422_14 Datasheet HTML 2Page - Texas Instruments SN75LVCP422_14 Datasheet HTML 3Page - Texas Instruments SN75LVCP422_14 Datasheet HTML 4Page - Texas Instruments SN75LVCP422_14 Datasheet HTML 5Page - Texas Instruments SN75LVCP422_14 Datasheet HTML 6Page - Texas Instruments SN75LVCP422_14 Datasheet HTML 7Page - Texas Instruments SN75LVCP422_14 Datasheet HTML 8Page - Texas Instruments SN75LVCP422_14 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 18 page
background image
TYPICAL DEVICE IMPLEMENTATION
3.3V
GPIO
10nF
10nF
10nF
10nF
10nF
10nF
10nF
10nF
N ote:
1) Place supply caps close to device pin
2) EN can be left open or tied to supply when no external control
is implem ented
3) Output pre-emphasis (D1, D0) is shown enabled . Setting will
depend on device placem ent relative to eSATA connector
EN
VCC
TX_0P
TX_0N
GND
VCC
RX_1P
RX_1N
GND
NC
D0
VCC
RX_0P
RX_0N
GND
VCC
TX_1P
TX_1N
GND
D1
1
10
20
11
SN75LVCP422DB
DETAILED DESCRIPTION
INPUT EQUALIZATION
OUTPUT PRE-EMPHASIS
LOW POWER MODE
SN75LVCP422
www.ti.com ................................................................................................................................................................................................... SLLS972 – MARCH 2009
Each differential input of the SN75LVCP422 has 7 dB of fixed equalization in its front stage. The equalization
amplifies high frequency signals to correct for loss from the transmission channel. The input equalizer is
designed to recover signal even when no eye is present at the receiver and affectively supports FR4 trace at the
input anywhere from <4 inches to 20 inches or <10 cm to >50 cm.
The SN75LVCP422 provides single step pre-emphasis from 0 dB to 2.5 dB at each of its differential outputs.
Pre-emphasis is controlled independently for each channel and is set by the control pins D0 and D1 as shown in
Table 1. The pre-emphasis duration is 0.5 UI or 133 ps (typ) at SATA 3-Gbps speed.
Two low power modes are supported by the SN75LVCP422:
• Sleep Mode (triggered by EN pin, EN = 0 V)
Low power mode is controlled by the enable (EN) pin. In its default state this pin is internally pulled high.
Pulling this pin low puts the device in sleep mode within 2 us (max). In this mode all active components of
the device are driven to their quiescent level and differential outputs are driven to Hi-Z (open). Maximum
power dissipation in this mode is 5 mW. Exiting from this mode to normal operation requires a maximum
latency of 20
µs.
• Auto Low Power Mode (triggered when a given channel is in electrical idle state, EN = V
CC)
Copyright © 2009, Texas Instruments Incorporated
Submit Documentation Feedback
5
Product Folder Link(s): SN75LVCP422


Similar Part No. - SN75LVCP422_14

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN75LVCP422DB TI-SN75LVCP422DB Datasheet
415Kb / 17P
[Old version datasheet]   Two Channel SATA 3-Gbps Redriver
SN75LVCP422DBR TI-SN75LVCP422DBR Datasheet
415Kb / 17P
[Old version datasheet]   Two Channel SATA 3-Gbps Redriver
More results

Similar Description - SN75LVCP422_14

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN75LVCP422 TI-SN75LVCP422 Datasheet
415Kb / 17P
[Old version datasheet]   Two Channel SATA 3-Gbps Redriver
SN75LVCP412A TI-SN75LVCP412A Datasheet
1Mb / 26P
[Old version datasheet]   Two Channel SATA 3-Gbps Redriver
SN75LVCP412 TI-SN75LVCP412 Datasheet
1Mb / 21P
[Old version datasheet]   Two Channel SATA 3-Gbps Redriver
SN75LVCP412CD TI1-SN75LVCP412CD Datasheet
789Kb / 21P
[Old version datasheet]   Two Channel SATA 3 Gbps Redriver With Cable Detect
SN75LVPE802 TI1-SN75LVPE802 Datasheet
136Kb / 6P
[Old version datasheet]   Two-Channel 8 Gbps SATA Express Equalizer and Redriver
SN75LVCP601 TI1-SN75LVCP601 Datasheet
2Mb / 23P
[Old version datasheet]   Two-Channel SATA 6-Gb/s Redriver
SN75LVPE801 TI1-SN75LVPE801 Datasheet
3Mb / 34P
[Old version datasheet]   8.0 Gbps SATA Express Equalizer and Redriver
SN65LVPE801 TI1-SN65LVPE801 Datasheet
3Mb / 34P
[Old version datasheet]   8.0 Gbps SATA Express Equalizer and Redriver
SN75LVCP600S TI1-SN75LVCP600S Datasheet
2Mb / 25P
[Old version datasheet]   1.5/3.0/6.0 Gbps SATA/SAS Redriver
TUSB1002A TI1-TUSB1002A Datasheet
1Mb / 31P
[Old version datasheet]   USB3.2 10 Gbps Dual-Channel Linear Redriver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com