Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SN75LVCP422 Datasheet(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
Part # SN75LVCP422
Description  Two Channel SATA 3-Gbps Redriver
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

SN75LVCP422 Datasheet(HTML) 11 Page - Texas Instruments

Back Button SN75LVCP422 Datasheet HTML 7Page - Texas Instruments SN75LVCP422 Datasheet HTML 8Page - Texas Instruments SN75LVCP422 Datasheet HTML 9Page - Texas Instruments SN75LVCP422 Datasheet HTML 10Page - Texas Instruments SN75LVCP422 Datasheet HTML 11Page - Texas Instruments SN75LVCP422 Datasheet HTML 12Page - Texas Instruments SN75LVCP422 Datasheet HTML 13Page - Texas Instruments SN75LVCP422 Datasheet HTML 14Page - Texas Instruments SN75LVCP422 Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 18 page
background image
tPDelay
tPDelay
IN
OUT
50mV
IN+
Vcm
IN-
OUT+
Vcm
OUT-
t
OOB2
t
OOB1
0dB
2.5dB
Vcm
0dB
1-bit
1toNbits
1-bit
1toNbits
tDE
tDE
2.5dB
Diff
TX
VPP
Diff
TX_PE
VPP
SN75LVCP422
www.ti.com ................................................................................................................................................................................................... SLLS972 – MARCH 2009
Figure 4. Propagation Delay Timing Diagram
Figure 5. OOB Enter and Exit Timing
Figure 6. TX Differential Output with 2.5 dB Pre-Emphasis Step
Copyright © 2009, Texas Instruments Incorporated
Submit Documentation Feedback
11
Product Folder Link(s): SN75LVCP422


Similar Part No. - SN75LVCP422

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN75LVCP422 TI-SN75LVCP422 Datasheet
415Kb / 17P
[Old version datasheet]   Two Channel SATA 3-Gbps Redriver
SN75LVCP422DB TI-SN75LVCP422DB Datasheet
415Kb / 17P
[Old version datasheet]   Two Channel SATA 3-Gbps Redriver
SN75LVCP422DBR TI-SN75LVCP422DBR Datasheet
415Kb / 17P
[Old version datasheet]   Two Channel SATA 3-Gbps Redriver
More results

Similar Description - SN75LVCP422

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN75LVCP422 TI-SN75LVCP422 Datasheet
415Kb / 17P
[Old version datasheet]   Two Channel SATA 3-Gbps Redriver
SN75LVCP412A TI-SN75LVCP412A Datasheet
1Mb / 26P
[Old version datasheet]   Two Channel SATA 3-Gbps Redriver
SN75LVCP412 TI-SN75LVCP412 Datasheet
1Mb / 21P
[Old version datasheet]   Two Channel SATA 3-Gbps Redriver
SN75LVCP412CD TI1-SN75LVCP412CD Datasheet
789Kb / 21P
[Old version datasheet]   Two Channel SATA 3 Gbps Redriver With Cable Detect
SN75LVPE802 TI1-SN75LVPE802 Datasheet
136Kb / 6P
[Old version datasheet]   Two-Channel 8 Gbps SATA Express Equalizer and Redriver
SN75LVCP601 TI1-SN75LVCP601 Datasheet
2Mb / 23P
[Old version datasheet]   Two-Channel SATA 6-Gb/s Redriver
SN75LVPE801 TI1-SN75LVPE801 Datasheet
3Mb / 34P
[Old version datasheet]   8.0 Gbps SATA Express Equalizer and Redriver
SN65LVPE801 TI1-SN65LVPE801 Datasheet
3Mb / 34P
[Old version datasheet]   8.0 Gbps SATA Express Equalizer and Redriver
SN75LVCP600S TI1-SN75LVCP600S Datasheet
2Mb / 25P
[Old version datasheet]   1.5/3.0/6.0 Gbps SATA/SAS Redriver
TUSB1002A TI1-TUSB1002A Datasheet
1Mb / 31P
[Old version datasheet]   USB3.2 10 Gbps Dual-Channel Linear Redriver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com