Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SN65LVCP408 Datasheet(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
Part # SN65LVCP408
Description  Gigabit 8 x 8 CROSSPOINT SWITCH
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

SN65LVCP408 Datasheet(HTML) 10 Page - Texas Instruments

Back Button SN65LVCP408 Datasheet HTML 6Page - Texas Instruments SN65LVCP408 Datasheet HTML 7Page - Texas Instruments SN65LVCP408 Datasheet HTML 8Page - Texas Instruments SN65LVCP408 Datasheet HTML 9Page - Texas Instruments SN65LVCP408 Datasheet HTML 10Page - Texas Instruments SN65LVCP408 Datasheet HTML 11Page - Texas Instruments SN65LVCP408 Datasheet HTML 12Page - Texas Instruments SN65LVCP408 Datasheet HTML 13Page - Texas Instruments SN65LVCP408 Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 29 page
background image
100ps/div
Pre-emphasisLevels
1110dB
000dB
013dB
106dB
Eye After43-inchFR-4Trace,Input400mV
PP
50ps/div
Eye After43-inchFR-4Trace,Input400mV
,
Throughthe408WithPre-emphasisat3dB
PP
35-inch,
88,9cmFR4
35-inch,
88,9cmFR4
43-inch,
Output
with0-dB
Preamp
LVCP408
129,54cmFR4
4.25-Gbps
Signal
Generator
PRBS2-1
400mV
Input
7
PP
Output
with10-dB
Preamp
SN65LVCP408
SLLS842A – JUNE 2009 – REVISED JUNE 2010
www.ti.com
TYPICAL DEVICE BEHAVIOR
Figure 10. Preemphasis Signal Shape
Figure 9. Data Input and Output Pattern
Figure 11. Data Output Pattern
10
Submit Documentation Feedback
Copyright © 2009–2010, Texas Instruments Incorporated
Product Folder Link(s): SN65LVCP408


Similar Part No. - SN65LVCP408

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN65LVCP408 TI-SN65LVCP408 Datasheet
1Mb / 25P
[Old version datasheet]   Gigabit 8 x 8 CROSSPOINT SWITCH
SN65LVCP408PAPR TI-SN65LVCP408PAPR Datasheet
1Mb / 25P
[Old version datasheet]   Gigabit 8 x 8 CROSSPOINT SWITCH
SN65LVCP408PAPT TI-SN65LVCP408PAPT Datasheet
1Mb / 25P
[Old version datasheet]   Gigabit 8 x 8 CROSSPOINT SWITCH
More results

Similar Description - SN65LVCP408

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN65LVCP408 TI-SN65LVCP408 Datasheet
1Mb / 25P
[Old version datasheet]   Gigabit 8 x 8 CROSSPOINT SWITCH
logo
Maxim Integrated Produc...
MAX456 MAXIM-MAX456 Datasheet
99Kb / 12P
   8 x 8 Video Crosspoint Switch
Rev 2; 2/94
logo
Vitesse Semiconductor C...
VSC3308 VITESSE-VSC3308 Datasheet
906Kb / 2P
   11.5 Gbps 8 x 8 Crosspoint Switch
logo
National Semiconductor ...
CLC018 NSC-CLC018_06 Datasheet
663Kb / 17P
   8 x 8 Digital Crosspoint Switch, 1.485 Gbps
logo
Analog Devices
ADV3228 AD-ADV3228 Datasheet
559Kb / 24P
   750 MHz, 8 x 8 Analog Crosspoint Switch
logo
National Semiconductor ...
CLC018 NSC-CLC018 Datasheet
217Kb / 18P
   8 x 8 Digital Crosspoint Switch, 1.4 Gbps
logo
Intersil Corporation
CD22M3494 INTERSIL-CD22M3494 Datasheet
47Kb / 7P
   16 x 8 x 1 BiMOS-E Crosspoint Switch
January 1997
CD22M3493 INTERSIL-CD22M3493 Datasheet
37Kb / 6P
   12 x 8 x 1 BiMOS-E Crosspoint Switch
January 1997
CD22M3494MQZ96 INTERSIL-CD22M3494MQZ96 Datasheet
627Kb / 8P
   16 x 8 x 1 BiMOS-E Crosspoint Switch
CD22M3494 INTERSIL-CD22M3494_06 Datasheet
556Kb / 8P
   16 x 8 x 1 BiMOS-E Crosspoint Switch
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com