Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SN65LVCP204 Datasheet(PDF) 10 Page - Texas Instruments

Part # SN65LVCP204
Description  Gigabit 4 횞 4 CROSSPOINT SWITCH
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

SN65LVCP204 Datasheet(HTML) 10 Page - Texas Instruments

Back Button SN65LVCP204_14 Datasheet HTML 6Page - Texas Instruments SN65LVCP204_14 Datasheet HTML 7Page - Texas Instruments SN65LVCP204_14 Datasheet HTML 8Page - Texas Instruments SN65LVCP204_14 Datasheet HTML 9Page - Texas Instruments SN65LVCP204_14 Datasheet HTML 10Page - Texas Instruments SN65LVCP204_14 Datasheet HTML 11Page - Texas Instruments SN65LVCP204_14 Datasheet HTML 12Page - Texas Instruments SN65LVCP204_14 Datasheet HTML 13Page - Texas Instruments SN65LVCP204_14 Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 22 page
background image
TYPICAL DEVICE BEHAVIOR
50ps/div
50ps/div
Eye After51-inchFR-4 Trace,Input800mV
PP
Eye After51-inchFR-4 Trace,Input800mV
PP,
Throughthe204WithPreemphasisat3dB
100ps/div
PreemphasisLevels
0dB
3dB
6dB
9dB
1
1
0
1
1
0
0
0
SN65LVCP204
SLLS913 – MARCH 2009 ................................................................................................................................................................................................... www.ti.com
NOTE: 51-Inch (129,54-cm) input trace, dR = 2.5 Gbps; 27 – 1 PRBS
Figure 9. Data Input and Output Pattern
Figure 10. Preemphasis Signal Shape
10
Submit Documentation Feedback
Copyright © 2009, Texas Instruments Incorporated
Product Folder Link(s): SN65LVCP204


Similar Part No. - SN65LVCP204_14

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN65LVCP204RGZR TI1-SN65LVCP204RGZR Datasheet
1Mb / 21P
[Old version datasheet]   Gigabit 4 횞 4 CROSSPOINT SWITCH
SN65LVCP204RGZT TI1-SN65LVCP204RGZT Datasheet
1Mb / 21P
[Old version datasheet]   Gigabit 4 횞 4 CROSSPOINT SWITCH
More results

Similar Description - SN65LVCP204_14

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN65LVCP204 TI1-SN65LVCP204 Datasheet
1Mb / 21P
[Old version datasheet]   Gigabit 4 횞 4 CROSSPOINT SWITCH
logo
Vitesse Semiconductor C...
VSC3303XHV VITESSE-VSC3303XHV Datasheet
754Kb / 2P
   8.5 Gbps 4 횞 4 Crosspoint Switch
VSC3304 VITESSE-VSC3304 Datasheet
763Kb / 2P
   8.5 Gbps 4 횞 4 Crosspoint Switch
logo
Texas Instruments
SN65LVCP202 TI1-SN65LVCP202_14 Datasheet
1Mb / 21P
[Old version datasheet]   Gigabit 2 횞 2 CROSSPOINT SWITCH
SN65LVCP202 TI1-SN65LVCP202 Datasheet
1Mb / 20P
[Old version datasheet]   Gigabit 2 횞 2 CROSSPOINT SWITCH
SN65LVCP404 TI1-SN65LVCP404_14 Datasheet
1Mb / 23P
[Old version datasheet]   Gigabit 4x4 CROSSPOINT SWITCH
SN65LVCP404 TI1-SN65LVCP404_15 Datasheet
1Mb / 22P
[Old version datasheet]   Gigabit 4x4 CROSSPOINT SWITCH
SN65LVCP404 TI-SN65LVCP404 Datasheet
1Mb / 21P
[Old version datasheet]   Gigabit 4x4 CROSSPOINT SWITCH
SN65LVCP402 TI1-SN65LVCP402 Datasheet
1Mb / 20P
[Old version datasheet]   Gigabit 2x2 CROSSPOINT SWITCH
logo
STMicroelectronics
M22100 STMICROELECTRONICS-M22100 Datasheet
265Kb / 13P
   4 X 4 CROSSPOINT SWITCH WITH CONTROL MEMORY
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com