Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MB84VD22184EE-90-PBS Datasheet(PDF) 2 Page - Fujitsu Component Limited.

Part # MB84VD22184EE-90-PBS
Description  32M (x 8/x16) FLASH MEMORY & 4M (x 8/x16) STATIC RAM
Download  61 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [Fujitsu Component Limited.]
Direct Link  http://edevice.fujitsu.com/fmd/en/index.html
Logo FUJITSU - Fujitsu Component Limited.

MB84VD22184EE-90-PBS Datasheet(HTML) 2 Page - Fujitsu Component Limited.

  MB84VD22184EE-90-PBS Datasheet HTML 1Page - Fujitsu Component Limited. MB84VD22184EE-90-PBS Datasheet HTML 2Page - Fujitsu Component Limited. MB84VD22184EE-90-PBS Datasheet HTML 3Page - Fujitsu Component Limited. MB84VD22184EE-90-PBS Datasheet HTML 4Page - Fujitsu Component Limited. MB84VD22184EE-90-PBS Datasheet HTML 5Page - Fujitsu Component Limited. MB84VD22184EE-90-PBS Datasheet HTML 6Page - Fujitsu Component Limited. MB84VD22184EE-90-PBS Datasheet HTML 7Page - Fujitsu Component Limited. MB84VD22184EE-90-PBS Datasheet HTML 8Page - Fujitsu Component Limited. MB84VD22184EE-90-PBS Datasheet HTML 9Page - Fujitsu Component Limited. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 61 page
background image
MB84VD2218XEC/EE/2219XEC/EE-90
2
(Continued)
1.FLASH MEMORY
• Simultaneous Read/Write operations (dual bank)
Miltiple devices available with different bank sizes
Host system can program or erase in one bank, then immediately and simultaneously read from the other bank
Zero latency between read and write operations
Read-while-erase
Read-while-program
• Minimum 100,000 write/erase cycles
• Sector erase architecture
Eight 4 K words and sixty three 32 K words.
Any combination of sectors can be concurrently erased. Also supports full chip erase.
• Boot Code Sector Architecture
MB84VD2218X: Top sector
MB84VD2219X: Bottom sector
• Embedded EraseTM Algorithms
Automatically pre-programs and erases the chip or any sector
• Embedded ProgramTM Algorithms
Automatically writes and verifies data at specified address
•Data Polling and Toggle Bit feature for detection of program or erase cycle completion
• Ready-Busy output (RY/BY)
Hardware method for detection of program or erase cycle completion
• Automatic sleep mode
When addresses remain stable, automatically switch themselves to low power mode.
•Low VCCf write inhibit
≤ 2.5 V
• Hidden ROM (Hi-ROM) region
64K byte of Hi-ROM, accessible through a new “Hi-ROM Enable” command sequence
Factory serialized and protected to provide a secure electronic serial number (ESN)
•WP/ACC input pin
At VIL, allows protection of boot sectors, regardless of sector protection/unprotection status
(MB84VD2218XEC/EE:SA69,SA70 MB84VD2219XEC/EE:SA0,SA1)
At VIH, allows removal of boot sector protection
At VACC, program time will reduse by 40%.
• Erase Suspend/Resume
Suspends the erase operation to allow a read in another sector within the same device
• Please refer to “MBM29DL32XTE/BE” data sheet in detailed function
2.SRAM
• Power dissipation
Operating : 50 mA max.
Standby : 15
µA max.
• Power down features using CE1s and CE2s
• Data retention supply voltage: 1.5 V to 3.3 V
•CE1s and CE2s Chip Select
• Byte data control: LBs(DQ0-DQ7), UBs(DQ8-DQ15)


Similar Part No. - MB84VD22184EE-90-PBS

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
MB84VD22184EG FUJITSU-MB84VD22184EG Datasheet
1Mb / 63P
   32M (x 8/x16) FLASH MEMORY & 4M (x 8/x16) STATIC RAM
MB84VD22184EG-90 FUJITSU-MB84VD22184EG-90 Datasheet
1Mb / 63P
   32M (x 8/x16) FLASH MEMORY & 4M (x 8/x16) STATIC RAM
MB84VD22184EG-90-PBS FUJITSU-MB84VD22184EG-90-PBS Datasheet
1Mb / 63P
   32M (x 8/x16) FLASH MEMORY & 4M (x 8/x16) STATIC RAM
MB84VD22184EH FUJITSU-MB84VD22184EH Datasheet
1Mb / 63P
   32M (x 8/x16) FLASH MEMORY & 4M (x 8/x16) STATIC RAM
MB84VD22184EH-90 FUJITSU-MB84VD22184EH-90 Datasheet
1Mb / 63P
   32M (x 8/x16) FLASH MEMORY & 4M (x 8/x16) STATIC RAM
More results

Similar Description - MB84VD22184EE-90-PBS

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
MB84VD2218XEG FUJITSU-MB84VD2218XEG Datasheet
1Mb / 63P
   32M (x 8/x16) FLASH MEMORY & 4M (x 8/x16) STATIC RAM
MB84VD2228 FUJITSU-MB84VD2228 Datasheet
1Mb / 63P
   32M (x 8/x16) FLASH MEMORY & 8M (x 8/x16) STATIC RAM
MB84VD2228XEA FUJITSU-MB84VD2228XEA Datasheet
1Mb / 63P
   32M (X 8/X16) FLASH MEMORY & 8M (X 8/X16) STATIC RAM
MB84VD2208XEA FUJITSU-MB84VD2208XEA Datasheet
1Mb / 61P
   32M (X 8/X16) FLASH MEMORY & 2M (X 8/X16) STATIC RAM
logo
SPANSION
MB84VD22184FM-70 SPANSION-MB84VD22184FM-70 Datasheet
671Kb / 46P
   32M (X16) FLASH MEMORY & 4M (X16) STATIC RAM
MB84VD22181FM-70 SPANSION-MB84VD22181FM-70 Datasheet
689Kb / 47P
   32M (X16) FLASH MEMORY & 4M (X16) STATIC RAM
MB84VD22184FM SPANSION-MB84VD22184FM Datasheet
720Kb / 47P
   32M (x16) FLASH MEMORY AND 4M (x16) STATIC RAM
logo
Fujitsu Component Limit...
MB84VA2102 FUJITSU-MB84VA2102 Datasheet
422Kb / 29P
   16M (x16) FLASH MEMORY & 2M (x 8) STATIC RAM
logo
SPANSION
MB84VD22280FA-70 SPANSION-MB84VD22280FA-70 Datasheet
690Kb / 47P
   32M (X16) FLASH MEMORY & 8M (X16) STATIC RAM
logo
Fujitsu Component Limit...
MB84VA2106 FUJITSU-MB84VA2106 Datasheet
423Kb / 29P
   16M (x16) FLASH MEMORY & 1M (x 8) STATIC RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com