Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

620 Datasheet(PDF) 2 Page - Oscilent Corporation

Part # 620
Description  Low Profile
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSCILENT [Oscilent Corporation]
Direct Link  http://www.oscilent.com
Logo OSCILENT - Oscilent Corporation

620 Datasheet(HTML) 2 Page - Oscilent Corporation

  620 Datasheet HTML 1Page - Oscilent Corporation 620 Datasheet HTML 2Page - Oscilent Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
.
Crystal Oscillators | Quartz Crystal | TCXO | VCXO | IF SAW Filter | RF SAW Filter | Ceramic Resonator
Crystal Filter | Ceramic Filter | SAW Filter / SAW Devices | Site Map
622
ZTT-MX
13.01 ~ 60.00
10.0
10.0
623
ZTT-MGL
3.00 ~ 8.00
9.0
5.5
PART NUMBER GUIDE
Part Number
Frequency
Load Capacitance
Frequency
Accuracy ( % )
Operating
Temp ( °C )
Packaging**
622
- 20.0M
- 33
- 03
W
- TR
620 to 623 (see table
above)
e.g. -12.1M = 12.10 MHz
Range =1.79 ~ 60.0 MHz
Blank* = Standard as
shown in above Table
Custom = Enter
desired value
e.g. -33 = 33pF
Blank* = ±0.5%
-03 = ±0.3%
Blank* = -20 ~ +80
-N = -40 ~ +85
-W = -40 ~ +125
Blank* = Bulk
-TT = Ammo
Pack (Qty = 2K)
NOTE: Deviations on all parameters available. Please consult Oscilent for details.
DEFINITIONS: Click on the characteristic names above, for definitions of the particular characteristic.
*STANDARDS: "Blank" part number selections, indicate standard variables for the particular characteristic.
**PACKAGING: Click on the packaging name above for Ammo Pack specifications
Oscilent Corporation - CALL 949.252.0522
18195 East McDurmott Street . Building D . Irvine . CA 92614 . USA
Fax: 949.252.0599 . E-Mail: Sales@Oscilent.com
Series No.:
620 to 623
Page 2 of 2
Oscilent Corporation | 620 - 623 Series Ceramic Resonator


Similar Part No. - 620

ManufacturerPart #DatasheetDescription
logo
Zetex Semiconductors
620 ZETEX-620 Datasheet
240Kb / 6P
   SuperSOT??80V NPN SILICON LOW SATURATION TRANSISTOR
logo
ebm-papst
620 EBMPAPST-620 Datasheet
375Kb / 3P
   DC axial fans
620 EBMPAPST-620 Datasheet
704Kb / 3P
   DC axial fans
620 EBMPAPST-620 Datasheet
345Kb / 3P
   DC axial fans
620 EBMPAPST-620 Datasheet
430Kb / 3P
   DC axial fans
More results

Similar Description - 620

ManufacturerPart #DatasheetDescription
logo
AAEON Technology
EMB-Q170B AAEON-EMB-Q170B Datasheet
280Kb / 2P
   low profile
logo
ECS, Inc.
ECS-TXO-2520 ECS-ECS-TXO-2520 Datasheet
591Kb / 2P
   Low Profile
logo
Oscilent Corporation
650-450.0M OSCILENT-650-450.0M Datasheet
139Kb / 2P
   Low Profile
logo
AVX Corporation
TAJY476K025RNJ AVX-TAJY476K025RNJ Datasheet
121Kb / 5P
   Low Profile
TAJV107K025RNJ AVX-TAJV107K025RNJ Datasheet
115Kb / 5P
   Low Profile
logo
Oscilent Corporation
650 OSCILENT-650 Datasheet
139Kb / 2P
   Low Profile
logo
AVX Corporation
TAJC107K010RNJV AVX-TAJC107K010RNJV Datasheet
110Kb / 5P
   Low Profile
logo
Everlight Electronics C...
EALP03SXBYA0-AM EVERLIGHT-EALP03SXBYA0-AM Datasheet
550Kb / 15P
   Low profile.
logo
AVX Corporation
NOJ-LP AVX-NOJ-LP Datasheet
258Kb / 4P
   Low Profile
logo
Taoglas antenna solutio...
CA.50 TAOGLAS-CA.50 Datasheet
1Mb / 19P
   Low profile
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com