Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

641-433.42M Datasheet(PDF) 3 Page - Oscilent Corporation

Part # 641-433.42M
Description  Two-Port 180째 SAW
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSCILENT [Oscilent Corporation]
Direct Link  http://www.oscilent.com
Logo OSCILENT - Oscilent Corporation

641-433.42M Datasheet(HTML) 3 Page - Oscilent Corporation

  641-433.42M Datasheet HTML 1Page - Oscilent Corporation 641-433.42M Datasheet HTML 2Page - Oscilent Corporation 641-433.42M Datasheet HTML 3Page - Oscilent Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
Crystal Oscillators | Quartz Crystal | TCXO | VCXO | IF SAW Filter | RF SAW Filter | Ceramic Resonator
Crystal Filter | Ceramic Filter | SAW Filter / SAW Devices | Site Map
Page 3 of 3
Oscilent Corporation | 641
12/28/2005
http://www.oscilent.com/spec_pages/Resonators/R-641.htm


Similar Part No. - 641-433.42M

ManufacturerPart #DatasheetDescription
logo
Oscilent Corporation
641-433.42M OSCILENT-641-433.42M Datasheet
139Kb / 3P
   Two-Port 180째 SAW
More results

Similar Description - 641-433.42M

ManufacturerPart #DatasheetDescription
logo
Oscilent Corporation
641-384.05M OSCILENT-641-384.05M Datasheet
139Kb / 3P
   Two-Port 180째 SAW
logo
ECS, Inc.
ECS-DR2 ECS-ECS-DR2 Datasheet
185Kb / 1P
   TWO-PORT 180째 SAW RESONATOR
logo
Advanced Crystal Techno...
ACTQ433 ACT-ACTQ433 Datasheet
63Kb / 3P
   two-port, 180째 surface-acoustic-wave (SAW) resonator
SEPT 04
logo
Oscilent Corporation
640-260.0M OSCILENT-640-260.0M Datasheet
141Kb / 3P
   One-Port 180째 SAW
643 OSCILENT-643 Datasheet
124Kb / 2P
   Two-Port SAW
643-418.0M OSCILENT-643-418.0M Datasheet
124Kb / 2P
   Two-Port SAW
logo
Vanlong Technology Co.,...
SQ403 VANLONG-SQ403 Datasheet
121Kb / 2P
   403.55 MHz Two-Port SAW Resonator
SQ865 VANLONG-SQ865 Datasheet
115Kb / 2P
   865.00 MHz Two-Port SAW Resonator
SQ418 VANLONG-SQ418 Datasheet
121Kb / 2P
   418.00 MHz Two-Port SAW Resonator
SQ868M30 VANLONG-SQ868M30 Datasheet
125Kb / 2P
   868.30 MHz Two-Port SAW Resonator
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com