Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLV1702 Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Part # TLV1702
Description  2.2-V to 36-V, microPower Comparator
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TLV1702 Datasheet(HTML) 5 Page - Texas Instruments

  TLV1702 Datasheet HTML 1Page - Texas Instruments TLV1702 Datasheet HTML 2Page - Texas Instruments TLV1702 Datasheet HTML 3Page - Texas Instruments TLV1702 Datasheet HTML 4Page - Texas Instruments TLV1702 Datasheet HTML 5Page - Texas Instruments TLV1702 Datasheet HTML 6Page - Texas Instruments TLV1702 Datasheet HTML 7Page - Texas Instruments TLV1702 Datasheet HTML 8Page - Texas Instruments TLV1702 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 18 page
background image
Time (300 ns/div)
C016
Output Voltage
Input Voltage
t
pLH = 722 ns
V
S = ±18 V, Overdrive = 100 mV
Time (150 ns/div)
C015
Output Voltage
Input Voltage
t
pLH = 479 ns
V
S = ±18 V, Overdrive = 100 mV
0n
500n
 
 
 
 
 
1p
10p
100p
1n
Output Capacitive Load (F)
2.2 V Supply
]18 V Supply
C017
t
pHL
t
pLH
0
200
400
600
800
1000
1200
-50
-25
0
25
50
75
100
125
Temperature (SC)
2.2 V Supply
]18 V Supply
C010
V
OD = 100 mV
t
pLH
t
pHL
±3
±2
±1
0
1
2
3
0
6
12
18
24
30
36
Supply Voltage (V)
C028
16 Typical Units Shown
0
200
400
600
800
1000
1200
1400
1600
0
200
400
600
800
1000
Input Overdrive (mV)
]18 V Supply
2.2 V Supply
C008
t
pLH
t
pHL
TLV1701
TLV1702
TLV1704
www.ti.com
SBOS589 – DECEMBER 2013
TYPICAL CHARACTERISTICS (continued)
At TA = +25°C, VCC = +5 V, RPULL-UP = 5.1 kΩ, and input overdrive = 100 mV, unless otherwise noted.
Figure 7. OFFSET VOLTAGE vs SUPPLY VOLTAGE
Figure 8. PROPAGATION DELAY vs INPUT OVERDRIVE
Figure 9. PROPAGATION DELAY vs CAPACITIVE LOAD
Figure 10. PROPAGATION DELAY vs TEMPERATURE
Figure 11. PROPAGATION DELAY (tpLH)
Figure 12. PROPAGATION DELAY (tpHL)
(VS = ±18 V, Overdrive = 100 mV)
(VS = ±18 V, Overdrive = 100 mV)
Copyright © 2013, Texas Instruments Incorporated
Submit Documentation Feedback
5
Product Folder Links: TLV1701 TLV1702 TLV1704


Similar Part No. - TLV1702

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLV1702 TI1-TLV1702 Datasheet
1Mb / 27P
[Old version datasheet]   2.2-V to 36-V, microPower Comparator
TLV1702 TI1-TLV1702 Datasheet
1Mb / 29P
[Old version datasheet]   TLV170x-Q1 2.2-V to 36-V, microPower Comparator
TLV1702-Q1 TI-TLV1702-Q1 Datasheet
1Mb / 23P
[Old version datasheet]   TLV170x-Q1 2.2-V to 36-V, microPower Comparator
TLV1702-Q1 TI1-TLV1702-Q1 Datasheet
1Mb / 24P
[Old version datasheet]   microPower Comparator
TLV1702-Q1 TI1-TLV1702-Q1 Datasheet
1Mb / 27P
[Old version datasheet]   2.2-V to 36-V, microPower Comparator
More results

Similar Description - TLV1702

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLV1701-Q1 TI1-TLV1701-Q1 Datasheet
1Mb / 27P
[Old version datasheet]   2.2-V to 36-V, microPower Comparator
TLV1701 TI-TLV1701_15 Datasheet
1Mb / 33P
[Old version datasheet]   TLV170x 2.2-V to 36-V, microPower Comparator
TLV1702-Q1 TI-TLV1702-Q1 Datasheet
1Mb / 23P
[Old version datasheet]   TLV170x-Q1 2.2-V to 36-V, microPower Comparator
TLV1701-Q1 TI1-TLV1701-Q1_V01 Datasheet
1Mb / 29P
[Old version datasheet]   TLV170x-Q1 2.2-V to 36-V, microPower Comparator
TLV1704-SEP TI1-TLV1704-SEP Datasheet
1Mb / 22P
[Old version datasheet]   2.2-V to 36-V, Radiation Hardened microPower Quad Comparator in Space Enhanced Plastic
TLV1704-SEP TI1-TLV1704-SEP_19 Datasheet
1Mb / 22P
[Old version datasheet]   2.2-V to 36-V, Radiation Hardened microPower Quad Comparator in Space Enhanced Plastic
TLV6713 TI1-TLV6713_18 Datasheet
365Kb / 21P
[Old version datasheet]   Micropower, 36-V Comparator With 400-mV Reference
TLV6713 TI1-TLV6713 Datasheet
328Kb / 19P
[Old version datasheet]   Micropower, 36-V Comparator With 400-mV Reference
TLV6710 TI1-TLV6710 Datasheet
502Kb / 23P
[Old version datasheet]   Micropower, 36-V Window Comparator With 400-mV Reference
TLV6710 TI1-TLV6710_18 Datasheet
539Kb / 25P
[Old version datasheet]   Micropower, 36-V Window Comparator With 400-mV Reference
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com