Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLV3502 Datasheet(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
Part # TLV3502
Description  2.2-V to 36-V, microPower Comparator
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TLV3502 Datasheet(HTML) 10 Page - Texas Instruments

Back Button TLV3502 Datasheet HTML 6Page - Texas Instruments TLV3502 Datasheet HTML 7Page - Texas Instruments TLV3502 Datasheet HTML 8Page - Texas Instruments TLV3502 Datasheet HTML 9Page - Texas Instruments TLV3502 Datasheet HTML 10Page - Texas Instruments TLV3502 Datasheet HTML 11Page - Texas Instruments TLV3502 Datasheet HTML 12Page - Texas Instruments TLV3502 Datasheet HTML 13Page - Texas Instruments TLV3502 Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 18 page
background image
PACKAGE OPTION ADDENDUM
www.ti.com
17-May-2014
Addendum-Page 1
PACKAGING INFORMATION
Orderable Device
Status
(1)
Package Type Package
Drawing
Pins Package
Qty
Eco Plan
(2)
Lead/Ball Finish
(6)
MSL Peak Temp
(3)
Op Temp (°C)
Device Marking
(4/5)
Samples
TLV1702AIDGK
ACTIVE
VSSOP
DGK
8
80
Green (RoHS
& no Sb/Br)
CU NIPDAUAG
Level-1-260C-UNLIM
-40 to 125
1702
TLV1702AIDGKR
ACTIVE
VSSOP
DGK
8
2500
Green (RoHS
& no Sb/Br)
CU NIPDAUAG
Level-1-260C-UNLIM
-40 to 125
1702
TLV1704AIPW
PREVIEW
TSSOP
PW
14
90
Green (RoHS
& no Sb/Br)
CU NIPDAU
Level-2-260C-1 YEAR
-40 to 125
TL1704
TLV1704AIPWR
PREVIEW
TSSOP
PW
14
2000
Green (RoHS
& no Sb/Br)
CU NIPDAU
Level-2-260C-1 YEAR
-40 to 125
TL1704
(1) The marketing status values are defined as follows:
ACTIVE: Product device recommended for new designs.
LIFEBUY: TI has announced that the device will be discontinued, and a lifetime-buy period is in effect.
NRND: Not recommended for new designs. Device is in production to support existing customers, but TI does not recommend using this part in a new design.
PREVIEW: Device has been announced but is not in production. Samples may or may not be available.
OBSOLETE: TI has discontinued the production of the device.
(2) Eco Plan - The planned eco-friendly classification: Pb-Free (RoHS), Pb-Free (RoHS Exempt), or Green (RoHS & no Sb/Br) - please check http://www.ti.com/productcontent for the latest availability
information and additional product content details.
TBD: The Pb-Free/Green conversion plan has not been defined.
Pb-Free (RoHS): TI's terms "Lead-Free" or "Pb-Free" mean semiconductor products that are compatible with the current RoHS requirements for all 6 substances, including the requirement that
lead not exceed 0.1% by weight in homogeneous materials. Where designed to be soldered at high temperatures, TI Pb-Free products are suitable for use in specified lead-free processes.
Pb-Free (RoHS Exempt): This component has a RoHS exemption for either 1) lead-based flip-chip solder bumps used between the die and package, or 2) lead-based die adhesive used between
the die and leadframe. The component is otherwise considered Pb-Free (RoHS compatible) as defined above.
Green (RoHS & no Sb/Br): TI defines "Green" to mean Pb-Free (RoHS compatible), and free of Bromine (Br) and Antimony (Sb) based flame retardants (Br or Sb do not exceed 0.1% by weight
in homogeneous material)
(3) MSL, Peak Temp. - The Moisture Sensitivity Level rating according to the JEDEC industry standard classifications, and peak solder temperature.
(4) There may be additional marking, which relates to the logo, the lot trace code information, or the environmental category on the device.
(5) Multiple Device Markings will be inside parentheses. Only one Device Marking contained in parentheses and separated by a "~" will appear on a device. If a line is indented then it is a continuation
of the previous line and the two combined represent the entire Device Marking for that device.
(6) Lead/Ball Finish - Orderable Devices may have multiple material finish options. Finish options are separated by a vertical ruled line. Lead/Ball Finish values may wrap to two lines if the finish
value exceeds the maximum column width.


Similar Part No. - TLV3502

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLV3502 TI-TLV3502 Datasheet
381Kb / 15P
[Old version datasheet]   4.5ns Rail-to-Rail, High-Speed Comparator in Microsize Packages
TLV3502 TI1-TLV3502 Datasheet
780Kb / 21P
[Old version datasheet]   4.5ns Rail-to-Rail, High-Speed Comparator in Microsize Packages
TLV3502 TI-TLV3502 Datasheet
763Kb / 21P
[Old version datasheet]   4.5ns Rail-to-Rail, High-Speed Comparator in Microsize Packages
TLV3502 TI1-TLV3502 Datasheet
3Mb / 24P
[Old version datasheet]   0.9-V to 6.5-V, Nanopower Comparator
TLV3502-Q1 TI1-TLV3502-Q1 Datasheet
575Kb / 17P
[Old version datasheet]   4.5-ns RAIL-TO-RAIL HIGH-SPEED COMPARATOR
More results

Similar Description - TLV3502

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLV1701-Q1 TI1-TLV1701-Q1 Datasheet
1Mb / 27P
[Old version datasheet]   2.2-V to 36-V, microPower Comparator
TLV1701 TI-TLV1701_15 Datasheet
1Mb / 33P
[Old version datasheet]   TLV170x 2.2-V to 36-V, microPower Comparator
TLV1702-Q1 TI-TLV1702-Q1 Datasheet
1Mb / 23P
[Old version datasheet]   TLV170x-Q1 2.2-V to 36-V, microPower Comparator
TLV1701-Q1 TI1-TLV1701-Q1_V01 Datasheet
1Mb / 29P
[Old version datasheet]   TLV170x-Q1 2.2-V to 36-V, microPower Comparator
TLV1704-SEP TI1-TLV1704-SEP Datasheet
1Mb / 22P
[Old version datasheet]   2.2-V to 36-V, Radiation Hardened microPower Quad Comparator in Space Enhanced Plastic
TLV1704-SEP TI1-TLV1704-SEP_19 Datasheet
1Mb / 22P
[Old version datasheet]   2.2-V to 36-V, Radiation Hardened microPower Quad Comparator in Space Enhanced Plastic
TLV6713 TI1-TLV6713_18 Datasheet
365Kb / 21P
[Old version datasheet]   Micropower, 36-V Comparator With 400-mV Reference
TLV6713 TI1-TLV6713 Datasheet
328Kb / 19P
[Old version datasheet]   Micropower, 36-V Comparator With 400-mV Reference
TLV6710 TI1-TLV6710 Datasheet
502Kb / 23P
[Old version datasheet]   Micropower, 36-V Window Comparator With 400-mV Reference
TLV6710 TI1-TLV6710_18 Datasheet
539Kb / 25P
[Old version datasheet]   Micropower, 36-V Window Comparator With 400-mV Reference
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com