Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SC560H Datasheet(PDF) 7 Page - Semtech Corporation

Part # SC560H
Description  Dual Output Low Noise LDO Linear Regulator
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC560H Datasheet(HTML) 7 Page - Semtech Corporation

Back Button SC560H Datasheet HTML 3Page - Semtech Corporation SC560H Datasheet HTML 4Page - Semtech Corporation SC560H Datasheet HTML 5Page - Semtech Corporation SC560H Datasheet HTML 6Page - Semtech Corporation SC560H Datasheet HTML 7Page - Semtech Corporation SC560H Datasheet HTML 8Page - Semtech Corporation SC560H Datasheet HTML 9Page - Semtech Corporation SC560H Datasheet HTML 10Page - Semtech Corporation SC560H Datasheet HTML 11Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 18 page
background image
SC560
7
Pin Con gurations and Descriptions
Pin #
Pin
Name
Pin Function
SC560A
SC560B
SC560C
SC560
Fixed Output
1
1
1
1
OUTB
Output for LDOB
2
2
2
2
VIN
Input supply voltage terminal
3
3
3
3
OUTA
Output for LDOA
4
4
4
FBA
Feedback sense pin for LDOA — Connect this pin to an
external resistor divider to set V
OUTA
5
5
5
5
GND
Analog and digital ground
6
6
6
6
EN
Logic input — active HIGH enables both LDOs for the SC560A and
SC560C, or LDOA for all other variants. EN must be active in the
SC560B and the xed output variants before ENB can be activated.
7
7
BYP
LDO bypass output — Bypass with a 22nF capacitor
7
4
ENB
Logic input — active HIGH enables LDOB for SC560B and the xed
voltage variants.
7
8
PGOOD
Power Good output — monitors the level of LDOA, switches low
when the output drops out of regulation (PGOOD is open drain).
8
8
8
FBB
Feedback sense pin for LDOB — Connect this pin to an external
resistor divider to set V
OUTB
Typical Characteristics (continued)
SC560A Noise Spectrum
1
10
100
1000
10000
0 .01
0 .1
1
10
100
1000
Frequency (kHz)
V
IN = 5V, FB = 10kΩ//0.1μF+5kΩ, by pass=22nF, COUT=1μF
SC560A PSRR vs. Frequency (Both LDOs)
0
10
20
30
40
50
60
70
80
90
0 .1
1
10
100
1000
10000
Frequency (kHz)
V
IN = 5V, FB = 10kΩ//0.1μF+5kΩ, Load=10mA, by pass=22nF, COUT=10μF


Similar Part No. - SC560H

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
SC560HULTRT SEMTECH-SC560HULTRT Datasheet
312Kb / 18P
   Dual Output Low Noise LDO Linear Regulator
More results

Similar Description - SC560H

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
SC560 SEMTECH-SC560 Datasheet
285Kb / 15P
   Dual Output Low Noise LDO Linear Regulator
SC561 SEMTECH-SC561 Datasheet
277Kb / 15P
   Dual Output Low Noise LDO Linear Regulator
SC560 SEMTECH-SC560_08 Datasheet
291Kb / 15P
   Dual Output Low Noise LDO Linear Regulator
SC1458 SEMTECH-SC1458 Datasheet
212Kb / 13P
   Dual Output Low Noise LDO Linear Regulator
SC560CULTRT SEMTECH-SC560CULTRT Datasheet
275Kb / 15P
   Dual Output Low Noise LDO Linear Regulator
SC560HULTRT SEMTECH-SC560HULTRT Datasheet
312Kb / 18P
   Dual Output Low Noise LDO Linear Regulator
SC563 SEMTECH-SC563 Datasheet
1Mb / 16P
   Dual Output 300mA LDO Linear Regulator
logo
Maxim Integrated Produc...
MAX25300A MAXIM-MAX25300A Datasheet
468Kb / 16P
   12μVRMS Low Noise 500mA LDO Linear Regulator
Rev 0; 6/20
MAX25301A MAXIM-MAX25301A Datasheet
468Kb / 15P
   1A Automotive Low-Noise LDO Linear Regulator
2020
MAX38902C MAXIM-MAX38902C Datasheet
451Kb / 13P
   12μVRMS Low Noise 500mA LDO Linear Regulator
Rev 0; 11/17
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com