Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MB90552A Datasheet(PDF) 7 Page - Fujitsu Component Limited.

Part # MB90552A
Description  16-bit Proprietary Microcontroller
Download  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [Fujitsu Component Limited.]
Direct Link  http://edevice.fujitsu.com/fmd/en/index.html
Logo FUJITSU - Fujitsu Component Limited.

MB90552A Datasheet(HTML) 7 Page - Fujitsu Component Limited.

Back Button MB90552A Datasheet HTML 3Page - Fujitsu Component Limited. MB90552A Datasheet HTML 4Page - Fujitsu Component Limited. MB90552A Datasheet HTML 5Page - Fujitsu Component Limited. MB90552A Datasheet HTML 6Page - Fujitsu Component Limited. MB90552A Datasheet HTML 7Page - Fujitsu Component Limited. MB90552A Datasheet HTML 8Page - Fujitsu Component Limited. MB90552A Datasheet HTML 9Page - Fujitsu Component Limited. MB90552A Datasheet HTML 10Page - Fujitsu Component Limited. MB90552A Datasheet HTML 11Page - Fujitsu Component Limited. Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 58 page
background image
MB90550A/550B Series
7
s
s
s
s PIN DESCRIPTION
(Continued)
Pin no.
Pin name
Circuit type
Function
QFP
LQFP
82
80
X0
A
Oscillation pin
83
81
X1
A
Oscillation pin
77
75
RST
B
Reset input pin
52
50
HST
C
Hardware standby input pin
85 to 92 83 to 90
P00 to P07
D
(CMOS)
General-purpose I/O ports.
A pull-up resistor can be added (RD07 to RD00 = 1) by using
the pull-up resistor setting register (RDR0).
D07 to D00 = 1: Disabled when the port is set for output.
AD00 to
AD07
Serve as lower data I/O/lower address output (AD00 to AD07)
pins in the external bus mode.
93 to
100
91 to 98
P10 to P17
D
(CMOS)
General-purpose I/O ports.
A pull-up resistor can be added (RD17 to RD10 = 1) by using the
pull-up resistor setting register (RDR1).
D17 to D10 = 1: Disabled when the port is set for output.
AD08 to
AD15
Serve as upper data I/O/middle address output (AD08 to AD15)
pins in the 16-bit bus-width, external bus mode.
1 to 8
99,100,
1 to 6
P20 to P27
E
(CMOS)
General-purpose I/O ports.
This function is enabled either in single-chip mode or with the
external address output control register set to “Port”.
A16 to A23
External address bus A16 to A23 output pins.
This function is enabled in an external-bus enabled mode with
the external address output register set to “Address”.
97
P30
E
(CMOS)
General-purpose I/O port.
This function is enabled in single-chip mode.
ALE
Address latch enable output pin.
This function is enabled in an external-bus enabled mode.
10
8
P31
E
(CMOS)
General-purpose I/O port.
This function is enabled in single-chip mode.
RD
Read strobe output pin for the data bus.
This function is enabled in an external-bus enabled mode.
12
10
P32
E
(CMOS)
General-purpose I/O port.
This function is enabled in single-chip mode.
WRL
Write strobe output pin for the lower eight bits of the data bus.
This function is enabled in an external-bus enabled mode.
13
11
P33
E
(CMOS)
General-purpose I/O port.
This function is enabled in single-chip mode.
WRH
Write strobe output pin for the upper eight bits of the data bus.
This function is enabled in an external-bus enabled mode.


Similar Part No. - MB90552A

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
MB90552A FUJITSU-MB90552A Datasheet
1Mb / 64P
   16-bit Proprietary Microcontroller
MB90552A FUJITSU-MB90552A Datasheet
1Mb / 64P
   16-bit Proprietary Microcontroller
MB90552APF FUJITSU-MB90552APF Datasheet
1Mb / 74P
   16-bit Proprietary Microcontroller
MB90552APF FUJITSU-MB90552APF Datasheet
1Mb / 64P
   16-bit Proprietary Microcontroller
MB90552APF FUJITSU-MB90552APF Datasheet
1Mb / 64P
   16-bit Proprietary Microcontroller
More results

Similar Description - MB90552A

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
MB90591 FUJITSU-MB90591 Datasheet
714Kb / 51P
   16-bit Proprietary Microcontroller
MB90622A FUJITSU-MB90622A Datasheet
1Mb / 80P
   16-bit Proprietary Microcontroller
MB90632A FUJITSU-MB90632A Datasheet
1Mb / 107P
   16-bit Proprietary Microcontroller
MB90652A FUJITSU-MB90652A Datasheet
1Mb / 120P
   16-bit Proprietary Microcontroller
MB90671 FUJITSU-MB90671 Datasheet
2Mb / 124P
   16-bit Proprietary Microcontroller
MB90F443G FUJITSU-MB90F443G Datasheet
644Kb / 61P
   16-bit Proprietary Microcontroller
MB90223 FUJITSU-MB90223 Datasheet
1Mb / 105P
   16-bit Proprietary Microcontroller
MB90573 FUJITSU-MB90573 Datasheet
2Mb / 135P
   16-bit Proprietary Microcontroller
MB96F348HSBPMC-GSE2 FUJITSU-MB96F348HSBPMC-GSE2 Datasheet
1Mb / 118P
   16-bit Proprietary Microcontroller
MB90550A FUJITSU-MB90550A Datasheet
1Mb / 74P
   16-bit Proprietary Microcontroller
MB90945 FUJITSU-MB90945 Datasheet
700Kb / 68P
   16-bit Proprietary Microcontroller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com