Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MB90611A Datasheet(PDF) 8 Page - Fujitsu Component Limited.

Part # MB90611A
Description  16-bit Proprietary Microcontroller
Download  91 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [Fujitsu Component Limited.]
Direct Link  http://edevice.fujitsu.com/fmd/en/index.html
Logo FUJITSU - Fujitsu Component Limited.

MB90611A Datasheet(HTML) 8 Page - Fujitsu Component Limited.

Back Button MB90611A Datasheet HTML 4Page - Fujitsu Component Limited. MB90611A Datasheet HTML 5Page - Fujitsu Component Limited. MB90611A Datasheet HTML 6Page - Fujitsu Component Limited. MB90611A Datasheet HTML 7Page - Fujitsu Component Limited. MB90611A Datasheet HTML 8Page - Fujitsu Component Limited. MB90611A Datasheet HTML 9Page - Fujitsu Component Limited. MB90611A Datasheet HTML 10Page - Fujitsu Component Limited. MB90611A Datasheet HTML 11Page - Fujitsu Component Limited. MB90611A Datasheet HTML 12Page - Fujitsu Component Limited. Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 91 page
background image
8
MB90610A Series
(Continued)
*1: FPT-100P-M05
*2: FPT-100P-M06
Pin no.
Pin name
Circuit
type
Function
LQFP*1
QFP*2
46
48
P81
D
(CMOS/H)
General purpose I/O port
This applies in all cases.
TIN1
Event input pin for reload timer 1
As the input operates continuously when the reload timer is
set to input operation, output to the pin from other functions
must be stopped unless done intentionally.
47,
48
49,
50
MD0, MD1
E
(CMOS/H)
Input pins for specifying an oprating mode
Connect directly to VCC or VSS.
49
51
MD2
M
(CMOS/H)
Input pins for specifying an oprating mode
Connect directly to VCC or VSS.
50
52
HST
F
(CMOS/H)
Hardware standby input pin
51, 52
53, 54
P82, P83
D
(CMOS/H)
General purpose I/O ports
This applies when output is disabled for reload timers 0 to 1.
TOT0, TOT1
Output pins for reload timers 0 to 1
This applies when output is enabled for reload timers 0 to 1.
53
55
P84
D
(CMOS/H)
General purpose I/O port
This applies in all cases.
SIN0
Serial data input pin for UART0
As the input operates continuously when UART0 is set to
input operation, output to the pin from other functions must be
stopped unless done intentionally.
54
56
P85
D
(CMOS/H)
General purpose I/O port
This applies when serial data output is disabled for UART0.
SOT0
Serial data output pin for UART0
This applies when serial data output is enabled for UART0.
55
57
P86
D
(CMOS/H)
General purpose I/O port
This applies when the UART0 clock output is disabled.
SCK0
Clock I/O pin for UART0
This applies when the UART0 clock output is enabled.
As the input operates continuously when UART0 is set to
input operation, output to the pin from other functions must be
stopped unless done intentionally.
56
58
P90
D
(CMOS/H)
General purpose I/O port
This applies in all cases.
SIN1
Serial data input pin for UART1
As the input operates continuously when UART1 is set to
input operation, output to the pin from other functions must be
stopped unless done intentionally.


Similar Part No. - MB90611A

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
MB90622A FUJITSU-MB90622A Datasheet
1Mb / 80P
   16-bit Proprietary Microcontroller
MB90622PFV FUJITSU-MB90622PFV Datasheet
1Mb / 80P
   16-bit Proprietary Microcontroller
MB90623A FUJITSU-MB90623A Datasheet
1Mb / 80P
   16-bit Proprietary Microcontroller
MB90623PFV FUJITSU-MB90623PFV Datasheet
1Mb / 80P
   16-bit Proprietary Microcontroller
MB90632A FUJITSU-MB90632A Datasheet
1Mb / 107P
   16-bit Proprietary Microcontroller
More results

Similar Description - MB90611A

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
MB90591 FUJITSU-MB90591 Datasheet
714Kb / 51P
   16-bit Proprietary Microcontroller
MB90622A FUJITSU-MB90622A Datasheet
1Mb / 80P
   16-bit Proprietary Microcontroller
MB90632A FUJITSU-MB90632A Datasheet
1Mb / 107P
   16-bit Proprietary Microcontroller
MB90652A FUJITSU-MB90652A Datasheet
1Mb / 120P
   16-bit Proprietary Microcontroller
MB90671 FUJITSU-MB90671 Datasheet
2Mb / 124P
   16-bit Proprietary Microcontroller
MB90F443G FUJITSU-MB90F443G Datasheet
644Kb / 61P
   16-bit Proprietary Microcontroller
MB90223 FUJITSU-MB90223 Datasheet
1Mb / 105P
   16-bit Proprietary Microcontroller
MB90573 FUJITSU-MB90573 Datasheet
2Mb / 135P
   16-bit Proprietary Microcontroller
MB96F348HSBPMC-GSE2 FUJITSU-MB96F348HSBPMC-GSE2 Datasheet
1Mb / 118P
   16-bit Proprietary Microcontroller
MB90550A FUJITSU-MB90550A Datasheet
1Mb / 74P
   16-bit Proprietary Microcontroller
MB90945 FUJITSU-MB90945 Datasheet
700Kb / 68P
   16-bit Proprietary Microcontroller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com