Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MB90428G Datasheet(PDF) 10 Page - Fujitsu Component Limited.

Part # MB90428G
Description  16-Bit Original Microcontroller
Download  99 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [Fujitsu Component Limited.]
Direct Link  http://edevice.fujitsu.com/fmd/en/index.html
Logo FUJITSU - Fujitsu Component Limited.

MB90428G Datasheet(HTML) 10 Page - Fujitsu Component Limited.

Back Button MB90428G Datasheet HTML 6Page - Fujitsu Component Limited. MB90428G Datasheet HTML 7Page - Fujitsu Component Limited. MB90428G Datasheet HTML 8Page - Fujitsu Component Limited. MB90428G Datasheet HTML 9Page - Fujitsu Component Limited. MB90428G Datasheet HTML 10Page - Fujitsu Component Limited. MB90428G Datasheet HTML 11Page - Fujitsu Component Limited. MB90428G Datasheet HTML 12Page - Fujitsu Component Limited. MB90428G Datasheet HTML 13Page - Fujitsu Component Limited. MB90428G Datasheet HTML 14Page - Fujitsu Component Limited. Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 99 page
background image
MB90420G/5G (A) Series
10
(Continued)
* : Type C in the flash ROM models.
Pin no.
Symbol
Circuit
type
Description
LQFP
QFP
47
48
49
50
MD0
MD1
B *
Test mode input pins. Connect to VCC.
49
51
MD2
D *
Text mode input pin. Connect to VSS.
25
27
C
External capacitor pin. Connect an 0.1
µF capacitor between this
pin and VSS.
21, 82
23, 84
VCC
Power supply input pins.
9, 40, 79
11, 42, 81
VSS
GND power supply pins.


Similar Part No. - MB90428G

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
MB90428GA FUJITSU-MB90428GA Datasheet
1Mb / 88P
   16-Bit Original Microcontroller
MB90428GA FUJITSU-MB90428GA Datasheet
1Mb / 88P
   16-Bit Original Microcontroller
MB90428GAPF FUJITSU-MB90428GAPF Datasheet
884Kb / 84P
   16-Bit Original Microcontroller
MB90428GAPF FUJITSU-MB90428GAPF Datasheet
1Mb / 88P
   16-Bit Original Microcontroller
MB90428GAPF FUJITSU-MB90428GAPF Datasheet
1Mb / 88P
   16-Bit Original Microcontroller
More results

Similar Description - MB90428G

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
MB90425G FUJITSU-MB90425G Datasheet
1Mb / 88P
   16-Bit Original Microcontroller
MB90420G FUJITSU-MB90420G_08 Datasheet
1Mb / 88P
   16-Bit Original Microcontroller
MB90M405 FUJITSU-MB90M405_05 Datasheet
572Kb / 64P
   16-Bit Original Microcontroller
MB90420G FUJITSU-MB90420G_04 Datasheet
884Kb / 84P
   16-Bit Original Microcontroller
logo
Toshiba Semiconductor
TMP91FY42FG TOSHIBA-TMP91FY42FG Datasheet
2Mb / 332P
   Original CMOS 16-Bit Microcontroller
TMP92C820FG TOSHIBA-TMP92C820FG Datasheet
2Mb / 382P
   Original CMOS 16-Bit Microcontroller
TMP91C829 TOSHIBA-TMP91C829 Datasheet
1Mb / 204P
   Original CMOS 16-Bit Microcontroller
TMP91CW12A TOSHIBA-TMP91CW12A Datasheet
357Kb / 28P
   Original CMOS 16-Bit Microcontroller
TMP91CY22IFG TOSHIBA-TMP91CY22IFG Datasheet
340Kb / 24P
   Original CMOS 16-Bit Microcontroller
TMP91FY28 TOSHIBA-TMP91FY28 Datasheet
441Kb / 60P
   Original CMOS 16-Bit Microcontroller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com