Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MB90641APF Datasheet(PDF) 9 Page - Fujitsu Component Limited.

Part # MB90641APF
Description  16-bit Proprietary Microcontroller
Download  96 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [Fujitsu Component Limited.]
Direct Link  http://edevice.fujitsu.com/fmd/en/index.html
Logo FUJITSU - Fujitsu Component Limited.

MB90641APF Datasheet(HTML) 9 Page - Fujitsu Component Limited.

Back Button MB90641APF Datasheet HTML 5Page - Fujitsu Component Limited. MB90641APF Datasheet HTML 6Page - Fujitsu Component Limited. MB90641APF Datasheet HTML 7Page - Fujitsu Component Limited. MB90641APF Datasheet HTML 8Page - Fujitsu Component Limited. MB90641APF Datasheet HTML 9Page - Fujitsu Component Limited. MB90641APF Datasheet HTML 10Page - Fujitsu Component Limited. MB90641APF Datasheet HTML 11Page - Fujitsu Component Limited. MB90641APF Datasheet HTML 12Page - Fujitsu Component Limited. MB90641APF Datasheet HTML 13Page - Fujitsu Component Limited. Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 96 page
background image
9
MB90640A Series
(Continued)
*1: FPT-100P-M05
*2: FPT-100P-M06
Pin no.
Pin name
Circuit
type
Function
LQFP*1
QFP*2
45,
46
47,
48
P80,
P81
H
(CMOS/H)
General purpose I/O ports
This applies when output is disabled for reload timers.
INT7,
INT0
External interrupt request input pin
As the input operates continuously when the external
interrupt is enabled, output to the pin from other functions
must be stopped unless done intentionally.
TIM0,
TIM1
I/O pins for reload timers
Input is used only as necessary while serving as input for
the reload timer.
It is therefore necessary to stop output beforehand using
other functions unless intentionally used otherwise.
Their function as output terminals for the reload timer is
activated when the output specification is enabled.
51,
52
53,
54
P82,
P83
D
(CMOS/H)
General purpose I/O ports
This applies when output is disabled for reload timers.
TIM2,
TIM3
I/O pins for reload timers
Input is used only as necessary while serving as input for
the reload timer. It is therefore necessary to stop output
beforehand using other functions unless intentionally used
otherwise.
Their function as output terminals for the reload timer is
activated when the output specification is enabled.
53
55
P84
D
(CMOS/H)
General purpose I/O port
This applies in all cases.
SIN0
Serial data input pin for UART0
As the input operates continuously when UART0 is set to
input operation, output to the pin from other functions must
be stopped unless done intentionally.
54
56
P85
D
(CMOS/H)
General purpose I/O port
This applies when serial data output is disabled for UART0.
SOT0
Serial data output pin for UART0
This applies when serial data output is enabled for UART0.
55
57
P86
D
(CMOS/H)
General purpose I/O port
This applies when the UART0 clock output is disabled.
SCK0
Clock I/O pin for UART0
This applies when the UART0 clock output is enabled.
As the input operates continuously when UART0 is set to
input operation, output to the pin from other functions must
be stopped unless done intentionally.
56
58
P90
D
(CMOS/H)
General purpose I/O port
This applies in all cases.
SIN1
Serial data input pin for UART1
As the input operates continuously when UART1 is set to
input operation, output to the pin from other functions must
be stopped unless done intentionally.


Similar Part No. - MB90641APF

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
MB90611A FUJITSU-MB90611A Datasheet
1Mb / 91P
   16-bit Proprietary Microcontroller
MB90611APF FUJITSU-MB90611APF Datasheet
1Mb / 91P
   16-bit Proprietary Microcontroller
MB90611APFV FUJITSU-MB90611APFV Datasheet
1Mb / 91P
   16-bit Proprietary Microcontroller
MB90613A FUJITSU-MB90613A Datasheet
1Mb / 91P
   16-bit Proprietary Microcontroller
MB90622A FUJITSU-MB90622A Datasheet
1Mb / 80P
   16-bit Proprietary Microcontroller
More results

Similar Description - MB90641APF

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
MB90591 FUJITSU-MB90591 Datasheet
714Kb / 51P
   16-bit Proprietary Microcontroller
MB90622A FUJITSU-MB90622A Datasheet
1Mb / 80P
   16-bit Proprietary Microcontroller
MB90632A FUJITSU-MB90632A Datasheet
1Mb / 107P
   16-bit Proprietary Microcontroller
MB90652A FUJITSU-MB90652A Datasheet
1Mb / 120P
   16-bit Proprietary Microcontroller
MB90671 FUJITSU-MB90671 Datasheet
2Mb / 124P
   16-bit Proprietary Microcontroller
MB90F443G FUJITSU-MB90F443G Datasheet
644Kb / 61P
   16-bit Proprietary Microcontroller
MB90223 FUJITSU-MB90223 Datasheet
1Mb / 105P
   16-bit Proprietary Microcontroller
MB90573 FUJITSU-MB90573 Datasheet
2Mb / 135P
   16-bit Proprietary Microcontroller
MB96F348HSBPMC-GSE2 FUJITSU-MB96F348HSBPMC-GSE2 Datasheet
1Mb / 118P
   16-bit Proprietary Microcontroller
MB90550A FUJITSU-MB90550A Datasheet
1Mb / 74P
   16-bit Proprietary Microcontroller
MB90945 FUJITSU-MB90945 Datasheet
700Kb / 68P
   16-bit Proprietary Microcontroller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com